Part Number Hot Search : 
BC807U 75M00 XFATM6 33981 75000 VLX85 LTM4623 CDE32P
Product Description
Full Text Search
 

To Download SP741 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 polyfet rf devices
SP741
General Description Silicon VDMOS and LDMOS transistors designed specifically for broadband RF applications. Suitable for Militry Radios, Cellular and Paging Amplifier Base Stations, Broadcast FM/AM, MRI, Laser Driver and others. "Polyfet" process features low feedback and output capacitances resulting in high F t transistors with high input impedance and high efficiency.
TM
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR 25.0 Watts Single Ended Package Style AP HIGH EFFICIENCY, LINEAR HIGH GAIN, LOW NOISE
o
ABSOLUTE MAXIMUM RATINGS ( T = 25 C )
Total Device Dissipation 60 Watts Junction to Case Thermal Resistance o 2.80 C/W Maximum Junction Temperature o 200 C Storage Temperature o o -65 C to 150 C DC Drain Current Drain to Gate Voltage 125 V Drain to Source Voltage 125 V Gate to Source Voltage 20 V
2.5 A
RF CHARACTERISTICS (
SYMBOL Gps PARAMETER Common Source Power Gain Drain Efficiency Load Mismatch Tolerance MIN 12 50 TYP
25.0 WATTS OUTPUT )
MAX UNITS dB % 20:1 TEST CONDITIONS Idq = 0.20 A, Vds = 50.0 V, F = Idq = 0.20 A, Vds = 50.0 V, F =
400 MHz 400 MHz
VSWR
Relative Idq = 0.20 A, Vds = 50.0 V, F = 400 MHz
ELECTRICAL CHARACTERISTICS ( EACH SIDE )
SYMBOL Bvdss Idss Igss Vgs gM Rdson Idsat Ciss Crss Coss PARAMETER Drain Breakdown Voltage Zero Bias Drain Current Gate Leakage Current Gate Bias for Drain Current Forward Transconductance Saturation Resistance Saturation Current Common Source Input Capacitance Common Source Feedback Capacitance Common Source Output Capacitance 1 0.8 2.50 3.50 48.0 0.2 17.0 MIN 125 1.0 1 7 TYP MAX UNITS V mA uA V Mho Ohm Amp pF pF pF TEST CONDITIONS Ids = 10.00 mA, Vgs = 0V Vds = 50.0 V, Vgs = 0V Vds = 0V Vgs = 30V Ids = 0.05 A, Vgs = Vds Vds = 10V, Vgs = 5V Vgs = 20V, Ids = 1.00 A Vgs = 20V, Vds = 10V Vds = 50.0 Vgs = 0V, F = 1 MHz Vds = 50.0 Vgs = 0V, F = 1 MHz Vds = 50.0 Vgs = 0V, F = 1 MHz
POLYFET RF DEVICES
REVISION 03/08/2001
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
SP741
POUT VS PIN GRAPH
SP741 Pin vs Pout Freq=400MHz, VDS=50V, Idq=.2A
18.00 32 17.00 28 24 20 16 12 8 4 0 0 0.5 1 1.5 PIN IN WATTS 2 2.5 3
100
CAPACITANCE VS VOLTAGE
S1E 1 DIE CAPACITANCE
Ciss
Pout
16.00
10
15.00
Coss
1dB compression = 22 watts
14.00 13.00
1
Crss
Gain Efficiency = 50%
12.00 11.00 10.00
0.1 0 5 10 15 20 25 30 35 40 45 50
VDS IN VOLTS
IV CURVE
S1E 1 DIE IV
4 3.5 3 ID IN AMPS 2.5 2 1.5 1 0.5 0 0 2 vg=2v 4 6 Vg=4v 8 10 12 VDS Vg=6v INVOLTS vg=8v 14 0 16 18 vg=12v 20
ID & GM VS VGS
10.00
S1E 1 DIE ID & GM Vs VG
Id
Id in amps; Gm in mhos
1.00
gM
0.10
0.01
0
2
4
6
8 10 Vgs in Volts
12
14
16
18
S11 & S22 SMITH CHART
PACKAGE DIMENSIONS IN INCHES
Tolerance .XX +/-0.01
.XXX +/-.005 inches
POLYFET RF DEVICES
REVISION 03/08/2001
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com


▲Up To Search▲   

 
Price & Availability of SP741

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X