Part Number Hot Search : 
IW4053B TRSP5014 PL3845B KSR2201 AMS4154S APC77174 HIP9010 L5002
Product Description
Full Text Search
 

To Download SN7002N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Final data
SN7002N SIPMOS(R) Small-Signal-Transistor
Feature * N-Channel * Enhancement mode * Logic Level * dv/dt rated
Drain pin 3 Gate pin1 Source pin 2
Product Summary VDS RDS(on) ID 60 5 0.2
SOT-23
V A
Type SN7002N SN7002N
Package SOT-23 SOT-23
Ordering Code Q67042-S4185 Q67042-S4192
Tape and Reel Information E6327: 3000 pcs/reel E6433: 10000 pcs/reel
Marking sSN sSN
Maximum Ratings, at T j = 25 C, unless otherwise specified Parameter Continuous drain current
TA=25C TA=70C
Symbol ID
Value 0.2 0.16
Unit A
Pulsed drain current
TA=25C
ID puls dv/dt VGS Ptot Tj , Tstg
0.8 6 20 Class 1 0.36 -55... +150 55/150/56 W C kV/s V
Reverse diode dv/dt
IS=0.2A, VDS=48V, di/dt=200A/s, T jmax=150C
Gate source voltage ESD Sensitivity (HBM) as per MIL-STD 883 Power dissipation
TA=25C
Operating and storage temperature IEC climatic category; DIN IEC 68-1
Page 1
2003-03-26
Final data
SN7002N
Thermal Characteristics Parameter Characteristics Thermal resistance, junction - ambient at minimal footprint RthJA 350 K/W Symbol min. Values typ. max. Unit
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Static Characteristics Drain-source breakdown voltage
VGS=0, ID=250A
Symbol min. V(BR)DSS VGS(th) I DSS I GSS RDS(on) RDS(on) 60 0.8
Values typ. 1.4 max. 1.8
Unit
V
Gate threshold voltage, V GS = VDS
ID=26A
Zero gate voltage drain current
VDS=60V, VGS =0, Tj=25C VDS=60V, VGS =0, Tj=150C
A 3.9 2.5 0.1 5 10 7.5 5 nA
Gate-source leakage current
VGS=20V, VDS=0
Drain-source on-state resistance
VGS=4.5V, ID=0.17A
Drain-source on-state resistance
VGS=10V, ID=0.5A
Page 2
2003-03-26
Final data
SN7002N
Electrical Characteristics, at T j = 25 C, unless otherwise specified Parameter Dynamic Characteristics Transconductance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time
Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Qgs Qgd Qg
VDD =48V, ID =0.5A, VGS =0 to 10V VDD =48V, ID =0.5A
Symbol
Conditions min.
Values typ. 0.17 34 7.2 2.8 2.4 3.2 5.3 3.6 max. 45 9.6 4.2 3.6 4.8 8 5.4
Unit
g fs C iss C oss C rss td(on) tr td(off) tf
VDS2*ID*RDS(on)max, ID=0.16A VGS=0, VDS=25V, f=1MHz
0.09 -
S pF
VDD=30V, VGS=10V, ID=0.5A, RG=6
ns
-
0.14 0.42 1 4.5
0.21 0.63 1.5 -
nC
V(plateau) VDD =48V, ID = 0.5 A
V
Reverse Diode Inverse diode continuous forward current Inv. diode direct current, pulsedISM Inverse diode forward voltage VSD Reverse recovery time Reverse recovery charge trr Qrr
VGS=0, IF = I S VR=30V, IF =lS , diF/dt=100A/s
IS
TA=25C
-
0.83 14.2 5.9
0.2 0.8 1.2 21.3 8.8
A
V ns nC
Page 3
2003-03-26
Final data
SN7002N
1 Power dissipation Ptot = f (TA)
0.38
SN7002N
2 Drain current ID = f (TA) parameter: VGS 10 V
0.22
SN7002N
W
0.32 0.28
A
0.18 0.16
Ptot
ID
20 40 60 80 100 120
0.24 0.2 0.16
0.14 0.12 0.1 0.08
0.12 0.06 0.08 0.04 0 0 0.04 0.02
C
160
0 0
20
40
60
80
100
120
C
160
TA
TA
3 Safe operating area ID = f ( VDS ) parameter : D = 0 , TA = 25 C
10
1 SN7002N
4 Transient thermal impedance ZthJA = f (tp ) parameter : D = tp /T
10 3
SN7002N
K/W A
10 2 10
0 t = 200.0s p
/ ID
DS =V
ZthJA
ID
1 ms
10 1
10
-1
R DS
) (on
10 ms
10 0 D = 0.50 0.20 10
-1
0.10 0.05 0.02
10
-2
DC
10 -2 single pulse
0.01
10
-3
10
0
10
1
V
10
2
10 -3 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
VDS
Page 4
tp
2003-03-26
Final data
SN7002N
5 Typ. output characteristic ID = f (VDS) parameter: Tj = 25 C, VGS
1
A
6 Typ. drain-source on resistance RDS(on) = f (ID) parameter: Tj = 25 C, VGS
7.5
0.75
0.625
10V 7V 6V 5V 4.5V 4.0V 3.7V 3.5V 3.0V
6
5.25 4.5 3.75 3 2.25
3.1V 3.5V 3.7V 4.1V 4.5V 5V 6V 7V 10V
0.5
0.375
0.25 1.5 0.125 0.75 0 0
0 0
0.5
1
1.5
2
2.5
3
3.5
4
V
RDS(on)
ID
5
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
A
1
VDS
ID
7 Typ. transfer characteristics ID = f ( VGS ); VDS 2 x ID x RDS(on)max parameter: Tj = 25 C
1
A
8 Typ. forward transconductance gfs = f(ID) parameter: Tj = 25 C
0.4
S
0.8 0.3 0.7
gfs
V
ID
0.6 0.5 0.4 0.3
0.25
0.2
0.15
0.1 0.2 0.1 0 0 0.05
0.8
1.6
2.4
3.2
4
4.8
6
0 0
0.2
0.4
0.6
0.8
A
1.1
VGS
Page 5
ID
2003-03-26
Final data
SN7002N
9 Drain-source on-state resistance RDS(on) = f (Tj ) parameter : ID = 0.5 A, VGS = 10 V
SN7002N
10 Typ. gate threshold voltage VGS(th) = f (Tj ) parameter: VGS = VDS ; ID =26A
2.2
V 98%
15
12
1.8
RDS(on)
VGS(th)
11 10 9 8 7 6 5 4 3 2 1 0 -60 -20 20 60 100
C
1.6
typ.
1.4 1.2 1
98% 0.8 0.6 typ 0.4 0.2 180 0 -60 -20 20
2%
60
100
C
160
Tj
Tj
11 Typ. capacitances C = f (VDS) parameter: VGS =0, f=1 MHz, Tj = 25 C
10
2
12 Forward character. of reverse diode IF = f (VSD) parameter: Tj
10 0
SN7002N
A
Ciss pF
10 -1
C
10
1
Coss
IF
10 -2
Crss
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10
0
0
5
10
15
20
V
30
10 -3 0
0.4
0.8
1.2
1.6
2
2.4 V
3
VDS
Page 6
VSD
2003-03-26
Final data
SN7002N
13 Typ. gate charge VGS = f (QG); parameter: V DS , ID = 0.2 A pulsed, Tj = 25 C
16
V
SN7002N SN7002N
14 Drain-source breakdown voltage V(BR)DSS = f (Tj )
72
V
V(BR)DSS
nC
12
68 66 64 62 60
VGS
10 0.2 VDS max
0.5 VDS max
8
0.8 VDS max
6
4
58 56 54 -60
2
0 0
0.4
0.8
1.2
1.6
2
2.8
-20
20
60
100
C
180
QG
Tj
Page 7
2003-03-26
Final data
SN7002N
Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Page 8
2003-03-26


▲Up To Search▲   

 
Price & Availability of SN7002N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X