Part Number Hot Search : 
2SK405 BU2506 SSM2040 EZ1583CM SG2BC AA119 7C4255 UNR92A7G
Product Description
Full Text Search
 

To Download SM5002LDS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM5002L series
NIPPON PRECISION CIRCUITS INC.
Crystal Oscillator Module ICs
OVERVIEW
The SM5002L series crystal oscillator module ICs fabricated in NPC's Molybdenum-gate CMOS. They comprise low-voltage low-current consumption oscillator circuits and output buffers. They incorporate built-in oscillation capacitance with superior frequency response to realize stable 3rd overtone oscillation without any external components.
FEATURES
s s s s s s s
Oscillation frequency up to 100 MHz Third harmonic Capacitors CG and CD built-in Standby function (oscillator stops) 3 A (typ) low standby current Inverter amplifier feedback resistance built-in INH pin pull-up resistance built-in * INH= L : 2M typ * INH= H : 90k typ
s s s s s s s s
CMOS input level 8 mA (VDD = 3.0 V) output drive capability CMOS output duty level Output three-state function 2.7 to 3.6 V supply voltage Oscillator frequency output 8-pin SOP (SM5002LxS) Chip form (CF5002Lx)
SERIES CONFIGURATION
Recommended operating frequency range (MHz) 30 to 40 40 to 50 50 to 70 70 to 90 85 to 100 25 to 30 gm (relative value) 1.0 1.5 1.5 2.0 2.0 1.0 Built-in capacitance CG (pF) 8 8 8 8 8 10 CD (pF) 15 15 10 10 10 15 Rf1 (k) Cf (pF) Output duty level Output current (mA) 8 8 8 8 8 8 Standby function
Version
CF5002LA SM5002LAS CF5002LB SM5002LBS CF5002LC SM5002LCS CF5002LD SM5002LDS CF5002LE SM5002LES CF5002LF SM5002LFS
5.6 4.7 3.9 3.9 2.7 8.5
22 22 22 22 22 22
CMOS CMOS CMOS CMOS CMOS CMOS
Yes Yes Yes Yes Yes Yes
ORDERING INFORMATION
Device SM5002LxS CF5002Lx Package 8-pin SOP Chip form
NIPPON PRECISION CIRCUITS--1
SM5002L series
PACKAGE DIMENSIONS
(UNIT : mm) * 8-pin SOP
+ 0.15 - 0.1
0.05
4.4 0.2
6.2 0.3
0.695TYP
0.1 5.2 0.3 1.5 0.05 0.05
0 to 10
1.27 0.10 0.4 0.1 0.12 M
NIPPON PRECISION CIRCUITS--2
0.4 0.2
SM5002L series
PAD LAYOUT
(Unit : m)
VDD Q (920,1310)
PINOUT
(Top View)
Y
INH XT XT
1
8
VDD NC NC Q
(0,0) INH XT XT VSS X
Chip size: 0.92 x 1.31 mm Chip thickness: 400 30 m Chip base: VDD level
PIN DESCRIPTION and PAD DIMENSIONS
Number 1 2 3 4 5 6 7 8 Name INH XT XT VSS Q NC NC VDD I/O I I O - O - - - Description Output state control input. Oscillator stopped when LOW. Power-saving pull-up resistor built in Amplifier input. Amplifier output. Ground Output. Output frequency. High impedance at standby operation No connection No connection Supply voltage Crystal oscillator connection pins. Crystal oscillator connected between XT and XT Pad dimensions [m] X 195 385 575 766 765 - - 162 Y 188 188 188 188 1159 - - 1159
BLOCK DIAGRAM
VDD VSS XT
CG Rf 1 Cf CD
INH
HA5002L
5002L
2 3 4
7 6 5
VSS
XT
Rf 2
Q
RUP1/RUP2
NIPPON PRECISION CIRCUITS--3
SM5002L series
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0 V unless otherwise noted.
Parameter Supply voltage range Input voltage range Output voltage range Operating temperature range Storage temperature range Output current Power dissipation Soldering temperature Soldering time Symbol VDD VIN VOUT Topr Tstg1 Tstg2 IOUT PD Tsld tsld Ta 85C, 8-pin SOP 8-pin SOP 8-pin SOP Chip form 8-pin SOP Condition Rating -0.5 to 7.0 -0.5 to VDD + 0.5 -0.5 to VDD + 0.5 -40 to 85 -65 to 150 -40 to 125 25 200 255 10 Unit V V V C C mA mW C s
Recommended Operating Conditions
CF5002Lx series (Chip form) VSS = 0 V unless otherwise noted.
Limits Parameter Symbol Conditions min CL 15pF, f 70 MHz Supply voltage VDD CL 15pF, 70 < f 100 MHz CL 30pF, f 70 MHz Input voltage Operating temperature VIN TOPR 2.7 3.0 3.0 VSS -20 typ - - - - - max 3.6 3.6 3.6 VDD 80 V V V V C Units
SM5002LxS series (8-pin SOP) VSS = 0 V unless otherwise noted.
Limits Parameter Symbol Conditions min CL 15pF, f 50 MHz Supply voltage VDD CL 15pF, 50 < f 70 MHz CL 30pF, f 50 MHz Input voltage Operating temperature VIN TOPR 2.7 3.0 3.0 VSS -20 typ - - - - - max 3.6 3.6 3.6 VDD 80 V V V V C Units
NIPPON PRECISION CIRCUITS--4
SM5002L series
Electrical Characteristics
VDD = 2.7 to 3.6 V, VSS = 0 V, Ta = -20 to 80 C, unless otherwise noted.
Limits Parameter HIGH-level output voltage LOW-level output voltage Output leakage current HIGH-level input voltage LOW-level input voltage Symbol VOH VOL IZ VIH VIL Conditions min Q: Measurement cct 1, VDD = 2.7 V, IOH = 8 mA Q: Measurement cct 2, VDD = 2.7 V, IOL = 8 mA Q: Measurement cct 2, INH = LOW, VDD = 3.6V INH pin INH pin SM5002LAS, SM5002LFS CF5002LA, CF5002LF CL = 30 pF, f = 30 MHz INH = open, Measurement cct 3, load cct 1, VDD = 3.0 to 3.6 V SM5002LBS, CF5002LB CL = 30 pF, f = 50 MHz SM5002LCS, CF5002LC CL = 30 pF, f = 70 MHz SM5002LDS, SM5002LES CF5002LD, CF5002LE CL = 15 pF, f = 100 MHz Standby current INH pull-up resistance IST RUP1 RUP2 INH = LOW, Measurement cct 3 Measurement cct 4, INH = LOW Measurement cct 4, INH = 0.7VDD SM5002LAS, CF5002LA SM5002LBS, CF5002LB AC feedback resistance Rf1 Design value, determined by the internal wafer pattern SM5002LCS, SM5002LDS CF5002LC, CF5002LD SM5002LES, CF5002LE SM5002LFS, CF5002LF DC feedback resistance AC feedback capacitance Rf2 Cf Measurement cct 5 Design value, determined by the internal wafer pattern SM5002LAS, CF5002LA SM5002LBS, CF5002LB SM5002LCS, CF5002LC SM5002LDS, CF5002LD SM5002LES, CF5002LE Design value, determined by the internal wafer pattern CD SM5002LFS, CF5002LF SM5002LAS, CF5002LA SM5002LBS, CF5002LB SM5002LFS, CF5002LF SM5002LCS, CF5002LC SM5002LDS, CF5002LD SM5002LES, CF5002LE VOH = VDD VOL = VSS 2.2 - - - 0.7VDD - - typ 2.4 0.3 - - - - 10 max - 0.4 10 10 - 0.3VDD 18 V V A A V V mA Units
- -
15 20
25 35
mA mA
Current consumption
IDD
- - 0.4 50 4.7 4.0 3.3 2.2 7.2 50 19.8
25 3 - - 5.6 4.7 3.9 2.7 8.5 - 22
45 10 4 150 6.5 5.4 4.5 3.2 9.8 150 24.2
mA A M k k k k k k k pF
7.2
8
8.8
pF
CG
9 13.5
10 15
11 16.5
pF pF
Built-in capacitance
9
10
11
pF
NIPPON PRECISION CIRCUITS--5
SM5002L series
Switching Characteristics
VSS = 0 V, Ta = -20 to 80 C unless otherwise noted.
Limits Parameter Symbol Conditions min tr1 Output rise time tr2 tf1 Output fall time tf2 Measurement cct 3, load cct 1, 0.1VDD 0.9VDD VDD = 2.7 to 3.6 V, CL = 15 pF VDD = 3.0 to 3.6 V, CL = 30 pF VDD = 2.7 to 3.6 V, CL = 15 pF VDD = 3.0 to 3.6 V, CL = 30 pF SM5002LAS, SM5002LFS CF5002LA, CF5002LF CL = 30 pF, f = 30 MHz Measurement cct 3, load cct 1, Ta = 25 C, VDD = 3.0 V SM5002LBS, CF5002LB CL = 30 pF, f = 50 MHz SM5002LCS, CF5002LC CL = 30 pF, f = 70 MHz SM5002LDS, SM5002LES CL = 15 pF, f = 100 MHz CF5002LD, CF5002LE CL = 15 pF, f = 100 MHz Output disable delay time2 Output enable delay time2 tPLZ tPZL Measurement cct 6, Ta = 25 C, VDD = 2.7 V, load CL 15 pF - - - - typ 2 2.5 2 2.5 max 4 5 4 5 ns ns ns ns Units
Measurement cct 3, load cct 1, 0.9VDD 0.1VDD
45
-
55
%
45 45 40 45 - -
- - - - - -
55 55 60 55 100 100
% % % % ns ns
Output duty cycle1
DUTY
1. Monitored in sample lots. 2. Oscillator stop function is built-in. When INH goes LOW, normal output stops. When INH goes HIGH, normal output is not resumed until after the oscillator start-up time has elapsed.
Current consumption and Output waveform with NPC's standard crystal
Cb
f (MHz) 30 50 70 100
R () 18.62 22.17 25.42 16.60
L (mH) 16.24 7.40 4.18 3.56
Ca (fF) 1.733 1.370 1.254 0.726
Cb (pF) 5.337 4.105 5.170 5.394
L
Ca
R
FUNCTIONAL DESCRIPTION
Standby Function
The oscillator stops when INH goes LOW. When the oscillator stops, the oscillator output on Q goes high impedance.
INH HIGH (or open) LOW Q fO output frequency High impedance Oscillator Normal operation Stopped
NIPPON PRECISION CIRCUITS--6
SM5002L series
MEASUREMENT CIRCUITS
Measurement cct 1 Measurement cct 4
Signal Generator
R1
C1 XT
VDD
VDD
Q VSS R2
RUP1= VSS INH
VDD IPR
(VPR = VSS)
V
Q output VOH 0V
RUP2= VDD 0.7VDD (VPR = 0.7V DD) IPR
VPR
A
IPR
2.5VP-P , 10MHz sine wave input signal C1 : 0.001F R1 : 50 R2 : 275
Measurement cct 2
Measurement cct 5
IOL, IZ VDD Q INH VSS IZ XT XT VDD Rf 2 = VSS VDD IRf
A V VOL A
IRf
Measurement cct 3
Measurement cct 6
A
XT X'tal XT INH VSS VDD
IDD IST
VDD
Signal Generator
R1
XT VSS
Q INH
Q
R1 : 50
NIPPON PRECISION CIRCUITS--7
SM5002L series
Load cct 1
Q output
CL
(Including probe capacity)
CL = 15pF: tr1, tf1 /DUTY, IDD (70MHz < f 100MHz) CL = 30pF: tr2 , tf2 /DUTY, IDD (f 70MHz)
Switching Time Measurement Waveform
Output duty level (CMOS)
Q output
0.9VDD 0.1VDD TW
0.9VDD 0.1VDD
DUTY measuring voltage (0.5VDD)
tr
Output duty cycle (CMOS)
tf
Q output
TW T
DUTY measuring voltage (0.5VDD)
DUTY= TW/ T
100 (%)
Output Enable/Disable Delay
The following figure shows the oscillator timing during normal operation. Note that when the device is in standby, the oscillator stops. When standby is released, the oscillator starts and stable oscillator output occurs after a short delay.
INH
VIL
VIH
tPLZ Q output
INH inputwaveform
tPZL
tr = tf
10ns
NIPPON PRECISION CIRCUITS--8
SM5002L series
NIPPON PRECISION CIRCUITS INC. reserves the right to make changes to the products described in this data sheet in order to improve the design or performance and to supply the best possible products. Nippon Precision Circuits Inc. assumes no responsibility for the use of any circuits shown in this data sheet, conveys no license under any patent or other rights, and makes no claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Nippon Precision Circuits Inc. makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification. The products described in this data sheet are not intended to use for the apparatus which influence human lives due to the failure or malfunction of the products. Customers are requested to comply with applicable laws and regulations in effect now and hereinafter, including compliance with export controls on the distribution or dissemination of the products. Customers shall not export, directly or indirectly, any products without first obtaining required licenses and approvals from appropriate government agencies. NIPPON PRECISION CIRCUITS INC. 4-3, Fukuzumi 2-chome Koto-ku, Tokyo 135-8430, Japan Telephone: 03-3642-6661 Facsimile: 03-3642-6698 NC9505DE 1999.10
NIPPON PRECISION CIRCUITS INC.
NIPPON PRECISION CIRCUITS--9


▲Up To Search▲   

 
Price & Availability of SM5002LDS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X