Part Number Hot Search : 
AD9502CM VD3881FV EC3A34 471K65 M38503 A1310BS2 IPP80 NCP5050
Product Description
Full Text Search
 

To Download SK153 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
SK152 THRU SK1510
15 Amp Schottky Rectifier 20 to 100 Volts
DO-214AB (SMCJ) (Round Lead)
H
* * * * *
For Surface Mount Applications Extremely Low Thermal Resistance Easy Pick And Place High Temp Soldering: 250 for 10 Seconds At Terminals\ C High Current Capability With Low Forward Voltage
* Operating Temperature: -55 to +125 C C * Storage Temperature: -55 to +150 C C * Typical Thermal Resistance; 20 C/W Junction To Lead MST Part Number SK152 SK153 SK154 SK1545 SK155 SK156 SK158 SK1510 Maximum Recurrent Peak Reverse Voltage 20V 30V 40V 45V 50V 60V 80V 100V Maximum RMS Voltage 14V 21V 28V 31.5V 35V 42V 56V 70V Maximum DC Blocking Voltage 20V 30V 40V 45V 50V 60V 80V 100V
Maximum Ratings
Cathode Band
Device Marking SK152 SK153 SK154 SK1545 SK155 SK156 SK158 SK1510
J
A
C
E F G
D
B
DIMENSIONS DIM A B C D E F G H J INCHES MIN .200 .177 .002 --.053 .168 .320 .239 .234 MAX .214 .203 .005 .02 .067 .179 .330 .243 .240 MM MIN 5.08 4.70 .05 --1.35 4.27 8.13 6.08 5.95 MAX 5.43 5.30 .13 .51 1.70 4.55 8.38 6.18 6.10 NOTE
Electrical Characteristics @ 25 Unless Otherwise Specified C
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage SK152-1545 SK155-1510 Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance IF(AV) IFSM 15.0A 300A TJ = 120 C 8.3ms, half sine
SUGGESTED SOLDER PAD LAYOUT
0.190'
VF
.55V .85V 1mA 20mA 500pF
IFM = 15.0A; C* TJ = 25
0.200"
IR
TJ = 25 C C TJ = 100
0.070"
CJ
Measured at 1.0MHz, VR =4.0V
www.mccsemi.com
) 8".## )'' &'' *'' %' ' )'' &' *' %' !"# )' & * % ) +& +* +% +) +% +* +& +( 6.# 3## !"#versus 3##6. 6.# 4 5" )'' &'' *'' %'' " )'' &' *' %' )' +) +% +* ) 6.# % * )' %' *' )'' %'' 7%, )+' )+% )+* %, 9),, 9),)' %+, 9),% 9),*, !"# ),+' )%+, )'+ -+, ,+' %
MCC
.#/0.1 &'02
##3 &' (' )'' )%' )*' )&' )('
'

!"# versus !$!"
*''
)'''
5" "versus
#6. 6.#
www.mccsemi.com
* 8".
### )' & * % ) +& +* +% !"# +) +'& +'* +'% +') +''& +''* +''% +'') %' *' &' (' 6.# )'' )% ' )*' 9),% 9),*, 9),, 9),)' !"# %,
MCC
, : 4'' %,' %'' ),' )'' ,' ' ) % * & ( )' %' 8.# : !"#versus 3##
#: ; !"#versus
:
#6. 6.#
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of SK153

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X