Part Number Hot Search : 
C3504 4001G SD300C 5KE27C 2C151 CS3842B MC908 01900
Product Description
Full Text Search
 

To Download SGB07N120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SGP07N120 SGB07N120
Fast IGBT in NPT-technology
* 40lower Eoff compared to previous generation * Short circuit withstand time - 10 s * Designed for: - Motor controls - Inverter - SMPS * NPT-Technology offers: - very tight parameter distribution - high ruggedness, temperature stable behaviour - parallel switching capability
C
G
E
P-TO-220-3-1 (TO-220AB)
P-TO-263-3-2 (D-PAK) (TO-263AB)
* Complete product spectrum and PSpice Models : http://www.infineon.com/igbt/ Type SGP07N120 SGB07N120 Maximum Ratings Parameter Collector-emitter voltage DC collector current TC = 25C TC = 100C Pulsed collector current, tp limited by Tjmax Turn off safe operating area VCE 1200V, Tj 150C Gate-emitter voltage Avalanche energy, single pulse IC = 8A, VCC = 50V, RGE = 25, start at Tj = 25C Short circuit withstand time Power dissipation TC = 25C Operating junction and storage temperature Soldering temperature, 1.6mm (0.063 in.) from case for 10s Tj , Tstg -55...+150 260 C
1)
VCE 1200V
IC 8A
Eoff 0.7mJ
Tj 150C
Package TO-220AB TO-263AB(D2PAK)
Ordering Code Q67040-S4272 Q67040-S4273
Symbol VCE IC
Value 1200 16.5 7.9
Unit V A
ICpul s VGE EAS tSC Ptot
27 27 20 40 10 125 V mJ s W
VGE = 15V, 100V VCC 1200V, Tj 150C
1)
Allowed number of short circuits: <1000; time between short circuits: >1s. 1 Jul-02
Power Semiconductors
SGP07N120 SGB07N120
Thermal Resistance Parameter Characteristic IGBT thermal resistance, junction - case Thermal resistance, junction - ambient SMD version, device on PCB
1)
Symbol
Conditions
Max. Value
Unit
RthJC RthJA RthJA TO-220AB TO-263AB(D2PAK)
1 62 40
K/W
Electrical Characteristic, at Tj = 25 C, unless otherwise specified Parameter Static Characteristic Collector-emitter breakdown voltage Collector-emitter saturation voltage V ( B R ) C E S V G E = 0V , I C = 5 00 A VCE(sat) V G E = 15 V , I C = 8 A T j =2 5 C T j =1 5 0 C Gate-emitter threshold voltage Zero gate voltage collector current VGE(th) ICES I C = 35 0 A , V C E = V G E V C E =1200V,V G E =0V T j =2 5 C T j =1 5 0 C Gate-emitter leakage current Transconductance Dynamic Characteristic Input capacitance Output capacitance Reverse transfer capacitance Gate charge Internal emitter inductance measured 5mm (0.197 in.) from case Short circuit collector current
2)
Symbol
Conditions
Value min. 1200 2.5 3 typ. 3.1 3.7 4 6 720 60 40 70 7 75 max. 3.6 4.3 5
Unit
V
A 100 400 100 870 75 50 90 nC nH A nA S pF
IGES gfs Ciss Coss Crss QGate LE IC(SC)
V C E =0V,V G E =20V V C E = 20 V , I C = 8 A V C E = 25 V , V G E = 0V , f= 1 MH z V C C = 96 0 V, I C =8 A V G E = 15 V T O - 22 0A B V G E = 15 V ,t S C 10 s 10 0 V V C C 12 0 0 V, T j 15 0 C
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm (one layer, 70m thick) copper area for collector connection. PCB is vertical without blown air. 2) Allowed number of short circuits: <1000; time between short circuits: >1s.
1)
2
Power Semiconductors
2
Jul-02
SGP07N120 SGB07N120
Switching Characteristic, Inductive Load, at Tj=25 C Parameter IGBT Characteristic Turn-on delay time Rise time Turn-off delay time Fall time Turn-on energy Turn-off energy Total switching energy td(on) tr td(off) tf Eon Eoff Ets T j =2 5 C , V C C = 80 0 V, I C = 8 A, V G E = 15 V /0 V , R G = 47 , 1) L =1 8 0n H, 1) C = 4 0p F Energy losses include "tail" and diode reverse recovery. 27 29 440 21 0.6 0.4 1.0 35 38 570 27 0.8 0.55 1.35 mJ ns Symbol Conditions Value min. typ. max. Unit
Switching Characteristic, Inductive Load, at Tj=150 C Parameter IGBT Characteristic Turn-on delay time Rise time Turn-off delay time Fall time Turn-on energy Turn-off energy Total switching energy td(on) tr td(off) tf Eon Eoff Ets T j =1 5 0 C V C C = 80 0 V, I C = 8 A, V G E = 15 V /0 V , R G = 47 , 1) L =1 8 0n H, 1) C = 4 0p F Energy losses include "tail" and diode reverse recovery. 30 26 490 30 1.0 0.7 1.7 36 31 590 36 1.2 0.9 2.1 mJ ns Symbol Conditions Value min. typ. max. Unit
1)
Leakage inductance L and stray capacity C due to dynamic test circuit in figure E.
Power Semiconductors
3
Jul-02
SGP07N120 SGB07N120
35A
Ic
30A
10A
tp=5s 15s
IC, COLLECTOR CURRENT
20A 15A
TC=80C
IC, COLLECTOR CURRENT
25A
50s
200s 1A 1ms
TC=110C 10A 5A 0A 10Hz
Ic
0.1A
DC
100Hz
1kHz
10kHz
100kHz
1V
10V
100V
1000V
f, SWITCHING FREQUENCY Figure 1. Collector current as a function of switching frequency (Tj 150C, D = 0.5, VCE = 800V, VGE = +15V/0V, RG = 47)
VCE, COLLECTOR-EMITTER VOLTAGE Figure 2. Safe operating area (D = 0, TC = 25C, Tj 150C)
150W
20A
125W
100W
75W
IC, COLLECTOR CURRENT
50C 75C 100C 125C
Ptot, POWER DISSIPATION
15A
10A
50W
5A
25W
0W 25C
0A 25C
50C
75C
100C
125C
TC, CASE TEMPERATURE Figure 3. Power dissipation as a function of case temperature (Tj 150C)
TC, CASE TEMPERATURE Figure 4. Collector current as a function of case temperature (VGE 15V, Tj 150C)
Power Semiconductors
4
Jul-02
SGP07N120 SGB07N120
25A 25A
20A
20A VGE=17V
IC, COLLECTOR CURRENT
15A
10A
15V 13V 11V 9V 7V
IC, COLLECTOR CURRENT
15A
10A
VGE=17V 15V 13V 11V 9V 7V
5A
5A
0A 0V
1V
2V
3V
4V
5V
6V
7V
0A 0V
1V
2V
3V
4V
5V
6V
7V
VCE, COLLECTOR-EMITTER VOLTAGE Figure 5. Typical output characteristics (Tj = 25C)
VCE, COLLECTOR-EMITTER VOLTAGE Figure 6. Typical output characteristics (Tj = 150C)
VCE(sat), COLLECTOR-EMITTER SATURATION VOLTAGE
25A
6V IC=16A 5V
20A
IC, COLLECTOR CURRENT
4V
IC=8A IC=4A
15A TJ=+150C TJ=+25C 10A TJ=-40C
3V
2V
5A
1V
0A 3V
5V
7V
9V
11V
0V -50C
0C
50C
100C
150C
VGE, GATE-EMITTER VOLTAGE Figure 7. Typical transfer characteristics (VCE = 20V)
Tj, JUNCTION TEMPERATURE Figure 8. Typical collector-emitter saturation voltage as a function of junction temperature (VGE = 15V)
Power Semiconductors
5
Jul-02
SGP07N120 SGB07N120
000ns td(off) td(off)
t, SWITCHING TIMES
tf 100ns
t, SWITCHING TIMES
100ns
td(on) tr 10ns 0A 5A 10A 15A 20A
tf td(on) tr 10ns 0
20
40
60
80
100
IC, COLLECTOR CURRENT Figure 9. Typical switching times as a function of collector current (inductive load, Tj = 150C, VCE = 800V, VGE = +15V/0V, RG = 4 7 , dynamic test circuit in Fig.E )
RG, GATE RESISTOR Figure 10. Typical switching times as a function of gate resistor (inductive load, Tj = 150C, VCE = 800V, VGE = +15V/0V, IC = 8A, dynamic test circuit in Fig.E )
6V
td(off)
VGE(th), GATE-EMITTER THRESHOLD VOLTAGE
5V
t, SWITCHING TIMES
4V
max.
100ns
3V
typ.
2V
min.
td(on) tf 10ns -50C 0C 50C 100C
tr
1V
150C
0V -50C
0C
50C
100C
150C
Tj, JUNCTION TEMPERATURE Figure 11. Typical switching times as a function of junction temperature (inductive load, VCE = 800V, VGE = +15V/0V, IC = 8A, RG = 4 7, dynamic test circuit in Fig.E )
Tj, JUNCTION TEMPERATURE Figure 12. Gate-emitter threshold voltage as a function of junction temperature (IC = 0.3mA)
Power Semiconductors
6
Jul-02
SGP07N120 SGB07N120
2.5mJ 5mJ
*) Eon and Ets include losses due to diode recovery.
Ets* 2.0mJ
*) Eon and Ets include losses due to diode recovery.
Ets*
E, SWITCHING ENERGY LOSSES
4mJ
Eon*
E, SWITCHING ENERGY LOSSES
1.5mJ Eon* 1.0mJ Eoff
3mJ
2mJ
Eoff
1mJ
0.5mJ
0mJ 0A 5A 10A 15A 20A
0.0mJ 0
20
40
60
80
100
IC, COLLECTOR CURRENT Figure 13. Typical switching energy losses as a function of collector current (inductive load, Tj = 150C, VCE = 800V, VGE = +15V/0V, RG = 4 7 , dynamic test circuit in Fig.E )
RG, GATE RESISTOR Figure 14. Typical switching energy losses as a function of gate resistor (inductive load, Tj = 150C, VCE = 800V, VGE = +15V/0V, IC = 8A, dynamic test circuit in Fig.E )
2.0mJ
*) Eon and Ets include losses due to diode recovery.
Ets*
10 K/W
0
1.5mJ
ZthJC, TRANSIENT THERMAL IMPEDANCE
D=0.5 0.2
-1
E, SWITCHING ENERGY LOSSES
0.1 0.05 0.02
R,(K/W) 0.1020 0.40493 0.26391 0.22904
R1
10 K/W
Eon* 1.0mJ Eoff 0.5mJ
10 K/W
-2
0.01
, (s)= 0.77957 0.21098 0.01247 0.00092
R2
0.0mJ -50C
single pulse
0C
50C
100C
150C
10 K/W 1s
-3
C 1 = 1 / R 1 C 2 = 2 /R 2
10s
100s
1ms
10ms 100ms
1s
Tj, JUNCTION TEMPERATURE Figure 15. Typical switching energy losses as a function of junction temperature (inductive load, VCE = 800V, VGE = +15V/0V, IC = 8A, RG = 4 7, dynamic test circuit in Fig.E )
tp, PULSE WIDTH Figure 16. IGBT transient thermal impedance as a function of pulse width (D = tp / T)
Power Semiconductors
7
Jul-02
SGP07N120 SGB07N120
20V
1nF
VGE, GATE-EMITTER VOLTAGE
15V
Ciss
10V
UCE=960V
C, CAPACITANCE
100pF Coss
5V
0V 0nC 20nC 40nC 60nC 80nC 0V 10V 20V
Crss 30V
QGE, GATE CHARGE Figure 17. Typical gate charge (IC = 8A)
VCE, COLLECTOR-EMITTER VOLTAGE Figure 18. Typical capacitance as a function of collector-emitter voltage (VGE = 0V, f = 1MHz)
30s
150A
tsc, SHORT CIRCUIT WITHSTAND TIME
25s
20s
IC(sc), SHORT CIRCUIT COLLECTOR CURRENT
11V 12V 13V 14V 15V
100A
15s
10s
50A
5s
0s 10V
0A 10V
12V
14V
16V
18V
20V
VGE, GATE-EMITTER VOLTAGE Figure 19. Short circuit withstand time as a function of gate-emitter voltage (VCE = 1200V, start at Tj = 25C)
VGE, GATE-EMITTER VOLTAGE Figure 20. Typical short circuit collector current as a function of gate-emitter voltage (100V VCE 1200V, TC = 25C, Tj 150C)
Power Semiconductors
8
Jul-02
SGP07N120 SGB07N120
TO-220AB
symbol dimensions
[mm] min max 10.30 15.95 0.86 3.89 3.00 6.80 14.00 4.75 0.65 1.32 min
[inch] max 0.4055 0.6280 0.0339 0.1531 0.1181 0.2677 0.5512 0.1870 0.0256 0.0520
A B C D E F G H K L M N P T
9.70 14.88 0.65 3.55 2.60 6.00 13.00 4.35 0.38 0.95
0.3819 0.5858 0.0256 0.1398 0.1024 0.2362 0.5118 0.1713 0.0150 0.0374
2.54 typ. 4.30 1.17 2.30 4.50 1.40 2.72
0.1 typ. 0.1693 0.0461 0.0906 0.1772 0.0551 0.1071
TO-263AB (D2Pak)
symbol
dimensions
[mm] min max 10.20 1.30 1.60 1.07 min
[inch] max 0.4016 0.0512 0.0630 0.0421
A B C D E F G H K L M N P Q R S T U V W X Y Z
9.80 0.70 1.00 1.03
0.3858 0.0276 0.0394 0.0406
2.54 typ. 0.65 0.85
0.1 typ. 0.0256 0.0335
5.08 typ. 4.30 1.17 9.05 2.30 4.50 1.37 9.45 2.50
0.2 typ. 0.1693 0.0461 0.3563 0.0906 0.1772 0.0539 0.3720 0.0984
15 typ. 0.00 4.20 2.40 0.40 10.80 1.15 6.23 4.60 9.40 16.15 0.20 5.20 3.00 0.60
0.5906 typ. 0.0000 0.1654 0.0945 0.0157 0.0079 0.2047 0.1181 0.0236
8 max
8 max
0.4252 0.0453 0.2453 0.1811 0.3701 0.6358
Power Semiconductors
9
Jul-02
SGP07N120 SGB07N120
i,v diF /dt tr r =tS +tF Qr r =QS +QF tr r IF tS QS tF 10% Ir r m t VR
Ir r m
QF
dir r /dt 90% Ir r m
Figure C. Definition of diodes switching characteristics
1
Tj (t) p(t)
2
r2
r1
n
rn
r1
r2
rn
Figure A. Definition of switching times
TC
Figure D. Thermal equivalent circuit
Figure B. Definition of switching losses
Figure E. Dynamic test circuit Leakage inductance L =180nH, and stray capacity C =40pF.
Power Semiconductors
10
Jul-02
SGP07N120 SGB07N120
Published by Infineon Technologies AG i Gr., Bereich Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Representatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Power Semiconductors
11
Jul-02


▲Up To Search▲   

 
Price & Availability of SGB07N120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X