Part Number Hot Search : 
MS110 2SK21 BD8105FV 2SK21 STA475 N1HN2 D74LVC16 KBP04
Product Description
Full Text Search
 

To Download SEMH9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMH9
NPN Silicon Digital Transistor Array Preliminary data * Switching circuit, inverter, interface circuit, driver circuit * Two ( galvanic) internal isolated Transistors with good matching in one package * Built in bias resistor (R1 =10k, R2=47k)
C1 6 B2 5 E2 4
4 5 3 6 1 2
R2 R1 TR1 R2 1 E1 2 B1 3 C2
EHA07174
TR2 R1
Type SEMH9
Maximum Ratings Parameter
Marking WJ
Pin Configuration Package 1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SOT666
Symbol VCEO VCBO VEBO Vi(on) IC Ptot Tj Tstg
Value 50 50 6 20 100 250 150 -65 ... 150
Unit V
Collector-emitter voltage Collector-base voltage Emitter-base voltage Input on Voltage DC collector current Total power dissipation, TS = 75 C Junction temperature Storage temperature
Thermal Resistance
mA mW C
Junction - soldering point 1)
RthJS
300
K/W
1For calculation of R thJA please refer to Application Note Thermal Resistance
1
Feb-09-2004
SEMH9
Electrical Characteristics at TA=25C, unless otherwise specified Parameter Symbol Values min. DC Characteristics Collector-emitter breakdown voltage IC = 100 A, IB = 0 Collector-base breakdown voltage IC = 10 A, IE = 0 Emitter-base breakdown voltage IE = 10 A, IC = 0 Collector cutoff current VCB = 40 V, IE = 0 Emitter cutoff current VEB = 6 V, IC = 0 DC current gain 1) IC = 5 mA, VCE = 5 V Collector-emitter saturation voltage1) IC = 10 mA, IB = 0.5 mA Input off voltage IC = 100 A, VCE = 5 V Input on Voltage IC = 2 mA, VCE = 0.3 V Input resistor Resistor ratio R1 R1/R2 7 0.19 10 0.21 13 0.24 Vi(on) 0.5 1.4 Vi(off) 0.5 1 VCEsat 0.3 hFE 70 IEBO 167 ICBO 100 V(BR)EBO V(BR)CEO V(BR)CBO 50 50 typ. max.
Unit
V
nA A V
k -
AC Characteristics Transition frequency IC = 10 mA, VCE = 5 V, f = 100 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Ccb 3 pF fT 150 MHz
1) Pulse test: t < 300s; D < 2%
2
Feb-09-2004
SEMH9
DC Current Gain hFE = f (I C) VCE = 5V (common emitter configuration)
10 3
Collector-Emitter Saturation Voltage VCEsat = f (IC), hFE = 20
10 2
mA
hFE
10 2
IC
10 1 10 1 10 0 -1 10
0 1
10
10
mA
10
2
10 0 0
0.2
0.4
0.6
V
1
IC
VCEsat
Input on Voltage Vi(on) = f (IC ) VCE = 0.3V (common emitter configuration)
10 2
Input off voltage Vi(off) = f (IC ) VCE = 5V (common emitter configuration)
10 1
mA
mA
10 0 10 1
IC
IC
10
-1
10 0 10
-2
10 -1 -1 10
10
0
10
1
V
10
2
10
-3
0
0.5
1
V
2
Vi(on)
Vi(off)
3
Feb-09-2004
SEMH9
Total power dissipation P tot = f (TS)
300
mW
Ptot
200
150
100
50
0 0
15
30
45
60
75
90 105 120 C
150
TS
Permissible Pulse Load RthJS = f (tp)
Permissible Pulse Load Ptotmax / PtotDC = f (tp)
10 3
K/W
10 3
10 2
Ptotmax/ PtotDC
RthJS
10 2
10 1
10 0
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 1
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 -1 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
4
Feb-09-2004


▲Up To Search▲   

 
Price & Availability of SEMH9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X