Part Number Hot Search : 
486DX2 00051 TD301 9LV16 LX1660 LA112 1N444 LA112
Product Description
Full Text Search
 

To Download SB120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB120 THRU SB160
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 60 Volts Forward Current - 1.0 Ampere
FEATURES
DO-204AL
1.0 (25.4) MIN. 0.107 (2.7) 0.080 (2.0) DIA.
0.205 (5.2) 0.160 (4.1)
1.0 (25.4) MIN. 0.034 (0.86) 0.028 (0.71) DIA.
NOTE: Lead diameter is 0.026 (0.66)
Plastic package has Underwriters Laboratory Flammability Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability Guardring for overvoltage protection For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications High temperature soldering guaranteed: 250C/10 seconds, 0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
MECHANICAL DATA
0.023 (0.58)
for suffix "E" part numbers
Dimensions in inches and (millimeters)
Case: JEDEC DO-204AL molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 0.34 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
SB120
SB130
SB140
SB150
SB160
UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length (SEE FIG.1) Peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 1.0A (NOTE 1) Maximum instantaneous reverse current at rated DC blocking voltage TA=25C (NOTE 1) TA=100C Typical thermal resistance (NOTE 2) Operating junction temperature range Storage temperature range
VRRM VRMS VDC I(AV)
20 14 20
30 21 30
40 28 40 1.0
50 35 50
60 42 60
Volts Volts Volts Amp
IFSM VF IR 10.0 RJA RJL TJ TSTG -65 to +125 0.50
40.0 0.70 0.5 5.0 50.0 15.0 -65 to +150 -65 to +150
Amps Volts mA
C/W C C
NOTES: (1) Pulse test: 300s pulse width, 1% duty cycle (2) Thermal resistance junction to lead P.C.B. mounted 0.375" (9.5mm) lead length
4/98
RATINGS AND CHARACTERISTIC CURVES SB120 THRU SB160
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
FIG. 1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, AMPERES
1
PEAK FORWARD SURGE CURRENT, AMPERES
RESISTIVE OR INDUCTIVE LOAD 0.375" (9.5mm) LEAD LENGTH SB120 - SB140
50
TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0.75
40
0.5
SB150 & SB160
30
20
0.25
10
0
0
25
50
75
100
125
150
175
LEAD TEMPERATURE, C
0
1
10
NUMBER OF CYCLES AT 60 HZ
100
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
50
100
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
SB120 - SB140 SB150 & SB160
INSTANTANEOUS FORWARD CURRENT, AMPERES
PULSE WIDTH=300s 1% DUTY CYCLE
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
10
TJ=125C
10
TJ=150C
TJ=125C
1
TJ=25C
1
0.1
TJ=75C
SB120 - SB140 SB150 & SB160
0.1
0.01
TJ=25C
0.001
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
TJ=25C f=1.0 MHz Vsig=50mVp-p
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE TRANSIENT THERMAL IMPEDANCE, C/W
400
JUNCTION CAPACITANCE, pF
100
100
--------- SB120 - SB140 - - - - - - - - - SB150 & SB160
10
1
10 0.1
1
10
100
0.1 0.01
0.1
1
t, PULSE DURATION, sec.
10
100
REVERSE VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of SB120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X