Part Number Hot Search : 
LT4275 C120S 14066B M62362 1N4730A HD14566B C2055 FM93C66E
Product Description
Full Text Search
 

To Download SB120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB120 - SB1B0
PRV : 20 - 100 Volts IO : 1.0 Ampere
FEATURES :
* * * * * * * High current capability High surge current capability High reliability High efficiency Low power loss Low forward voltage drop Low cost
SCHOTTKY BARRIER RECTIFIER DIODES
DO - 41
1.00 (25.4) MIN.
0.107 (2.74) 0.080 (2.03)
0.205 (5.20) 0.160 (4.10)
0.034 (0.86) 0.028 (0.71)
1.00 (25.4) MIN.
MECHANICAL DATA :
* Case : DO-41 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.339 gram
Rating at 25 C ambient temperature unless otherw ise specified. Single phase, half w ave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current 0.375", 9.5mm Lead Length See Fig.1 Peak Forward Surge Current, 8.3ms single half sine wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage at IF = 1.0 Amp. (Note 2) Maximum Reverse Current at Typical Thermal Resistance (Note 2) Junction Temperature Range Storage Temperature Range Ta = 25 C Rated DC Blocking Voltage (Note 1) Ta = 100 C
SYMBOL
VRRM VRMS VDC IF(AV) IFSM VF IR IR(H) RJL TJ TSTG
SB SB SB SB SB SB SB SB SB UNITS 120 130 140 150 160 170 180 190 1B0
20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 1.0 40 0.5 10.0 15 - 40 to + 125 - 65 to + 150 - 65 to + 150 0.7 0.5 5.0 0.79 70 49 70 80 56 80 90 100 63 70 90 100 Volts Volts Volts Amp. Amps. Volt. mA mA C/W C C
Notes :
(1) Pulse Test : Pulse Width = 300 s, Duty Cycle = 2%. (2) Thermal Resistance from junction to lead, PC board Mounting w ith 0.375" (9.5mm) Lead Lengths.
UPDATE : SEPTEMBER 12, 1998
RATING AND CHARACTERISTIC CURVES ( SB120 - SB1B0 )
FIG.1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, AMPERES
1.25 SB150 THRU SB1B0 SB120 SB130 SB140
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
50
1.00
PEAK FORWARD SURGE CURRENT, AMPERES
150 175
40
0.75
30
0.50
20
0.25
10
0
0
25
50
75
100
125
0
1
2
4
6
10
20
40
60
100
LEAD TEMPERATURE, (C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
20 10 SB120 SB130 SB140 SB180 SB190 SB1B0
FIG.4 - TYPICAL REVERSE CHARACTERISTICS REVERSE CURRENT, MILLIAMPERES
FORWARD CURRENT, AMPERES
10 TJ = 100 C
1.0
1.0
SB150 SB160 SB170
0.1
TJ = 25 C
TJ = 25 C PULSE WIDTH = 300s DUTY CYCLE = 2%
0.01 0 20 40 60 80 100 120 140
0.1 0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
PERCENT OF RATED REVERSE VOLTAGE, (%)
FORWARD VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of SB120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X