Part Number Hot Search : 
CA3338AM 2Y4NANV BY228G FST32211 GRM32ER MC4120 SMCJ36A GP1A91LC
Product Description
Full Text Search
 

To Download PNZ155 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Phototransistors
PNZ155 (PN155)
Silicon NPN Phototransistor
Unit : mm
Not soldered 0.8 max.
For optical control systems
1.50.2
2.10.15 1.60.15 0.80.1
Features
High sensitivity Wide spectral sensitivity, suited for detecting GaAs LEDs Low dark current
12.8 min. 3.90.25
4.50.15 3.50.15
Flat type plastic package
(2.95)
2-1.20.3 2-0.450.15 1 2 2.540.2 0.450.2
Absolute Maximum Ratings (Ta = 25C)
Parameter Collector to emitter voltage Emitter to collector voltage Collector current Collector power dissipation Operating ambient temperature Storage temperature Symbol VCEO VECO IC PC Topr Tstg Ratings 20 5 10 100 -25 to +85 -30 to +100 Unit V V mA mW C C
1: Emitter 2: Collector
Electro-Optical Characteristics (Ta = 25C)
Parameter Dark current Collector photo current Peak sensitivity wavelength Acceptance half angle Response time Collector saturation voltage
*1
Symbol ICEO ICE(L) P tr, tf*2 VCE(sat)
*1 *1
Conditions VCE = 10V VCE = 10V, L = 100 lx VCE = 10V Measured from the optical axis to the half power point VCC = 10V, ICE(L) = 1mA, RL = 100 ICE(L) = 1mA, L = 1000 lx
min 0.05
typ 0.01 0.2 800 70 4 0.2
max 1
Unit A mA nm deg. s
0.5
V
Measurements were made using a tungsten lamp (color temperature T = 2856K) as a light source. *2 Switching time measurement circuit
Sig.IN VCC (Input pulse) Sig.OUT (Output pulse) 90% 10% td tr tf td : Delay time tr : Rise time (Time required for the collector photo current to increase from 10% to 90% of its final value) tf : Fall time (Time required for the collector photo current to decrease from 90% to 10% of its initial value)
;;; ; ;;
50
RL
Note) The part number in the parenthesis shows conventional part number.
1
Phototransistors
PNZ155
PC -- Ta
120 10 2
ICE(L) -- L
ICE(L) (mA)
VCE = 10V Ta = 25C T = 2856K 10
ICEO -- Ta
VCE = 10V
PC (mW)
100
Collector power dissipation
80
Collector photo current
1
ICEO (A) Dark current
1 10 10 2 10 3 10 4
10
1
60
10 -1
10 -1
40
10 -2
20
10 -2
0 - 20
0
20
40
60
80
100
10 -3
10 -3 - 40
0
40
80
120
Ambient temperature Ta (C )
Illuminance L (lx)
Ambient temperature Ta (C )
Spectral sensitivity characteristics
100 VCE = 10V Ta = 25C 10 4
tr -- ICE(L)
VCC = 10V Ta = 25C 10 4
tf -- ICE(L)
VCC = 10V Ta = 25C
S (%)
80 10 3 10 3
tr (s)
Relative sensitivity
60
tf (s)
10 2 RL = 1k 10 500 100
10 2 RL = 1k 10 500 100 1
Rise time
40
20
1
Fall time
0 200
400
600
800
1000
1200
10 -1 10 -2
10 -1
1
10
10 2
10 -1 10 -2
10 -1
1
10
10 2
Wavelength (nm)
Collector photo current ICE(L) (mA)
Collector photo current ICE(L) (mA)
2
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of PNZ155

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X