Part Number Hot Search : 
2SA1108 AS6C4008 27524 MRF151 AMC431PK BCX52TA ON1024 E43CA
Product Description
Full Text Search
 

To Download PESD5V0L4UW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
PESDxL4UW series Low capacitance quadruple ESD protection array
Product specification Supersedes data of 2003 Aug 15 2004 Apr 06
Philips Semiconductors
Product specification
Low capacitance quadruple ESD protection array
FEATURES * Uni-directional ESD protection of four lines or bi-directional ESD protection of 3 lines * Reverse standoff voltage: 3.3 and 5 V * Low diode capacitance * Ultra low leakage current * Ultra small SOT665 surface mount package * ESD protection >20 kV * IEC 61000-4-2; level 4 (ESD); 15 kV (air) or 8 kV (contact). APPLICATIONS * Cellular handsets and accessories * Portable electronics * Computers and peripherals * Communication systems * Audio and video equipment. MARKING TYPE NUMBER PESD3V3L4UW PESD5V0L4UW ORDERING INFORMATION PACKAGE TYPE NUMBER NAME PESD3V3L4UW PESD5V0L4UW - DESCRIPTION plastic surface mounted package; 5 leads MARKING CODE A2 A1
1 2 3
handbook, halfpage
PESDxL4UW series
DESCRIPTION Low capacitance quadruple ESD protection array in a five pad SOT665 ultra small plastic package designed to protect up to four transmission or data lines from ElectroStatic Discharge (ESD) damage. PINNING PIN 1 2 3 4 5 cathode 1 common anode cathode 2 cathode 3 cathode 4 DESCRIPTION
5
4
5
4
1
2
3
MDB678
Fig.1 Simplified outline (SOT665) and symbol.
VERSION SOT665
2004 Apr 06
2
Philips Semiconductors
Product specification
Low capacitance quadruple ESD protection array
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL Ipp PARAMETER peak pulse current PESD3V3L4UW PESD5V0L4UW Ppp IFSM IZSM peak pulse power non-repetitive peak forward current non-repetitive peak reverse current PESD3V3L4UW PESD5V0L4UW Ptot PZSM Tstg Tj ESD total power dissipation non-repetitive peak reverse power dissipation storage temperature junction temperature electrostatic discharge Tamb = 25 C; note 3 tp = 1 ms; square pulse; see Fig.4 8/20 s; notes 1 and 2 tp = 1 ms; square pulse tp = 1 ms; square pulse CONDITIONS 8/20 s; notes 1 and 2
PESDxL4UW series
MIN. - - - - 3
MAX.
UNIT A A W A
2.5 30 3.5
- - - - -65 - IEC 61000-4-2 (contact discharge) HBM MIL-Std 883 20 10
0.9 0.8 250 6 +150 150 - -
A A mW W C C kV kV
Notes 1. Non-repetitive current pulse 8/20 s exponentially decaying waveform see Fig.5. 2. Pins 1, 3, 4 or 5 to pin 2. 3. Device mounted on standard printed-circuit board. ESD standards compliance IEC 61000-4-2, level 4 (ESD) HBM MIL-Std 883, class 3 THERMAL CHARACTERISTICS SYMBOL Rth(j-a) Rth(j-sp) PARAMETER thermal resistance from junction to ambient thermal resistance from junction to solder point CONDITIONS all diodes loaded one diode loaded; note 1 all diodes loaded; note 1 Notes 1. Solder point of common anode (pin 2). VALUE 370 135 125 UNIT K/W K/W K/W >15 kV (air); >8 kV (contact) >4 kV
2004 Apr 06
3
Philips Semiconductors
Product specification
Low capacitance quadruple ESD protection array
ELECTRICAL CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL Per diode VF VRWM forward voltage reverse stand-off voltage PESD3V3L4UW PESD5V0L4UW IRM reverse leakage current PESD3V3L4UW PESD5V0L4UW V(CL)R clamping voltage PESD3V3L4UW PESD5V0L4UW VBR breakdown voltage PESD3V3L4UW PESD5V0L4UW rdiff differential resistance PESD3V3L4UW PESD5V0L4UW Cd diode capacitance PESD3V3L4UW PESD5V0L4UW f = 1 MHz; VR = 0 V f = 1 MHz; VR = 5 V f = 1 MHz; VR = 0 V f = 1 MHz; VR = 5 V Notes 1. Pins 1, 3, 4 or 5 to pin 2. - - - - IR = 1 mA - - Ipp = 1 A; note 1 Ipp = 3 A; note 1 Ipp = 1 A; note 1 Ipp = 2.5 A; note 1 IZ = 1 mA 5.32 6.46 - - - - VRWM = 3.3 V VRWM = 5 V - - - - IF = 200 mA - PARAMETER CONDITIONS
PESDxL4UW series
MIN.
TYP.
MAX.
UNIT
1 - - 75 5 - - - - 5.6 6.8 - - 22 12 16 8
1.2 3.3 5 300 25 8 12 10 13 5.88 7.14 200 100 28 17 19 11
V V V nA nA V V V V V V pF pF pF pF
2004 Apr 06
4
Philips Semiconductors
Product specification
Low capacitance quadruple ESD protection array
PESDxL4UW series
handbook, halfpage
10
MDB602
handbook, halfpage
26 Cd 22
MDB601
IZSM (A)
(pF)
PESD3V3L4UW 1
18 PESD3V3L4UW
PESD5V0L4UW
14
10
PESD5V0L4UW
10-1 10-2
10-1
1
tp (ms)
10
6 0 1 2 3 4 VR (V) 5
Tj = 25 C; f = 1 MHz.
Fig.2
Non-repetitive peak reverse current as a function of pulse time (square pulse).
Fig.3
Diode capacitance as a function of reverse voltage; typical values.
102 handbook, halfpage PZSM (W)
MDB603
handbook, halfpage
120
MLE218
Ipp (%)
100 % Ipp; 8 s
80 PESD3V3L4UW 10 PESD5V0L4UW 40
e-t 50 % Ipp; 20 s
1 10-2
10-1
1
tp (ms)
10
0 0 10 20 30 t (s) 40
PZSM = VZSM x IZSM. VZSM is the non-repetitive peak reverse voltage at IZSM.
Fig.4
Maximum non-repetitive peak reverse power dissipation as a function of pulse duration (square pulse).
Fig.5
8/20 s pulse waveform according to IEC 61000-4-5.
2004 Apr 06
5
Philips Semiconductors
Product specification
Low capacitance quadruple ESD protection array
PESDxL4UW series
handbook, full pagewidth
ESD TESTER RZ CZ
450
RG 223/U 50 coax
10 x ATTENUATOR
4 GHz DIGITAL OSCILLOSCOPE 50
1 IEC 61000-4-2 network CZ = 150 pF; RZ = 330 2 3
5 D.U.T. PESDxL4UW 4
vertical scale = 200 V/div horizontal scale = 50 ns/div
vertical scale = 5 V/div horizontal scale = 50 ns/div
PESD5V0L4UW GND2
PESD3V3L4UW GND GND1 unclamped +1 kV ESD voltage waveform (IEC 1000-4-2 network) clamped +1 kV ESD voltage waveform (IEC 1000-4-2 network)
GND
GND
vertical scale = 200 V/div horizontal scale = 50 ns/div
vertical scale = 5 V/div horizontal scale = 50 ns/div
unclamped -1 kV ESD voltage waveform (IEC 1000-4-2 network)
clamped -1 kV ESD voltage waveform (IEC 1000-4-2 network)
MDB605
Fig.6 ESD clamping test set-up and waveforms.
2004 Apr 06
6
Philips Semiconductors
Product specification
Low capacitance quadruple ESD protection array
PACKAGE OUTLINE
Plastic surface mounted package; 5 leads
PESDxL4UW series
SOT665
D
A
E
X
S
YS HE
5
4
A
1
e1 e
2
bp
3
wMA Lp detail X
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 0.6 0.5 bp 0.27 0.17 c 0.18 0.08 D 1.7 1.5 E 1.3 1.1 e 1.0 e1 0.5 HE 1.7 1.5 Lp 0.3 0.1 w 0.1 y 0.1
OUTLINE VERSION SOT665
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 01-01-04 01-08-27
2004 Apr 06
7
Philips Semiconductors
Product specification
Low capacitance quadruple ESD protection array
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development
PESDxL4UW series
DEFINITION This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2004 Apr 06
8
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2004
SCA76
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
R76/02/pp9
Date of release: 2004
Apr 06
Document order number:
9397 750 12933


▲Up To Search▲   

 
Price & Availability of PESD5V0L4UW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X