|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DC COMPONENTS CO., LTD. R P6KE6.8 THRU P6KE440CA RECTIFIER SPECIALISTS TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE RANGE - 6.8 to 440 Volts PEAK PULSE POWER - 600 Watts FEATURES * Glass passivated junction * 600 Watts Peak Pulse Power capability on 10/1000 s waveform * Excellent clamping capability * Low zener impedance * Fast response time DO-15 MECHANICAL DATA Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Polarity: Color band denotes positive end (cathode) except bidirectional types * Mounting position: Any * Weight: 0.4 gram * * * * MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load, For capacitive load, derate current by 20%. Dimensions in inches and (millimeters) DEVICES FOR BIPOLAR APPLICATIONS For Bidirectional use C or CA suffix (e.g. P6KE6.8C, P6KE440CA) Electrical characteristics apply in both directions SYMBOL Peak Pulse Power Dissipation on 10/1000 s waverform (Note1,FIG.1) Steady State Power Dissipation at TL = 75oC Lead Lengths .375*( 9.5 mm ) ( Note 2 ) Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load( JEDEC Method ) ( Note 3 ) Maximum Instantaneous Forward Voltage at 50A for Unidirectional Only Operating and Storage Temperature Range VF TJ, TSTG 3.5/6.5 -65 to + 175 Volts 0 VALUE Minimum 600 UNITS Watts PPPM PM (AV) 5.0 Watts IFSM 100 Amps C NOTES : 1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25oC per Fig.2. 2. Mounted on Copper Leaf area of 1.6 X 1.6"(40X40 mm) per Fig. 5 3. 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. 4. VF = 3.5V max. for devices of V(BR) 200V and VF = 6.5V for devices of V( BR) > 200V. 172 NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK RATING AND CHARACTERISTIC CURVES ( P6KE6.8 THRU P6KE440CA ) DC COMPONENTS CO., LTD. R 173 NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK P6KE (600W) SERIES TRANSIENT VOLTAGE SUPPRESSORS DC COMPONENTS CO., LTD. R 174 NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK P6KE (600W) SERIES TRANSIENT VOLTAGE SUPPRESSORS N O T E S : 1.VBR measured after IT applied for 300 s. IT= Square Wave Pulse or equivalent. 2.For bidirectonal use C or CA suffixs for all types (ex. P6KE6.8C, P6KE440CA). electrical characteristics apply in both directions. 3.For bidirectional types having VWM of 10 volts and less, the ID limit is doubled. DC COMPONENTS CO., LTD. R 175 NEXT NEXT NEXT EXIT BACK BACK EXI BACK EXIT |
Price & Availability of P6KE200 |