Part Number Hot Search : 
SR745 CY2302 ROV05 KSB1116S UC3845D 30203 IRFB3 764306
Product Description
Full Text Search
 

To Download NCF2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NCF2
Patent No. 01210551.1 22.5x16.5x16.5 Features
Small size, light weight. Low coil power consumption. Operation noise: less than 5odb. PC board mounting. Suitable for automobile, automation system, electronic equipment.
01310478.0
Ordering Information
NCF2 Q 2x1C x
1 2 3
DC12V
4 3 Contact arrangement2x1C 4 Coil rated Voltage(V)DC:12
1 Part numberNCF2 2 NoiseNIL: StandardQ: Quiet
Contact Data
Contact Arrangement Contact Material Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation Electrical life Mechanical 2y1C 2ySPDT(B-M) H-Bridge Ag SnO2 NO 20A/14VDC NC 10A/14VDC 300W 16VDC Max. Switching Current:20A 50m Item 3.12 of IEC255-7 105 Item 3.30 of IEC255-7 107 Item 3.31 of IEC255-7
Coil Parameter
Coil voltage VDC Rated 012-640 12 Pickup voltage VDC(max) (60%of rated voltage ) 7.2 release voltage VDC(min) (8% of rated voltage) 1.0
Dash numbers
Operating Voltage Range VDC 10-16
Coil resistance 10%
Coil power consumption W
Operate Time ms 10
Release Time ms 10
225
0.64
CAUTION: 1.The use of any coil voltage overstep operating voltage range of coil , it will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Sound Pre. Characteristics (Q type)
Operation noise <50db Coil voltage :12VDC
121
www.dblectro.com
NCF2
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 100M min (at 500VDC) Item 7 of IEC255-5 Item 6 Item 6 of IEC255-5 of IEC255-5
50Hz 1000V 50Hz 1000V Functional 100m/s2 11ms; Survival 1000 m/s2 6ms 10~100Hz 45 m/s2 10N 235x2 3x0.5s -40~85 85% (at 40) 17g(Q type ); 15g
IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm) mm 0.3 0.4 0.5 1.0 1.1 1.5 2.54 3.9 3.81 5.08 6.35 7.62 10.16 12.7 16.5 22.5
>acCa
Dimensions
Mounting (Bottom views)
NO
NC
Wiring diagram (Bottom views)
0.012 0.016 0.020 0.039 0.043 0.059 0.100 0.153 0.150 0.200 0.250 0.300 0.400 0.500 0.650 0.886
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
www.dblectro.com


▲Up To Search▲   

 
Price & Availability of NCF2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X