Part Number Hot Search : 
103SHCBE H11N1TVM 74LS14N TGA1055 CX06B227 E100A 683ML KT933
Product Description
Full Text Search
 

To Download MMBT5551LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 @vic
SOT-23 Plastic-Encapsulate Transistors
MMBT5551LT1
FEATURES Power dissipation PCM: 0.3
TRANSISTOR (NPN)
SOT-23
1. BASE 2. EMITTER 3. COLLECTOR
W (Tamb=25)
1. 0
2. 4 1. 3
TJ, Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Symbol
0. 95
Collector current ICM: 0.6 A Collector-base voltage 180 V V(BR)CBO: Operating and storage junction temperature range
2. 9
1. 9
0. 95
Unit: mm
unless otherwise specified)
Test conditions MIN MAX UNIT
Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current
V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1)
Ic= 100A, IE=0 Ic= 0.1mA, IB=0 IE= 100A, IC=0 VCB=180V, IE=0 VEB= 4V, IC=0 VCE= 5V, IC= 1mA VCE= 5V, IC=10mA VCE= 5V, IC=50mA IC=50 mA, IB= 5mA IC= 50 mA, IB= 5mA VCE=10V, IC= 10mA, f=100MHz
180 160 6 0.1 0.1 80 80 30 0.5 1 80 250
0. 4
V V V
A A
DC current gain
hFE(2) hFE(3)
Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency
VCE(sat) VBE(sat)
V V MHz
fT
DEVICE MARKING
MMBT5551LT1=G1


▲Up To Search▲   

 
Price & Availability of MMBT5551LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X