Part Number Hot Search : 
KM110BH NCP5208 NJM7812 2SB883 MTP305 LT343 08140 219B13
Product Description
Full Text Search
 

To Download MMBT2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBT2222A/ MMBT2222A
NPN Silicon Switching Transistor High DC current gain: 0.1mA to 500 mA Low collector-emitter saturation voltage Complementary type: SMBT2907A (PNP)
3

2 1
VPS05161
Type SMBT2222A/ MMBT2222A
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage DC collector current
Marking s1P 1=B
Pin Configuration 2=E 3=C
Package SOT23
Symbol VCEO VCBO VEBO IC Ptot Tj Tstg
Value 40 75 6 600 330 150 -65 ... 150
Unit V
mA mW C
Total power dissipation, TS = 77 C Junction temperature Storage temperature
Thermal Resistance Junction - soldering point 1) RthJS
220
K/W
1For calculation of R thJA please refer to Application Note Thermal Resistance
1
Feb-18-2002
SMBT2222A/ MMBT2222A
Electrical Characteristics at TA = 25C, unless otherwise specified Symbol Values Parameter min. DC Characteristics Collector-emitter breakdown voltage IC = 10 mA, IB = 0 Collector-base breakdown voltage IC = 10 A, IE = 0 Emitter-base breakdown voltage IE = 10 A, IC = 0 Collector cutoff current VCB = 60 V, IE = 0 Collector cutoff current VCB = 60 V, IE = 0 , TA = 150 C Emitter cutoff current VEB = 3 V, IC = 0 DC current gain 1) IC = 100 A, VCE = 10 V IC = 1 mA, VCE = 10 V IC = 10 mA, VCE = 10 V IC = 150 mA, VCE = 1 V IC = 150 mA, VCE = 10 V IC = 500 mA, VCE = 10 V IC = 10 mA, VCE = 10 V, TA = 55C Collector-emitter saturation voltage1) IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA Base-emitter saturation voltage 1) IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA VBEsat 0.6 1.2 2 VCEsat 0.3 1 hFE 35 50 75 50 100 40 35 300 V IEBO 10 nA ICBO 10 A ICBO 10 nA V(BR)EBO 6 V(BR)CBO 75 V(BR)CEO 40 V typ. max.
Unit
1) Pulse test: t =300s, D = 2%
2
Feb-18-2002
SMBT2222A/ MMBT2222A
Electrical Characteristics at TA = 25C, unless otherwise specified Symbol Values Parameter min. AC Characteristics Transition frequency IC = 20 mA, VCE = 20 V, f = 100 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Emitter-base capacitance VEB = 0.5 V, f = 1 MHz Noise figure IC = 100 A, VCE = 10 V, RS = 1 k, Short-circuit input impedance IC = 1 mA, VCE = 10 V, f = 1 kHz IC = 10 mA, VCE = 10 V, f = 1 kHz Open-circuit reverse voltage transf.ratio IC = 1 mA, VCE = 10 V, f = 1 kHz IC = 10 mA, VCE = 10 V, f = 1 kHz Short-circuit forward current transf.ratio IC = 1 mA, VCE = 10 V, f = 1 kHz IC = 10 mA, VCE = 10 V, f = 1 kHz Open-circuit output admittance IC = 1 mA, VCE = 10 V, f = 1 kHz IC = 10 mA, VCE = 10 V, f = 1 kHz Delay time VCC = 30 V, IC = 150 mA, IB1 = 15 mA, VBE(off) = 0.5 V Rise time VCC = 30 V, IC = 150 mA, IB1 = 15 mA, VBE(off) = 0.5 V tr td h22e 5 25 35 200 10 ns h21e 50 75 300 375 S h12e 8 4 F f = 200 Hz h11e 2 0.25 8 1.25 10-4 k 4 dB Ceb 25 Ccb 8 pF fT 300 MHz typ. max.
Unit
-
25
Storage time
VCC = 30 V, IC = 150 mA, IB1 =IB2 = 15mA Fall time VCC = 30 V, IC = 150 mA, IB1 =IB2 = 15mA
3
tstg tf
-
-
225 60
Feb-18-2002
f = 1 kHz,
ns ns
SMBT2222A/ MMBT2222A Test circuits
Delay and rise time
30 V 200 Osc. 9.9 V 0 619 0.5 V
EHN00055
Storage and fall time
30 V ~100 s < 5 ns 16.2 V 0 -13.8 V ~ 500 s -3.0 V
EHN00056
200 Osc. 1 k
Oscillograph: R > 100, C < 12pF, tr < 5ns
4
Feb-18-2002
SMBT2222A/ MMBT2222A
Total power dissipation Ptot = f(TS) Collector-base capacitance CCB = f (VCB) f = 1MHz
360
mW
10 2 pF Ccb 5
SMBT 2222/A
EHP00739
300 270
Ptot
240 210 180 150 120 90 60 30 0 0 15 30 45 60 75 90 105 120
10 1
5
C 150 TS
10 0 10 -1
5 10 0
5 10 1
V 10 2 V CB
Permissible pulse load Ptotmax / PtotDC = f (tp )
10 3 Ptot max 5 Ptot DC
SMBT 2222/A EHP00740
Transition frequency fT = f (IC) VCE = 20V
10 3 fT
T
SMBT 2222/A EHP00741
tp D= T
tp
MHz
10 2 5
10 1 5
D= 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
2 10 2
5
2
10 0 10 -6
10
-5
10
-4
10
-3
10
-2
s tp
10
0
101 10 0
5
10 1
5
10 2 mA 5
10 3
C
5
Feb-18-2002
SMBT2222A/ MMBT2222A
Saturation voltage IC = f (VBEsat , VCEsat) hFE = 10
10 3 mA
SMBT 2222/A EHP00742
DC current gain hFE = f (IC ) VCE = 10V
10 3
SMBT 2222/A EHP00743
C
10 2 5 VCE VBE
h FE
5 150 C 25 C
10 1 5
10 2 -50 C 5
10 0 5
10 -1
0
0.2
0.4
0.6
0.8
1.0 V 1.2
10 1 -1 10
10
0
10
1
VBE sat , VCE sat
10 C
2
mA 10 3
Delay time td = f (IC ) Rise time tr = f (IC)
10 3 ns td,tr 5 VCC = 30 V h FE = 10 tr 10 2 tr V = 5 V BE
SMBT 2222/A EHP00744
Storage time tstg = f (IC ) Fall time
10 3 ns t s, t f 5
tf = f (IC)
EHP00745
SMBT 2222/A
ts 10 2 h FE = 10
5
VBE = 2 V td
td
5 tf h FE = 10 h FE = 20
VBE = 0 V 10 1 10 0 5 10 1 5 10 2 mA 5 C 10 3 10 1 1 10 5 10
2
mA
5
10
3
C
6
Feb-18-2002


▲Up To Search▲   

 
Price & Availability of MMBT2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X