Part Number Hot Search : 
57714 KTIR0811 H01N60SI E007411 E007411 UPC592 ON1825 MMSZ524
Product Description
Full Text Search
 

To Download MM5Z2V7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Certificate TH97/10561QM
Certificate TW00/17276EM
MM5Z2V4 - MM5Z75V
VZ : 2.4 to 75 V PD : 200 mW
0.85 0.75
ZENER DIODES SOD-523
1.25 1.15 0.4 0.3
FEATURES :
* Steady State Power Rating of 200 mW * Standard Zener Breakdown Voltage Range 2.4V to 75V * Pb / RoHS Free
1.65 1.55
MECHANICAL DATA :
* LEAD FINISH : 100% Matte Sn (Tin) * MOUNTING POSITION : Any * QUALIFIED MAX REFLOW TEMPERATURE : 260 C Dimensions in millimeters
Maximum Ratings and Thermal Characteristics
Parameter
Total Device Dissipation FR-5 Board, at Ta = 25 C Junction Temperature Range Storage Temperature Range
Symbol
PD TJ TSTG
Value
200 -65 to + 150 -65 to + 150
0.135 0.127
0.70 0.60
Unit
mW C C
Page 1 of 2
Rev. 01 : March 10, 2006
Certificate TH97/10561QM
Certificate TW00/17276EM
ELECTRICAL CHARACTERISTICS
Type No. Marking
(Ta=25 C unless otherwise noted, VF = 0.9 V Max. @ IF =10 mA for all types)
VZ (mV/k) C Test Test Zener Impedance Leakage Current Zener Voltage (Note 1) @ VR =0 @ I ZT Current Current IR @ VZ @ I ZT (V) VR ZZT @ I ZT ZZT @ I ZK IZK IZT f = 1MHz (V) Min. Max. pF Min. Nom. Max. (mA) (mA) () () (A)
2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 14.3 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13.25 15 16.2 18 20 22 24.2 27 30 33 36 39 43 47 51 56 62 68 75 2.6 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.8 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 79 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2 2 2 100 100 100 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 150 170 180 200 215 240 255 1000 1000 1000 1000 1000 1000 1000 800 500 200 100 160 160 160 160 160 160 80 80 80 80 80 100 100 120 300 300 300 500 500 500 500 500 500 500 500 500 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 50 20 10 5 5 3 3 3 2 1 3 2 1 0.7 0.2 0.1 0.1 0.1 0.1 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 4.0 4.0 5.0 5.0 7.0 8.0 8.0 8.0 8.0 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.2 25.2 27.3 30.1 32.9 35.7 39.2 43.4 47.6 52.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -2.7 -2.0 0.4 1.2 2.5 3.2 3.8 4.5 5.4 6.0 7.0 9.2 10.4 12.4 14.4 15.4 18.4 21.4 24.4 27.4 30.4 33.4 37.6 42.0 46.6 52.2 58.8 65.6 73.4 0 0 0 0 0 -2.5 0 0.2 1.2 2.5 3.7 4.5 5.3 6.2 7.0 8.0 9.0 10.0 11.0 13.0 14.0 16.0 18.0 20.0 22.0 25.3 29.4 33.4 37.4 41.2 46.6 51.8 57.2 63.8 71.6 79.8 88.6 450 450 450 450 450 450 450 260 225 200 185 155 140 135 130 130 130 130 120 110 105 100 85 85 80 70 70 70 70 45 40 40 40 40 35 35 35
MM5Z2V4 MM5Z2V7 MM5Z3V0 MM5Z3V3 MM5Z3V6 MM5Z3V9 MM5Z4V3 MM5Z4V7 MM5Z5V1 MM5Z5V6 MM5Z6V2 MM5Z6V8 MM5Z7V5 MM5Z8V2 MM5Z9V1 MM5Z10V MM5Z11V MM5Z12V MM5Z13V MM5Z15V MM5Z16V MM5Z18V MM5Z20V MM5Z22V MM5Z24V MM5Z27V MM5Z30V MM5Z33V MM5Z36V MM5Z39V MM5Z43V MM5Z47V MM5Z51V MM5Z56V MM5Z62V MM5Z68V MM5Z75V
Z7 A8 B8 C8 D8 E8 F8 G8 H8 I8 J8 K8 L8 M8 N8 O8 P8 Q8 R8 S8 T8 U8 V8 W8 X8 Y8 Z8 A9 B9 C9 D9 E9 F9 G9 H9 I9 J9
Note : (1) Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25 C.
Page 2 of 2
Rev. 01 : March 10, 2006


▲Up To Search▲   

 
Price & Availability of MM5Z2V7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X