Part Number Hot Search : 
TC2696 V91916 RT7285C RF621 SMS12 SA117 HMM5159B 85L02H
Product Description
Full Text Search
 

To Download MCT1206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCcomponents
DATA SHEET
MCT 0603; MCU 0805; MCA 1206 Precision flat chip resistors
Product specification Supersedes data of 8th June 2001 File under BCcomponents, BC08 2002 Dec 19
BCcomponents
Product specification
Precision flat chip resistors
FEATURES
MCT 0603; MCU 0805; MCA 1206
The result of the determined production is verified by an extensive testing procedure and optical inspection performed on 100% of the individual chip resistors. Only accepted products are laid directly into the paper tape in accordance with EN 60 286-3. The resistors are suitable for processing on automatic SMD assembly systems and for automatic soldering using wave, reflow or vapour phase. The encapsulation is resistant to all cleaning solvents commonly used in the electronics industry, including alcohols, esters and aqueous solutions. The resistors are lead-free, the pure tin plating provides compatibility with lead-free soldering processes. The immunity of the plating against tin whisker growth has been proven under extensive testing. All products comply with the CEFIC-EECA-EICTA list of legal restrictions on hazardous substances. Solderability is specified for 2 years after production or re-qualification. The permitted storage time is 20 years. The resistors are tested in accordance with EN 140 401-801 (superseding CECC 40 401-801) which refers to EN 60115-1 and EN140 400. Approval of conformity is indicated by the CECC logo on the package label. BCcomponents BEYSCHLAG has achieved "Approval of Manufacturer" in accordance with EN 100 114-1. The release certificate for "Technology Approval Schedule" in accordance with CECC 240 001 based on EN 100 114-6 is granted for the BCcomponents BEYSCHLAG manufacturing process. On request, resistors are available with established reliability in accordance with CECC 40 401-801 Version E. Please refer to the special data sheet for information on failure rate level, available resistance ranges and order codes.
* Thin-film technology * Low TC: 10 to 25 ppm/K * Precision tolerance of value: 0,1 and 0,25% * Superior overall stability: class 0,1 and 0,25 * Green product, supports lead-free soldering.
Case sizes Imperial: Metric: 0603 RR 1608M 0805 RR 2012M 1206 RR 3216M
APPLICATIONS
* Test and measuring equipment * Medical equipment * Industrial equipment.
DESCRIPTION MCT 0603, MCT 0805 and MCA 1206 Precision Thin Film Flat Chip Resistors combine the proven reliability of the professional products with an advanced level of precision and stability. Therefore they are perfectly suited for applications in the fields of test and measuring equipment together with industrial and medical electronics. Production is strictly controlled and follows an extensive set of instructions established for reproducibility. A homogeneous film of metal alloy is deposited on a super high grade (96% Al203) ceramic substrate and conditioned to achieve the desired temperature coefficient. Specially designed inner contacts are deposited on both sides. A special laser is used to achieve the target value by smoothly fine trimming the resistive layer without damaging the ceramics. A further conditioning is applied in order to stabilize the trimming result. The resistor elements are covered by a blue protective coating designed for electrical, mechanical and climatic protection. The terminations receive a final pure tin on nickel plating.
2002 Dec 19
2
BCcomponents
Product specification
Precision flat chip resistors
QUICK REFERENCE DATA DESCRIPTION Metric size Resistance range Resistance tolerance Temperature coefficient Operation mode Climatic category (LCT/UCT/days) Rated dissipation, P70 Operating voltage, Umax AC/DC Film temperature Max. resistance change at P70 for resistance range, DR/R max., after: 1 000 h 8 000 h 225 000 h Specified lifetime Insulation voltage : 1 minute; Uins continuous Failure rate 100 V 75 V precision 10/85/56 0,032 W 25 V 85 C MCT 0603 RR 1608M 47 W to 150 kW
MCT 0603; MCU 0805; MCA 1206
MCU 0805 RR 2012M 47 W to 332 kW
MCA 1206 RR 3216M 47 W to 332 kW
0,25%; 0,1% 25 ppm/K; 15 ppm/K; 10 ppm/K
standard 55/125/56 0,1 W 75 V 125 C precision 10/85/56 0,050 W 35 V 85 C standard 55/125/56 0,125 W 150 V 125 C
0,1% 25 ppm/K
precision 10/85/56 0,1 W 50 V 85 C standard 55/125/56 0,25 W 200 V 125 C
47 W to 150 kW
47 W to 332 kW
47 W to 332 kW
0,1% 0,2% 0,5%
0,2% 0,4% 1,0%
0,1% 0,2% 0,5%
0,2% 0,4% 1,0%
0,05% 0,1% 0,25%
0,1% 0,25% 0,5%
225 000 h
225 000 h 200 V 75 V
225 000 h 300 V 75 V
2 10-9/h
2 10-9/h
2 10-9/h
2002 Dec 19
3
BCcomponents
Product specification
Precision flat chip resistors
Table 1 Temperature coefficient and resistance range DESCRIPTION T.C. TOLERANCE 0,25% MCT 0603 47 W to 150 kW
MCT 0603; MCU 0805; MCA 1206
RESISTANCE VALUE(1) MCU 0805 47 W to 332 kW MCA 1206
-
25 ppm/K 0,1%
100 W to 150 kW 47 W to 332 kW 47 W to 332 kW
0,25% 15 ppm/K 0,1%
47 W to 150 kW
47 W to 100 kW
-
100 W to 100 kW
100 W to 100 kW
-
0,25% 10 ppm/K(2) 0,1%
47 W to 20 kW
47 W to 36 kW
-
100 W to 20 kW
100 W to 36 kW
Notes 1. Resistance values to be selected from E96 and E192 series, other values are available on request. 2. TC 10 is specified over the temperature range from -10 C to 85 C. Resistance ranges printed in bold are preferred T.C. / tolerance combinations with optimized availability.
2002 Dec 19
4
BCcomponents
Product specification
Precision flat chip resistors
ORDERING INFORMATION
MCT 0603; MCU 0805; MCA 1206
Components may be ordered by using either a simple clear text ordering code, see "Type description and ordering code" or BCcomponents' unique 12NC. Numeric ordering code (12NC)
* The resistors have a 12-digit ordering code starting with 2312. * The subsequent 4 digits indicate the resistor type, specification and packaging; see Table 2. * The remaining 4 digits indicate the resistance value:
- The first 3 digits indicate the resistance value. - The last digit indicates the resistance decade in accordance with Table 3. Table 2 12NC ordering code indicating resistor type and packaging DESCRIPTION P1 1 000 units 201 6.... 201 7.... 202 6.... 202 7.... 203 6.... 203 7.... 241 6.... 241 7.... 242 6.... 242 7.... 243 6.... 243 7.... 381 7.... ORDERING CODE 2312 ... ..... CARDBOARD TAPE ON REEL TOL. P5 5 000 units 216 6.... 216 7.... 217 6.... 217 7.... 218 6.... 218 7.... 256 6.... 256 7.... 257 6.... 257 7.... 258 6.... 258 7.... 396 7.... PW 20 000 units 206 6.... 206 7.... 207 6.... 207 7.... 208 6.... 208 7.... 246 6.... 246 7.... 247 6.... 247 7.... 248 6.... 248 7.... 386 7....
TYPE
T.C.
25 ppm/K
MCT 0603 15 ppm/K
0,25% 0,1% 0,25% 0,1% 0,25% 0,1% 0,25% 0,1% 0,25% 0,1% 0,25% 0,1%
10 ppm/K 25 ppm/K
MCU 0805 15 ppm/K
10 ppm/K
MCA 1206 25 ppm/K 0,1%
Resistance ranges printed in bold are preferred T.C. / tolerance combinations with optimized availability. Table 3 Last digit of 12NC indicating resistance decade LAST DIGIT 9 1 2 3 4 ORDERING EXAMPLE The ordering code of a MCT 0603 resistor, value 4 7 kW and TC 25 with 0,1% tolerance, supplied in cardboard tape of 5 000 units per reel is: 2312 216 74703.
RESISTANCE DECADE 10 to 99,9 W 100 to 999 W 1 to 9,99 kW 10 to 99,9 kW 100 to 999 kW
2002 Dec 19
5
BCcomponents
Product specification
Precision flat chip resistors
Type description and ordering code
MCT 0603; MCU 0805; MCA 1206
* We recommend that the clear text ordering code is used, to minimize the possibility of errors in order handling.
M C T 0603 - 25 0,1% P5 47 k
Film type M = metal film or cermet Product code C = flat chip
Resistance value see Table 1 Packaging P1 = 1 000 units P5 = 5 000 units PW = 20 000 units Tolerance 0,1 % 0,25 %
Size code T = 0603 U = 0805 A = 1206 Imperial size 0603 0805 1206
Temperature Coefficient 10 ppm/K 15 ppm/K 25 ppm/K
2002 Dec 19
6
BCcomponents
Product specification
Precision flat chip resistors
FUNCTIONAL DESCRIPTION Derating
Power Dissipation P
MCT 0603; MCU 0805; MCA 1206
MCT 0603 MCU 0805, MCA 1206
0,2 W 0,1
0 -50 0 50 70 100 C 150
Ambient Temperature J amb
Fig.1 Derating, standard operation.
Power Dissipation P
0,3
MCT 0603 MCU 0805
0,2 W 0,1
0 -50 0 50 70 100 C 150
Ambient Temperature J amb
Fig.2 Derating, precision operation.
2002 Dec 19
7
BCcomponents
Product specification
Precision flat chip resistors
Current noise
MCT 0603; MCU 0805; MCA 1206
Current Noise A 1
1 V/V 0,1
MCT 0603 MCU 0805 MCA 1206
0,01 1 kW 10 kW 100 kW 1 MW 10 MW
Resistance Value R
Fig.3 Current noise A1 in accordance with IEC 60 195.
2002 Dec 19
8
BCcomponents
Product specification
Precision flat chip resistors
MECHANICAL DATA Outlines
MCT 0603; MCU 0805; MCA 1206
T1
W WT
H
CCC293
T2 L
For dimensions see Table 4.
Fig.4 Outlines. Table 4 TYPE MCT 0603 MCU 0805 MCA 1206 Chip resistor types, mass and relevant physical dimensions; see Fig.4 H (mm) 0,45 +0,1/-0,05 0,45 +0,1/-0,05 0,55 0,1 L (mm) 1,55 0,05 2,0 0,1 3,2 +0,1/-0,2 W (mm) 0,85 0,1 1,25 0,15 1,6 0,15 WT (mm) > 75% of W > 75% of W > 75% of W T1 (mm) 0,3 +0,15/-0,2 0,4 +0,1/-0,2 0,5 0,25 T2 (mm) 0,3 +0,15/-0,2 0,4 +0,1/-0,2 0,5 0,25 MASS (mg) 1,9 4,6 9,2
2002 Dec 19
9
BCcomponents
Product specification
Precision flat chip resistors
TESTS AND REQUIREMENTS All tests are carried out in accordance with the following specifications: EN 60 115-1, Generic specification (includes tests) EN 140 400, Sectional specification (includes schedule for qualification approval) EN 140 401-801, Detail specification (includes schedule for conformance inspection) The components are approved in accordance with the European CECC-system, where applicable. Table 5 contains only the most important tests. For the full test schedule refer to the documents listed above. The testing also covers most of the requirements specified by EIA/IS-703 and JIS-C-5202. The tests are carried out in accordance with IEC 60 068 and under standard atmospheric conditions in accordance with IEC 60 068-1, 5.3. Climatic category LCT/UCT/56 (rated temperature range: Lower Category Temperature, Upper Table 5 EN 60 115-1 CLAUSE Test procedures and requirements IEC 60 068-2 TEST METHOD
MCT 0603; MCU 0805; MCA 1206
Category Temperature; damp heat, long term, 56 days) is valid. Unless otherwise specified the following values apply: Temperature: 15 C to 35 C Relative humidity: 45% to 75% Air pressure: 86 kPa to 106 kPa (860 mbar to 1 060 mbar). The components are mounted for testing on boards in accordance with EN 60 115-1, 4.31 unless otherwise specified. The requirements stated in Table 5 are based on the required tests and permitted limits of EN 140 401-801. However, some additional tests and a number of improvements against those minimum requirements have been included.
TEST
PROCEDURE
REQUIREMENTS PERMISSIBLE CHANGE (DR/R) STABILITY CLASS 0,1 STABILITY CLASS 0,25
stability for product types: MCT 0603 MCU 0805 MCA 1206 4.5 4.8.4.2 4.25.1 100 W to 10 kW 100 W to 47,5 kW 47 W to 332 kW 47 W to < 100 W; > 10 kW to 150 kW 47 W to < 100 W; > 47,5 kW to 332 kW
-
-
resistance temperature coefficient endurance at 70 C: precision operation mode at 20 / -10 / 20 C and 20 / 85 / 20 C U = P 70 R or U = Umax; whichever is the less severe 1,5 h on; 0,5 h off 70 C; 1 000 h 70 C; 8 000 h
0,1%; 0,25% 25 ppm/K; 15 ppm/K; 10 ppm/K
(0,1%R + 0,02 W)(1) (0,2%R + 0,05 W)(1)
-
endurance at 70 C: standard operation mode
U = P 70 R or U = Umax; whichever is the less severe; 1,5 h on; 0,5 h off 70 C; 1 000 h 70 C; 8 000 h
(0,2%R + 0,02 W)(1) (0,4%R + 0,05 W)(1)
10
2002 Dec 19
BCcomponents
Product specification
Precision flat chip resistors
MCT 0603; MCU 0805; MCA 1206
REQUIREMENTS PERMISSIBLE CHANGE (DR/R) STABILITY CLASS 0,1 STABILITY CLASS 0,25
EN 60 115-1 CLAUSE
IEC 60 068-2 TEST METHOD
TEST
PROCEDURE
stability for product types: MCT 0603 MCU 0805 MCA 1206 4.25.3 100 W to 10 kW 100 W to 47,5 kW 47 W to 332 kW 47 W to < 100 W; > 10 kW to 150 kW 47 W to < 100 W; > 47,5 kW to 332 kW
(0,2%R + 0,02 W) (0,4%R + 0,05 W) (0,25%R + 0,05 W)
-
endurance at 85 C; 1 000 h upper category 125 C; 1 000 h temperature damp heat, steady state climatic sequence: 40 2 C; 56 days; 93 +2/-3% RH
(0,1%R + 0,02 W) (0,2%R + 0,02 W) (0,1%R + 0,02 W)
4.24 4.23 4.23.2 4.23.3
3 (Ca)
2 (Ba) 30 (Db)
dry heat damp heat, cyclic cold low air pressure damp heat, cyclic
UCT; 16 h 55 C; 24 h; >90% RH; 1 cycle LCT; 2 h 8,5 kPa; 2 h; 25 10 C 55 C; 5 days; >95 to 100 % RH; 5 cycles LCT = -55 C; UCT = 125 C
4.23.4 4.23.5 4.23.6
1 (Aa) 13 (M) 30 (Db)
(0,1%R + 0,02 W)
(0,25%R + 0,05 W)
4.19
1 (Aa) 14 (Na)
cold
-55 C; 2 h
(0,05%R + 0,01 W) (0,05R + 0,01 W) no visible damage
rapid change 30 minutes at LCT and 30 minutes at UCT; of temperature LCT = -10 C; UCT = 85 C; 5 cycles LCT = -55 C; UCT = 125 C; 1 000 cycles
(0,25%R + 0,05 W) no visible damage
2002 Dec 19
11
BCcomponents
Product specification
Precision flat chip resistors
MCT 0603; MCU 0805; MCA 1206
REQUIREMENTS PERMISSIBLE CHANGE (DR/R) STABILITY CLASS 0,1 STABILITY CLASS 0,25
EN 60 115-1 CLAUSE
IEC 60 068-2 TEST METHOD
TEST
PROCEDURE
stability for product types: MCT 0603 MCU 0805 MCA 1206 4.13 100 W to 10 kW 100 W to 47,5 kW 47 W to 332 kW 47 W to < 100 W; > 10 kW to 150 kW 47 W to < 100 W; > 47,5 kW to 332 kW
-
-
short time overload; precision operation mode short time overload; standard operation mode
(0,05%R + 0,01 W)
U = 2,5 P 70 R or U = 2 Umax; whichever is the less severe; 5 s
(0,05%R + 0,01 W)
4.27
-
single pulse high voltage overload; standard operation mode periodic electric overload; standard operation mode vibration
severity no. 4: U = 10 P 70 R or U = 2 Umax; whichever is the less severe; 10 pulses 10 ms/700 ms U = 15 P 70 R or U = 2 Umax; whichever is the less severe; 0,1 s on; 2,5 s off; 1000 cycles endurance by sweeping; 10 to 2000 Hz; no resonance; amplitude 1,5 mm or 200 m/s2; 6 h solder bath method; SnPb40; non-activated flux 215 3 C; 3 0,3 s solder bath method; SnAg3Cu0,5 or SnAg3,5; non-activated flux 235 3 C; 2 0,2 s
(0,5%R + 0,05 W)(2) no visible damage
4.37
-
(0,5%R + 0,05 W)(2) no visible damage
4.22
6 (Fc)
(0,05%R + 0,01 W) no visible damage
4.17.2
58 (Td)
solderability
good tinning (95% covered); no visible damage
4.18.2
58 (Td)
resistance to soldering heat
solder bath method; 260 5 C; 10 1 s
(0,05%R + 0,01 W)
2002 Dec 19
12
BCcomponents
Product specification
Precision flat chip resistors
MCT 0603; MCU 0805; MCA 1206
REQUIREMENTS PERMISSIBLE CHANGE (DR/R) STABILITY CLASS 0,1 STABILITY CLASS 0,25
EN 60 115-1 CLAUSE
IEC 60 068-2 TEST METHOD
TEST
PROCEDURE
stability for product types: MCT 0603 MCU 0805 MCA 1206 4.29 45 (XA) component solvent resistance shear (adhesion) substrate bending voltage proof flammability isopropyl alcohol +50 C; method 2 RR 1608M; 9 N RR 2012M and RR 3216; 45 N depth 2 mm, 3 times Urms = Uins; 60 5 s IEC 60 695-2-2, needle flame test; 10 s U = P 70 R or U = Umax; whichever is the less severe; 1,5 h on; 0,5 h off 70 C; 1 000 h 70 C; 8 000 h U = P 70 R or U = Umax; whichever is the less severe; 1,5 h on; 0,5 h off 70 C; 1 000 h 70 C; 8 000 h Notes 1. See 4.25.1 (above): special requirements for type MCA 1206. 2. The pulse load stability of professional MFC resistors applies for precision resistors also. However, severe pulse loads are likely to jeopardise precision stability requirements. no visible damage 100 W to 10 kW 100 W to 47,5 kW 47 W to 332 kW no visible damage 47 W to < 100 W; > 10 kW to 150 kW 47 W to < 100 W; > 47,5 kW to 332 kW
-
4.32
21 (Ue3)
4.33 4.7 4.35
21 (Ue1)
(0,05%R + 0,01 W) no visible damage, no open circuit in bent position
no flashover or breakdown no burning after 30 s
-
Special requirements for type MCA 1206 4.25.1
-
endurance at 70 C: precision operation mode endurance at 70 C: standard operation mode
(0,05%R + 0,02 W) (0,1%R + 0,02 W)
-
(0,1%R + 0,02 W) (0,25%R + 0,05 W)
2002 Dec 19
13


▲Up To Search▲   

 
Price & Availability of MCT1206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X