Part Number Hot Search : 
110IL SM2200B 100V1 RDS6T 00LVE ENA1952A 2SA979 74LS39
Product Description
Full Text Search
 

To Download MB1510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
RECTIFIER SPECIALISTS
KBPC MB 15005 1505 THRU KBPC MB 1510 1510
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 15 Amperes
FEATURES
* Metal case for Maximum Heat Dissipation * Surge overload ratings-300 Amperes * Low forward voltage drop
MB-25
MECHANICAL DATA
* Case: Metal case, electrically isolated * Epoxy: UL 94V-0 rate flame retardant * Terminals: Plated .25"(6.35mm) Faston lugs, Solderable per MIL-STD-202E, Method 208 guaranteed * Polarity: As marked * Mounting position: Any * Weight: 30 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
KBPC 15005 SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current at Tc = 55 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage Drop per element at 7.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage per element I t Rating for Fusing (t<8.3ms) Typical Junction Capacitance ( Note1) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts
2
KBPC 1501 100 70 100
KBPC 1502 MB152 200 140 200
KBPC 1504 MB154 400 280 400 15.0 300 1.1 10 500
KBPC 1506 MB156 600 420 600
KBPC 1508 MB158 800 560 800
KBPC 1510 MB1510 UNITS 1000 700 1000 Volts Volts Volts Amps Amps Volts uAmps A 2 Sec pF
0
MB1505 MB151 50 35 50
VRRM VRMS VDC IO IFSM VF IR It CJ RJ A T J,TSTG
2
@TA = 25 oC @TC = 100 oC
374 40 19 -55 to + 175
C/W
0
C
2. Thermal Resistance from Junction to Ambient and from junction to lead mounted on P.C.B. with 0.47 x 0.47" (12x12mm) copper pads.
260
NEXT NEXT NEXT
BACK BACK BACK
EXIT EXIT EXIT
RATING AND CHARACTERISTIC CURVES
(
KBPC15005 MB1505 THRU
KBPC1510 MB1510
)
DC COMPONENTS CO., LTD.
R
261
EXIT EXI BACK NEXT BACK EXIT NEXT BACK NEXT


▲Up To Search▲   

 
Price & Availability of MB1510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X