Part Number Hot Search : 
CHDTA MC3328 HCT05 74LVT 2A250 SMCJ11 DS106C2 57V64
Product Description
Full Text Search
 

To Download MB1236 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MB-SERIES
Features
MB1236 MB1220
(1) Wide band: High attenuation. Band wide: 150kHz ~ 30MHz, 2 stage filter (2) Block terminal with cover type Simple wire connection, high safety by cover (3) Compact, low profile package Low profile metal case, 10A type: 26mm
Safety standard
MB1216
MB1210
UL1283, CSA Std. C22. 2 No. 8 VDE0565 Teil 3, Teil 3A2 5653 EN133200 EN133200 (VDE0565 will expire on July 23, 2003.)
MB1206
Specifications
Items 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Ratedl voltage (AC, DC) Rated current (AC, DC) (Note 1) 6A 10A Test voltage (terminal to case, AC 1 minute) Isolation resistance (terminal to case, 500VDC) Leakage current DC resistance Temperature rise Operating temperature Operating humidity Storage temperature Storage humidity Vibration Safety standard Weight (typ) 125V, 60Hz 250V, 60Hz 140m max. 50m max. Model MB1206 MB1210 MB1216 250V 16A 2500V (20mA) at 25C, 70% RH 100M min. at 25C, 70% RH 0.5mA max. 1mA max. 34m max. 40C max. -25 ~ +85C 30% ~ 95% RH (No dewdrop) -40 ~ +85C 10% ~ 95% RH (No dewdrop) 20m max. 9m max. 20A 36A MB1220 MB1236
Noise Filter
Sweep: 10 ~ 55 ~ 10Hz (for 1 minute), Amplitude: 1.5mm X, Y and Z axes for 2 hours each Approved by UL1283, CSA C22.2 No. 8 (C-UL), VDE0565 Teil3, Teil3A2 and EN133200 (VDE) 190g 220g 310g 530g 660g
(Note) : Value at Ta < 35C. Refer to the derating curve shown below at Ta > 35C. =
Circuit
Derating
Request customer specification for further details of specifications, outline, characteristics, etc. Read the instruction manual before usage. Contact us about delivery before ordering.
137
MB-SERIES
MB1206 MB1210
MB1216
MB1220
Noise Filter MB1236
Case: Metal (Unit: mm) 138
MB-SERIES
CHARACTERISTICS
Typical Insertion Loss
(1) Asymmetrical
MB1206
MB1210
Attenuation (dB)
Frequency (MHz)
Attenuation (dB)
Frequency (MHz)
MB1216
MB1220
Attenuation (dB)
Attenuation (dB)
Noise Filter
Frequency (MHz)
Frequency (MHz)
MB1236
Attenuation (dB)
Frequency (MHz)
139
MB-SERIES
CHARACTERISTICS
Typical Insertion Loss
(2) Symmetrical
MB1206
MB1210
Attenuation (dB)
Frequency (MHz)
Attenuation (dB)
Frequency (MHz)
MB1216
MB1220
Attenuation (dB)
Frequency (MHz)
Attenuation (dB)
Attenuation (dB)
Noise Filter
Frequency (MHz)
MB1236
Frequency (MHz)
140


▲Up To Search▲   

 
Price & Availability of MB1236

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X