Part Number Hot Search : 
BS616 40000 SI7308DN T89C51 IRG4PC30 R8C35A T351513 LTC222CN
Product Description
Full Text Search
 

To Download LT3475 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Voltage Buck Converters Drive High Power LEDs
Design Note 392 Keith Szolusha
Introduction High power LEDs continue to replace traditional bulbs in new automotive, industrial, backlight display and architectural detail lighting systems. LEDs excel in a wide range of performance and cost parameters, including excellent spectral performance, long life, robustness, falling manufacturing cost and relatively safe materials. Linear Technology offers a large and growing family of high voltage DC/DC converters tailored specifically to drive high-powered LEDs. The LT(R) 3474 and LT3475, for example, are high voltage, high current, single- and dual-channel buck LED converters with wide PWM dimming ratios that can drive one or more LEDs up to 1A and 1.5A for 80 lumens to 120 lumens per LED (or more as higher output LEDs become available). These dedicated LED drivers have onboard high voltage NPN power switches and internal sense resistors to minimize board space, reduce component count and simplify design. With their high side sense resistors, the LT3474 and LT3475 can drive LEDs tied to ground, an important advantage in many systems. Current-mode control and a precise reference voltage optimize loop dynamics for a well regulated, low ripple constant LED current. Thermally enhanced exposed pad packages keep the junction temperature low during high power operation in stressful environments. A PWM pin uses the dimming MOSFET
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. True Color PWM is a trademark of Linear Technology Corporation. All other trademarks are the property of their respective owners.
VIN 5V TO 36V 2.2F
gate signal to extend the dimming ratio of the converter by maintaining constant output capacitor voltage and control loop state during PWM dimming off-time. Shutdown and external analog current adjust pins provide simple interface for further LED light and current control flexibility in any system. Single Buck 1A LED Driver The LT3474 buck converter 1A LED driver shown in Figure 1 has features that suit it to automotive applications (and other battery-powered applications) or to industrial applications with limited board space, high voltage and high ambient temperature. This scheme uses a high side integrated 100m sense resistor for true LED current sensing and regulation, superior to the common and less efficient method of biasing LEDs with a constant voltage and a power wasting bias resistor. The 4V to 36V input voltage range makes it ideal to use with little-to-no input transient protection circuitry in automotive, industrial and avionic applications where long cables from the battery result in very high input spikes. The boosted NPN power switch results in high efficiency for both 1- and 2-LED applications (Figure 2). The boost diode is integrated to further reduce component count. Driving the shutdown pin to ground turns off the LEDs and reduces the input current to less than 2A for battery longevity.
95 90 VIN = 12V TWO SERIES CONNECTED WHITE LUXEON III STARS
EFFICIENCY (%)
VIN
BOOST
0.22F
85 10H 80 ONE WHITE LUXEON III STAR 75 70 65 60
SW SHDN LT3474 RT BIAS REF 80.6k 10k 0.1F 3.3nF VADJ VC GND OUT PWM LED LED1 DIMMING CONTROL 2.2F
55
DN392 F01
0
200
400 800 600 LED CURRENT (mA)
1000
DN392 F02
Figure 1. LT3474 High Voltage Buck LED Driver Regulates 1A
06/06/392
Figure 2. LT3474 Buck Drives Single or Multiple LEDs with High Efficiency
LED brightness is controlled by either the 400:1 True Color PWMTM dimming with an external MOSFET driver or with an analog 25:1 (or filtered PWM) signal on the VADJ pin. Applications can be optimized for highest efficiency or smallest component size via an external resistor that programs the switching frequency from 200kHz to 2MHz. The maximum output voltage of the LT3474 is clamped at 13.8V which protects the LT3474 output from LED open circuit. Short-circuit protection is the final detail that makes the LT3474 a bulletproof converter in the case of all types of LED failures. Dual Buck 1.5A LED Driver Figure 3 shows a dual-channel 1.5A buck converter LED driver using the LT3475 which is essentially two LT3474 converters combined in a single IC with a few additional features. This simple solution is ideal for automotive applications where two overhead or dashboard lights are needed in the same system. Both light channels (each a single or a string of LEDs) have separate VADJ voltages and PWM signals for independent operation, but a single shutdown pin further improves battery-saving micropower operation by reducing the total battery drain of the circuit to 2A in shutdown. Each of the dual outputs can be driven as high as 1.5A for more powerful LEDs or LEDs that require higher current and less forward voltage such as red and amber brake
VIN 5V TO 36V 1N4448W CIN 4.7F 50V
and signal LEDs. Although the maximum output voltage is clamped at the same level as the LT3474 at 13.8V, the maximum power output capability of the LT3475 is three times higher. The PWM dimming ratio is also greater--1200:1 or higher with the extended dimming ratio circuit in Figure 4. Improvements in PWM dimming techniques with lower minimum dimming on-time requirements help this IC achieve extreme automotive and nighttime dimming levels while maintaining the same true color as 100% duty cycle. Independent analog VADJ dimming ratio is 30:1 (50mA LED current) for each channel. To reduce internal power dissipation, the boost diode for each channel is left out of the IC. Compared to the LT3474, the LT3475 offers three times the power capability, the same shutdown current, the same switching frequency range, a slightly higher input voltage (36V operating, 40V maximum), a higher dimming ratio, a higher LED current and only a slightly bigger package (20-pin versus 16-pin exposed thermal pad TSSOP)--making it a great choice for higher power solutions. In addition, the anti-phase switching of the two channels in the LT3475 reduces the input ripple seen by the source and limits the need for extra high voltage input capacitors. Conclusion The LT3474 and LT3475 are excellent choices for high voltage, high current, buck LED drivers in automotive, industrial, backlight display and architectural display lighting systems. The heavily integrated ICs reduce component count and board space, while still providing flexible features such as adjustable LED current, PWM dimming and adjustable operating frequency. Accurate LED current regulation makes these ICs superior to other DC/DC voltage regulators or LED drivers. Efficiency as high as 88% combined with less than 2A of shutdown current save battery power and extend lifetime.
1M RT
VIN
SHDN
1N4448W 0.22F
BOOST1 BOOST2 L1 0.22F 10H SW1 B240A COUT1 2.2F 6.3V OUT1 LED1 LED 1 1.5A PWM1 VC1 10k Q1 3.3nF REF RT 24.3k 0.1F
DN392 F03
LT3475 SW2
L2 10H
B240A OUT2 LED2 PWM2 VC2 10k 3.3nF VADJ1 VADJ2 GND Q2 LED 2 1.5A COUT2 2.2F 6.3V
800:1 DIMMING CONTROL
800:1 DIMMING CONTROL
220pF
10k 0.1F L1, L2: SUMIDA CDRH8D28-100 LED1, LED2: LUMILEDS LXK2 WHITE Q1, Q2: Si2312BDS
10k
PWM1 2N7002L
DN392 F04
Figure 3. LT3475 Dual High Voltage Buck LED Driver Regulates 1.5A
Data Sheet Download
Figure 4. LT3475 Extended Dimming Range Circuit Provides 1200:1 PWM Dimming Ratio When Added to Figure 3, and Up to 3000:1 at 1.4MHz
www.linear.com
For applications help, call (408) 432-1900, Ext. 2759
dn392 LT 0606 409K * PRINTED IN THE USA
Linear Technology Corporation
(408) 432-1900
1630 McCarthy Blvd., Milpitas, CA 95035-7417
FAX: (408) 434-0507 www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2006


▲Up To Search▲   

 
Price & Availability of LT3475

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X