|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LPE-5047 Vishay Dale Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available ELECTRICAL SPECIFICATIONS (Multiple winds are connected in parallel) Inductance Range: 10H to 68000H, measured at 0.10V RMS @ 10kHz without DC current, using an HP 4263A or HP 4284A impedance analyzer. DC Resistance Range: 0.03 ohm to 24.1 ohm, measured at + 25C 5C. Rated Current Range: 2.29 amps to .07 amps. Dielectric Withstanding Voltage: 500V RMS, 60Hz, 5 seconds. DIMENSIONS in inches (millimeters) Pad Layout 0.045 [1.14] Pad Dimensions Typical, 10 places 0.079 [2.01] 0.045 [1.14] 0.414 [10.52] 0.459 [11.66] Reference Only Typical 4 places STANDARD ELECTRICAL SPECIFICATIONS MODEL IND. (H) IND. SCHEMATIC DCR MAX. RATED* SATURATING** MAX. DC CURRENT CURRENT TOL. LETTER (Amps) (Amps) (Ohms) Dimensional Outline 6 0.472 [11.99] Max. 10 5 1 0.248 [6.30] Max. 0.525 [13.34] Max. 0.437 [11.10] 0.079 [2.01] Typ. 0.028 [.71] Ungapped Models 0.79 0.20 N/A A LPE-5047-151NA 150 30% 0.72 0.24 N/A A LPE-5047-221NA 220 30% 0.29 0.65 N/A A LPE-5047-331NA 330 30% 0.59 0.35 N/A A LPE-5047-471NA 470 30% 0.54 0.42 N/A A LPE-5047-681NA 680 30% 0.49 0.51 N/A A LPE-5047-102NA 1000 30% 0.44 0.63 N/A A LPE-5047-152NA 1500 30% 0.40 0.76 N/A A LPE-5047-222NA 2200 30% 0.35 1.00 N/A A LPE-5047-332NA 3300 30% 2.24 0.24 N/A A LPE-5047-472NA 4700 30% 0.21 2.70 N/A A LPE-5047-682NA 6800 30% 3.27 0.19 N/A A LPE-5047-103NA 10000 30% 0.14 6.26 N/A A LPE-5047-153NA 15000 30% 7.58 0.13 N/A A LPE-5047-223NA 22000 30% 0.11 9.50 N/A A LPE-5047-333NA 33000 30% 18.5 0.08 N/A A LPE-5047-473NA 47000 30% 0.07 24.1 N/A A 68000 30% LPE-5047-683NA Gapped Models 2.29 0.03 2.690 B LPE-5047-100MB 10 20% 0.04 2.07 2.230 B LPE-5047-150MB 15 20% 1.68 0.05 1.860 B LPE-5047-220MB 22 20% 1.35 0.09 1.540 C LPE-5047-330MB 33 20% 1.11 0.13 1.300 D 47 LPE-5047-470MB 20% 1.01 0.15 1.085 D LPE-5047-680MB 68 20% 0.81 0.24 0.900 D LPE-5047-101MB 100 20% 0.65 0.37 0.740 D LPE-5047-151MB 150 20% 0.53 0.55 0.610 E LPE-5047-221MB 220 20% 0.43 0.85 0.500 E LPE-5047-331MB 330 20% 0.35 1.29 0.420 E LPE-5047-471MB 470 20% 1.96 0.28 0.350 E LPE-5047-681MB 680 20% 0.26 2.38 0.290 E LPE-5047-102MB 1000 20% 0.21 3.66 0.240 E LPE-5047-152MB 1500 20% 0.17 5.47 0.195 E LPE-5047-222MB 2200 20% 0.14 8.48 0.160 E LPE-5047-332MB 3300 20% 0.11 13.2 0.135 E LPE-5047-472MB 4700 20% *DC current that will create a maximum temperature rise of 30C when applied at + 25C ambient. **DC current that will typically reduce the initial inductance by 20%. UNGAPPED MODELS: Highest possible inductance with the lowest DCR and highest Q capability. Beneficial in filter, impedance matching and line coupling devices. GAPPED MODELS: Capable of handling large amounts of DC current, tighter inductance tolerance with better temperature stability than ungapped models. Beneficial in DC to DC converters or other circuits carrying DC currents or requiring inductance stability over a temperature range. 0.028 [.71] Foot print Diagram NOTE: Pad layout guidelines per MIL-STD275E (printed wiring for electronic equipment). Tolerances: xx 0.01" [ 0.25mm]. xxx 0.005" [ 0.12mm]. DESCRIPTION - LPE-5047-102NA LPE MODEL 5047 SIZE 1000H INDUCTANCE VALUE 30% INDUCTANCE TOLERANCE A CORE SAP PART NUMBERING GUIDELINES (INTERNAL) L P E 5 0 SIZE 4 7 R Y 1 0 2 N TOL. U CORE PRODUCT FAMILY PACKAGE CODE INDUCTANCE VALUE See the end of this data book for conversion tables www.vishay.com 104 For technical questions, contact Magnetics@vishay.com Document Number: 34065 Revision 28-Aug-02 LPE-5047 Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available SCHEMATICS (TOP VIEW) Schematic A 6 7 8 9 10 5 4 3 2 1 6 7 8 9 10 Vishay Dale Schematic B 5 4 3 2 1 6 7 8 9 10 Schematic C 5 4 3 2 1 6 7 8 9 10 Schematic D 5 4 3 2 1 6 7 8 9 10 Schematic E 5 4 3 2 1 NOTE: Schematic A is for Ungapped LPE Series. ENVIRONMENTAL PERFORMANCE TEST CONDITIONS Thermal Cycling Withstands - 55C to +125C Operating Temperature - 55C to + 125C* High Humidity 85% Soldering Heat Tested to + 230C Mechanical Shock Per MIL-STD-202, Method 213 (100G) Vibration Per MIL-STD-202, Method 204 (20G) Solderability Per industry standards *Must be checked in end use application PART MARKING -- Vishay Dale -- Date code -- Marking code (Suffix of model #) -- Pin 1 indicator PACKAGING TAPE SPECIFICATIONS: Carrier Tape Type: Conductive. Cover Tape Type: Anti-static. Cover Tape Adhesion to Carrier: 40 30 grams. REEL SPECIFICATIONS: Diameter (flange): 13" [330.2mm]. Maximum Width (over flanges): 1.197" [30.4mm]. STANDARDS: All embossed carrier tape packaging will be accomplished in compliance with latest revision of EIA-481 "Taping of Surface Mount Components for Automatic Placement". MODEL LPE-5047 TAPE WIDTH 24mm COMPONENT PITCH 16mm UNITS PER 13 INCH REEL 600 Tape and Reel Orientation Pin 1 Indicator Cover Tape Carrier Tape USER DIRECTION OF FEED Embossed Cavity Label Area NOTE: Top view shown with cover tape removed. Document Number: 34065 Revision 28-Aug-02 For technical questions, contact Magnetics@vishay.com www.vishay.com 105 |
Price & Availability of LPE-5047-332MB |