Part Number Hot Search : 
960T63 SN510 SBL3030 25AC60AM C5202 LM340 PC554C KA2206BN
Product Description
Full Text Search
 

To Download KDR331V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
HIGH SPEED SWITCHING. FEATURES
Low Forward Voltage : VF=0.25(Typ.) @IF=5mA Very Small Package : VSM.
2
KDR331V
SCHOTTKY BARRIER TYPE DIODE
E B
1
3
MAXIMUM RATING (Ta=25
CHARACTERISTIC Maximum (Peak) Reverse Voltage Reverse Voltage Maximum (Peak) Forward Current Average Forward Current Surge Current (10ms) Power Dissipation Junction Temperature Storage Temperature Range Operating Temperature Range
)
SYMBOL VRM VR IFM IO IFSM PD Tj Tstg Topr RATING 15 10 100 * 50 * 1* 100 125 -55 -40 125 100 UNIT
P
P
V V mA mA A mW
1. ANODE 1 2. ANODE 2 3. CATHODE
C
DIM MILLIMETERS _ A 1.2 +0.05 _ B 0.8 +0.05 _ C 0.5 + 0.05 _ D 0.3 + 0.05 _ E 1.2 + 0.05 _ 0.8 + 0.05 G 0.40 H _ 0.12 + 0.05 J _ K 0.2 + 0.05 P 5
A
G
H
K
J
D
3
2
1
VSM
* : Unit Rating. Total Rating=Unit Rating 1.5
Marking
Type Name
UW
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC
)
TEST CONDITION IF=1mA IF=5mA IF=50mA VR=10V VR=0V, f=1MHz MIN. TYP. 0.21 0.25 0.35 13 MAX. 0.30 0.50 20 40 A pF V UNIT
SYMBOL VF(1)
Forward Voltage
VF(2) VF(3)
Reverse Current Total Capacitance
IR CT
2001. 7. 25
Revision No : 0
1/2
KDR331V
I F - VF
1 FORWARD CURRENT I F (mA)
Ta=23 C
I R - VR
10 REVERSE CURRENT I R (A)
Ta=23 C
1
0.1
0.1
0.01 0 100 200 300 400 500 FORWARD VOLTAGE V F (mV)
0.01 0 2 4 6 8 10 12 REVERSE VOLTAGE VR (V)
C T - VR
14 TOTAL CAPACITANCE C T (pF) 12 10 8 6 4 2 0 0.01 0.1 1 10 20 REVERSE VOLTAGE VR (V) POWER DISSIPATION P (mW) 120 100 80 60 40 20 0 0 25 50
P - Ta
75
100
125
AMBIENT TEMPERATURE Ta ( C)
2001. 7. 25
Revision No : 0
2/2


▲Up To Search▲   

 
Price & Availability of KDR331V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X