Part Number Hot Search : 
14490 121M10 CJL818C RX63T64 RX63T64 12SH3 LM3390 1350W
Product Description
Full Text Search
 

To Download IXFR44N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HiPerFETTM Power MOSFETs ISOPLUS247TM
(Electrically Isolated Back Surface) Single MOSFET Die
IXFR 44N60
VDSS = 600 V ID25 = 38 A RDS(on) = 130 mW trr 250 ns
Symbol VDSS VDGR VGS VGSM ID25 IDM IAR EAR EAS dv/dt PD TJ TJM Tstg TL VISOL Weight
Test Conditions T J = 25C to 150C T J = 25C to 150C; RGS = 1 MW Continuous Transient TC = 25C TC = 25C, Note 1 TC = 25C TC = 25C TC = 25C IS IDM, di/dt 100 A/ms, VDD VDSS T J 150C, RG = 2 W TC = 25C
Maximum Ratings 600 600 20 30 38 60 44 60 3 5 400 -55 ... +150 150 -55 ... +150 V V V V A A A mJ J V/ns
ISOPLUS 247TM E153432
G = Gate S = Source * Patent pending
D = Drain
Features W C C C C V~ g * Silicon chip on Direct-Copper-Bond substrate - High power dissipation - Isolated mounting surface - 2500V electrical isolation * Low drain to tab capacitance(<30pF) * Low RDS (on) HDMOSTM process * Rugged polysilicon gate cell structure * Unclamped Inductive Switching (UIS) rated * Fast intrinsic Rectifier Applications
1.6 mm (0.063 in.) from case for 10 s 50/60 Hz, RMS t = 1 min
300 2500 5
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 600 2.5 V 4.5 V 100 nA TJ = 25C TJ = 125C 100 mA 2 mA 130 mW
VDSS VGS(th) IGSS IDSS RDS(on)
VGS = 0 V. ID = 250mA VDS = VGS. ID = 4mA VGS = 20 V, VDS = 0 VDS = VDSS VGS = 0 V VGS = 10 V, ID = IT Notes 2, 3
* DC-DC converters * Battery chargers * Switched-mode and resonant-mode power supplies * DC choppers * AC & DC motor control Advantages * * * * Easy assembly Space savings High power density Low noise to ground
IXYS reserves the right to change limits, test conditions, and dimensions.
98728 (06/09/00)
(c) 2000 IXYS All rights reserved
1-2
IXFR 44N60
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. Notes 2, 3 30 45 8900 VGS = 0 V, VDS = 25 V, f = 1 MHz 1000 330 42 VGS = 10 V, VDS = 0.5 * VDSS, ID = IT RG = 2.0 W (External), Notes 2, 3 55 110 45 330 VGS = 10 V, VDS = 0.5 * VDSS, ID = IT Notes 2, 3 60 65 0.30 0.15 S pF pF pF ns ns ns ns nC nC nC K/W K/W
Dim. Millimeter Min. Max. A 4.83 5.21 A1 2.29 2.54 A2 1.91 2.16 b 1.14 1.40 1.91 2.13 b1 b2 2.92 3.12 C 0.61 0.80 D 20.80 21.34 E 15.75 16.13 e 5.45 BSC L 19.81 20.32 L1 3.81 4.32 Q 5.59 6.20 R 4.32 4.83 S 13.21 13.72 T 15.75 16.26 U 1.65 3.03 Inches Min. Max. .190 .205 .090 .100 .075 .085 .045 .055 .075 .084 .115 .123 .024 .031 .819 .840 .620 .635 .215 BSC .780 .800 .150 .170 .220 .244 .170 .190 .520 .540 .620 .640 .065 .080 1 Gate, 2 Drain (Collector) 3 Source (Emitter) 4 no connection
ISOPLUS 247 (IXFR) OUTLINE
gfs C iss Coss C rss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCK
VDS = 10 V; ID = IT
Source-Drain Diode Symbol IS ISM VSD t rr QRM IRM Test Conditions VGS = 0 V Repetitive; Note 1 IF = IT, VGS = 0 V, Notes 2, 3
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 44 176 1.3 250 A A V ns mC A
IF = 50A,-di/dt = 100 A/ms, VR = 100 V
1.4 8
Note: 1. Pulse width limited by TJM 2. Pulse test, t 300 ms, duty cycle d 2 % 3. IT = 22A
(c) 2000 IXYS All rights reserved
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025
2-2


▲Up To Search▲   

 
Price & Availability of IXFR44N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X