Part Number Hot Search : 
HPI6FFR4 MBRF1050 SMB13 PMN40LN ZT751 U4793B V640MU 16100
Product Description
Full Text Search
 

To Download IXFH75N10Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Technical Information
HiPerFETTM Power MOSFETs
Q-Class
N-Channel Enhancement Mode Avalanche Rated, High dv/dt Low Gate Charge and Capacitances
IXFH 75N10Q IXFT 75N10Q
RDS(on)
VDSS ID25
= 100 V = 75 A = 20 mW
trr 200ns
Symbol VDSS VDGR VGS VGSM I D25 IDM I AR EAR EAS dv/dt PD TJ TJM Tstg TL Md Weight
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGS = 1 M Continuous Transient TC = 25C TC = 25C, pulse width limited by TJM TC = 25C TC = 25C TC = 25C I S IDM, di/dt 100 A/s, VDD VDSS, TJ 150C, RG = 2 TC = 25C
Maximum Ratings 100 100 20 30 75 300 75 30 1.5 5 300 -55 ... +150 150 -55 ... +150 V V V V A A A mJ J V/ns W C C C C g g
TO-247 AD (IXFH)
(TAB)
TO-268 (IXFT) Case Style
G G = Gate S = Source S D = Drain TAB = Drain
(TAB)
1.6 mm (0.062 in.) from case for 10 s Mounting torque TO-247 AD TO-268
300 6 4
Features
l
1.13/10 Nm/lb.in.
l l
Symbol Test Conditions (TJ = 25C, unless otherwise specified) VDSS VGS(th) I GSS I DSS RDS(on) VGS = 0 V, ID = 250 A VDS = VGS, ID = 4 mA VGS = 20 VDC, VDS = 0 VDS = VDSS VGS = 0 V TJ = 25C TJ = 125C
Characteristic Values Min. Typ. Max. 100 2.0 4 100 25 1 20 V V nA A mA m
l l
l
IXYS advanced low gate charge process International standard packages Low gate charge and capacitance - easier to drive - faster switching Low RDS (on) Unclamped Inductive Switching (UIS) rated Molding epoxies meet UL 94 V-0 flammability classification
Advantages
l l l
VGS = 10 V, ID = 0.5 ID25 Pulse test, t 300 s, duty cycle d 2 %
Easy to mount Space savings High power density
(c) 1999 IXYS All rights reserved
98550A (6/99)
IXFH 75N10Q IXFT 75N10Q
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) Min. Typ. Max. 30 45 3700 VGS = 0 V, VDS = 25 V, f = 1 MHz 1300 425 31 VGS = 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25 RG = 4.7 (External) 65 65 28 140 180 VGS = 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25 30 65 0.42 (TO-247) 0.25 S pF pF pF ns ns ns ns nC nC nC K/W K/W
Terminals: 1 - Gate 3 - Source 2 - Drain Tab - Drain
1 2 3
TO-247 AD Outline
gfs Ciss Coss Crss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCK
VDS = 10 V; ID = 0.5 ID25, pulse test
Dim.
Source-Drain Diode Symbol IS ISM VSD t rr QRM IRM Test Conditions VGS = 0 V Repetitive;
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 75 300 1.5 200 A A V ns C A
Millimeter Min. Max. A 4.7 5.3 A1 2.2 2.54 A2 2.2 2.6 b 1.0 1.4 b1 1.65 2.13 b2 2.87 3.12 C .4 .8 D 20.80 21.46 E 15.75 16.26 e 5.20 5.72 L 19.81 20.32 L1 4.50 P 3.55 3.65 Q 5.89 6.40 R 4.32 5.49 S 6.15 BSC
Inches Min. Max. .185 .209 .087 .102 .059 .098 .040 .055 .065 .084 .113 .123 .016 .031 .819 .845 .610 .640 0.205 0.225 .780 .800 .177 .140 .144 0.232 0.252 .170 .216 242 BSC
TO-268 Outline
I F = IS, VGS = 0 V, Pulse test, t 300 s, duty cycle d 2 % I F = 50A,-di/dt = 100 A/s, VR = 50 V 0.85 8
Min Recommended Footprint
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 5,381,025


▲Up To Search▲   

 
Price & Availability of IXFH75N10Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X