Part Number Hot Search : 
LTC354 SB830 MMBZ5229 NL8060BC 9KXXX FRP820 NTHD4P02 ADT73
Product Description
Full Text Search
 

To Download HDSP-70 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays Technical Data
HDSP-70xE Series HDSP-71xE Series HDSP-70xG Series HDSP-71xG Series HDSP-70xA Series HDSP-71xA Series
Features
* * * * 5 x 7 Dot Matrix Font Viewable up to 12 Meters X-Y Stackable Industry Standard Pin-out 7.6 mm (0.3 in.) Dual-in-line (DIP) Leads on 2.54 mm (0.1 in.) Centers Choice of Colors Red or Green or AlGaAs Choice of Face Paint Colors Gray or Black Design Flexibility Common Row Anode or Common Row Cathode Categorized for Luminous Intensity Green Categorized for Color
Applications
* Suitable for Indoor Use * Not Recommended for Industrial Applications, i.e. Operating Temperatures Requirements Exceeding 85C or Below -35C[1] * Extreme Temperature Cycling Not Recommended[2]
* * *
Description
These displays have a 17.3 mm (0.68 inch) character height and use industry standard size and pin-out. The devices are available in either common row anode or common row cathode configurations. The displays come in either gray or black face paint and are available in a choice of high efficiency red (HER) or green colors or AlGaAs.
These parts are subjected to Outgoing Quality Assurance (OQA) inspection with an AQL of 0.065% for functional and visual/ cosmetic defects. For optimal intensity performance, please consider our industrial grade displays: * HDSP-L20x * HDSP-540x * HDSP-L10x
* *
Devices
HER HDSP701E 703E 711E 713E Green HDSP701G 703G 711G 713G AlGaAs HDSP701A 703A 711A 713A Description 17.3 mm Gray Surface Common Row Anode 17.3 mm Gray Surface Common Row Cathode 17.3 mm Black Surface Common Row Anode 17.3 mm Black Surface Common Row Cathode
Notes: 1. For details, please contact your local Agilent components sales office or an authorized distributor.
2
Package Dimensions
6.3 (0.25) 1.3 (0.05) 2.54 (0.10) PIN 1 12.7 (0.50) MAX. 10.16 (0.40) 2.54 (0.10)
12.7 (0.50)
17.78 MAX. (0.70)
15.24 (0.600) 2.54 (0.10)
PIN 6 PART NO.
35 - 1.9 (0.075)
COL 1 ROW 1
2
3
4
5 8 - 21.8 8 - 3 (0.118) 8 - 2.5 (0.098)
2 3 4 5 6 7 7.62 (0.03) 5.1 0.5 (0.201)
12 - 0.5 (0.02)
NOTES: 1. ALL DIMENSIONS IN MILLIMETERS (INCHES). 2. UNLESS OTHERWISE STATED, TOLERANCE IS 0.25 mm (0.010). 3. FOR GREEN ONLY.
Internal Circuit Diagram
COMMON ANODE ROW COLUMN 1
1
COMMON CATHODE ROW COLUMN 5
8
PIN 5
12
2
3
3
10
4
7
1
4
2
3
3
7
4
9
COMMON ROW ANODE HDSP-701E/711E/ 701G/711G/701A/711A COLUMN 1 CATHODE ROW 3 ANODE COLUMN 2 CATHODE ROW 5 ANODE ROW 6 ANODE ROW 7 ANODE COLUMN 4 CATHODE COLUMN 5 CATHODE ROW 4 ANODE COLUMN 3 CATHODE ROW 2 ANODE ROW 1 ANODE
PIN 1 2 3 4 5 6 7 8 9 10 11 12
COMMON ROW CATHODE HDSP-703E/713E/ 703G/713G/703A/713A ROW 1 CATHODE ROW 2 CATHODE COLUMN 2 ANODE COLUMN 1 ANODE ROW 6 CATHODE ROW 7 CATHODE COLUMN 3 ANODE ROW 5 CATHODE COLUMN 4 ANODE ROW 4 CATHODE ROW 3 CATHODE COLUMN 5 ANODE
ROW 1 12 2 11 32 49 54 65 76
ROW 11 22 3 11 4 10 58 65 76 x = ROW OR COLUMN NUMBER, x = PIN NUMBER
1 2 3 4 5 6 7 8 9 10 11 12
3
Absolute Maximum Ratings at TA = 25C
Parameter Average Power per Dot[1] Peak Forward Current per Dot[1,2] (1/10 Duty Cycle, 0.1 ms Pulse Width) Average Forward Current per Dot[1] Reverse Voltage per Dot Operating Temperature Storage Temperature Wave Soldering Temperature for 3 seconds[3] (1.6 mm [0.063 in.] below Body) HER HDSP-701E/ 711E/703E/ 713E 75 90 23 5 -40 to +85 -40 to +85 250 AlGaAs HDSP-701A/ 703A/711A/ 713A 75 125 23[3] 5 -40 to +85 -40 to +85 250 Green HDSP-701G/ 711G/703G/ 713G 75 90 15[2] 5 -40 to +85 -40 to + 85 250
Units mW mA mA V C C C
Notes: 1. Do not exceed maximum average current per dot. 2. Derate above 35C at 0.2 mA/C. 3. Not recommended to be soldered more than 2 times. Minimum interval between solderings is 15 minutes. Total soldering time not to exceed 5 seconds.
Optical/Electrical Characteristics at TA = 25C
High Efficiency Red Devices HDSPParameter Luminous Intensity/Dot (Digit Average)[1] Peak Wavelength Dominant Wavelength[2] Forward Voltage Symbol IV
PEAK
Min. 1.289
Typ. 2.500 632 622 2.05
Max. Units mcd nm nm V
701E 711E 703E 713E
d VF 1.60 5
3.40 2.50
Reverse Voltage[3] Luminous Intensity Matching Ratio
VR
V-M
V 2:1
Test Conditions IF = 50 mA, 20% Duty Factor IF = 20 mA IF = 20 mA IF = 50 mA IF = 20 mA IF = 5 mA IR = 100 A IF = 50 mA 20% Duty Factor
4
Optical/Electrical Characteristics at TA = 25C, continued
Green Devices HDSPParameter Luminous Intensity/Dot (Digit Average)[1] Peak Wavelength Dominant Wavelength[2] Forward Voltage Symbol IV
PEAK
Min. 0.96
Typ. 2.50 568 573
Max. Units mcd nm nm V
701G 711G 703G 713G
d VF 1.80 1.60 5
2.25
3.40 2.60
Reverse Voltage[3] Luminous Intensity Matching Ratio AlGaAs Devices HDSPParameter Luminous Intensity/Dot (Digit Average)[1] Peak Wavelength Dominant Wavelength[2] Forward Voltage
VR
V-M
V 2:1
Test Conditions IF = 50 mA, 20% Duty Factor IF = 20 mA IF = 20 mA IF = 50 mA IF = 20 mA IF = 5 mA IR = 100 A IF = 50 mA 20% Duty Factor
Symbol IV
PEAK
Min. 1.55
Typ. 2.10 660 643 1.8
Max. Units mcd nm nm V
701A 711A 703A 713A
d VF 1.5 5
2.0 2.0
Reverse Luminous Intensity Matching Ratio
Voltage[3]
VR
V-M
V 1.5:1
Test Conditions IF = 10 mA, 20% Duty Factor IF = 20 mA IF = 20 mA IF = 20 mA IF = 10 mA IF = 5 mA IR = 100 A IF = 10 mA 20% Duty Factor
Notes: 1. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package. 2. The dominant wavelength, d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 3. Typical specification for reference only. Do not exceed absolute maximum ratings.
5
IDC - MAXIMUM DC CURRENT PER SEGMENT - mA
IF - FORWARD CURRENT PER SEGMENT - mA
35 30 25 20 15
AlGaAs GREEN, HER
90 80 AlGaAs 70 60 50 40 30 20 GREEN 10 0 1 2 3 4 5 HER
10 5 0 0 20 40 60 80 100
TA - AMBIENT TEMPERATURE - C
VF - FORWARD VOLTAGE - V
Figure 1. Maximum Allowable Average Current Per Dot vs. Ambient Temperature.
Figure 2. Forward Current vs. Forward Voltage.
V - RELATIVE EFFICIENCY (NORMALIZED TO/AT 10 mA PER SEGMENT)
4.0
RELATIVE LUMINOUS INTENSITY (NORMALIZED AT 20 mA)
1.4
RED
3.5 GREEN, HER 3.0 2.5 AlGaAs 2.0 1.5 1.0 0.5 0 0 5 10 15 20 25 30 35 40
1.3
GREEN
1.2 1.1
AlGaAs
1.0 0.9 0.8
0 10 20 30 40 50 60 70 80 90 100 IPEAK - PEAK FORWARD CURRENT PER SEGMENT - mA
IF - DC FORWARD CURRENT - mA
Figure 3. Relative Luminous Intensity vs. DC Forward Current.
Figure 4. Relative Efficiency (Luminous Intensity Per Unit Current Per Dot) vs. Peak Current Per Dot.
6
Intensity Bin Limits[1] (mcd at 50 mA, 20% Duty Factor)
High Efficiency Red Bin name E F G H Green Bin name H I J K L Min.[2] 1.289 1.934 2.900 4.350 Max.[2] 1.934 2.900 4.350 6.525
Contrast Enhancement
For information on contrast enhancement, please see Application Note 1015.
Soldering/Cleaning
Cleaning agents from the ketone family (acetone, methyl ethyl ketone, etc.) and from the chlorinated hydrocarbon family (methylene chloride, trichloroethylene, carbon tetrachloride, etc.) are not recommended for cleaning LED parts. All of these various solvents attack or dissolve the encapsulating epoxies used to form the package of plastic LED parts. For information on soldering LEDs, please refer to Application Note 1027.
Min.[2] 0.96 1.44 2.15 3.23 4.85
Max.[2] 1.44 2.15 3.23 4.85 7.28
Notes: 1. Bin categories are established for classification of products. Products may not be available in all bin categories. 2. Tolerance for each intensity bin limit is 10%.
(mcd at 10 mA, 20% Duty Factor)
AlGaAs Bin name I J Min.[2] 1.55 2.33 Max.[2] 2.33 3.49
Device Reliability
For reliability information, please see the reliability datasheet 17.3 mm General Purpose 5 x 7 Dot Matrix Alphanumeric Displays.
Notes: 1. Bin categories are established for classification of products. Products may not be available in all bin categories. 2. Tolerance for each intensity bin limit is 10%.
Color Bin Limits (Dominant Wavelength)
Color Green Bin 2 3 4 5 Dominant Wavelength (nm) Min. Max. 573.6 576.5 570.6 573.5 567.6 570.5 564.5 567.5
Note: All categories are established for classification of products. Products may not be available in all categories. Please contact your local Agilent representatives for further clarification/information.
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152 (Domestic/International), or 0120-61-1280 (Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Copyright (c) 2004 Agilent Technologies, Inc. Obsoletes 5988-5400EN July 8, 2004 5988-8400EN


▲Up To Search▲   

 
Price & Availability of HDSP-70

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X