Part Number Hot Search : 
LHI907 2SC5342S M24064 03518 KBU1010G STM6930A NJSB107T 4SURC
Product Description
Full Text Search
 

To Download GP1604 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GP1601 THRU GP1607
16.0 AMPS. Glass Passivated Rectifiers
Voltage Range 50 to 1000 Volts Current 16.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
TO-220
Mechanical Data
Cases: TO-220 molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Leads solderable per MIL-STD202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260/10 seconds .16",(4.06mm) from case. Weight: 2.24 grams
PIN 1 PIN 3 Positive CT CASE PIN 2
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol GP GP Type Number 1601 1602 Maximum Recurrent Peak Reverse Voltage 50 100 VRRM Maximum RMS Voltage 35 70 VRMS Maximum DC Blocking Voltage 50 100 VDC
Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @TC = 100 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @8.0A Maximum DC Reverse Current @ TC=25 at Rated DC Blocking Voltage @ TC=125
GP GP GP GP GP Units 1603 1604 1605 1606 1607
200 140 200
400 280 400 16.0 150 1.1
600 420 600
800 1000 560 700 800 1000
V V V A A V
I(AV) IFSM VF IR
10 uA uA 250 Typical Junction Capacitance ( Note 1) Cj 50 pF Typical Thermal Resistance (Note 2) /W RJC 1.5 Operating and Storage Temperature Range TJ ,TSTG - 65 to + 150 Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 2. Thermal Resistance from Junction to Case Mounted on Heatsink size 2" x 3" x 0.25" Al-Plate
- 558 -
RATINGS AND CHARACTERISTIC CURVES (GP1601 THRU GP1607)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
18 175
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
PEAK FORWARD SURGE CURRENT. (A)
150 125 100 75 50 25 0 1 8.3ms Single Half Sine Wave JEDEC Method
AVERAGE FORWARD CURRENT. (A)
16
14
12
Single Phase Half Wave 60Hz Resistive or Inductive Load
10
8 0 50
o
100
150
2
5
10
20
50
100
CASE TEMPERATURE. ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
400
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
100
100
INSTANTANEOUS FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. ( A)
40
10
Tj=125 0C
10
4 2 1
1 Tj=25 C Pulse Width=300 s 1% Duty Cycle
o
0.4 0.2
Tj=25 0C
0.1 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 FORWARD VOLTAGE. (V)
0.1 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
120
JUNCTION CAPACITANCE.(pF)
100 80
60
40 f=10MHz Vsig=50mVp-p 20
Tj=25 0C
0 0.1
0.4
1
4
10
40
100
400
1000
REVERSE VOLTAGE. (V)
- 559 -


▲Up To Search▲   

 
Price & Availability of GP1604

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X