Part Number Hot Search : 
SED1500 45170D 189NQ DS1265Y 45170D RB201 IRF3709L ML8204
Product Description
Full Text Search
 

To Download FR204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FR201 THRU FR207
FAST RECOVERY RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FEATURES
* * * * * * Fast switching Low leakage Low forward voltage drop High current capability High current surge High reliability
DO-15
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.38 gram
1.0 (25.4) MIN. .034 (0.9) DIA. .028 (0.7)
.300 (7.6) .230 (5.8) .140 (3.6) DIA. .104 (2.6)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
1.0 (25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 75 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM CJ TJ, TSTG FR201 FR202 FR203 FR204 FR205 FR205P FR206 FR207 FR207P UNITS 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 2.0 70 40 -65 to + 150 600 420 600 800 560 800 1000 700 1000 1000 700 1000 Volts Volts Volts Amps Amps pF
0
C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 2.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25 oC Maximum Full Load Reverse Current Full Cycle Average, .375" (9.5mm) lead length at TL = 55 oC Maximum Reverse Recovery Time (Note 1) NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A 2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts SYMBOL VF FR201 FR202 FR203 FR204 FR205 FR205P FR206 FR207 FR207P UNITS 1.3 Volts 5.0 IR 100 trr 150 250 150 500 250 uAmps nSec 2001-5 uAmps
RATING AND CHARACTERISTIC CURVES ( FR201 THRU FR207 )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
PEAK FORWARD SURGE CURRENT, (A) AVERAGE FORWARD CURRENT, (A)
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 105 90 75 60 45 30 15 0 1 2 5 10 20 50 NUMBER OF CYCLES AT 60Hz 100
8.3ms Single Half Sine-Wave (JEDEC Method)
2.5 2.0
1.5 1.0
Single Phase Half Wave 60Hz Resistive or Inductive Load
.5
0 0 25 50 75 100 125 150 175 ) AMBIENT TEMPERATURE, (
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 4 - TYPICAL JUNCTION CAPACITANCE 200
JUNCTION CAPACITANCE, (pF)
20 10 3.0 1.0 0.3 0.1 .03 .01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
TJ = 25 Pulse Width=300uS 1% Duty Cycle
100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 REVERSE VOLTAGE, ( V ) 40 100
TJ = 25
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG. 5 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 NONINDUCTIVE 10 NONINDUCTIVE
trr +0.5A
(-)
(+) 25 Vdc (approx) (-)
D.U.T
0
PULSE GENERATOR (NOTE 2)
-0.25A
1 NONINDUCTIVE
OSCILLOSCOPE (NOTE 1)
(+)
-1.0A
NOTES:1 Rise Time = 7ns max. Input Impedance =
1 megohm. 22pF. 2. Rise Time = 10ns max. Source Impedance = 50 ohms.
1cm
SET TIME BASE FOR 50/100 ns/cm
RECTRON


▲Up To Search▲   

 
Price & Availability of FR204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X