Part Number Hot Search : 
2SC438 JGC0198 1N2999C FLK057XV MJ4502 MJ4502 SLA7027 AKD46
Product Description
Full Text Search
 

To Download FDS6990AS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDS6990AS Dual 30V N-Channel PowerTrench(R) SyncFETTM
March 2005
FDS6990AS Dual 30V N-Channel PowerTrench(R) SyncFETTM
Features
7.5 A, 30 V. RDS(ON) = 22 m @ VGS = 10 V RDS(ON) = 28 m @ VGS = 4.5 V Includes SyncFET Schottky diode Low gate charge (10nC typical) High performance trench technology for extremely low RDS(ON) High power and current handling capability
General Description
The FDS6990AS is designed to replace a dual SO-8 MOSFET and two Schottky diodes in synchronous DC:DC power supplies. This 30V MOSFET is designed to maximize power conversion efficiency, providing a low RDS(ON) and low gate charge. Each MOSFET includes integrated Schottky diodes using Fairchild's monolithic SyncFET technology. The performance of the FDS6990AS as the low-side switch in a synchronous rectifier is similar to the performance of the FDS6990A in parallel with a Schottky diode.
Applications
DC/DC converter Motor drives
D1 D2 D2
D1
5
Q1
4 3 2
Q2
6
SO-8
Pin 1
S2
G2
S1
G1
7 8
1
Absolute Maximum Ratings TA=25C unless otherwise noted
Symbol
VDSS VGSS ID PD Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed Power Dissipation for Dual Operation Power Dissipation for Single Operation (Note 1a) (Note 1b) (Note 1c) TJ, TSTG RJA RJC Operating and Storage Junction Temperature Range (Note 1a)
Parameter
Ratings
30 20 7.5 20 2 1.6 1 0.9 -55 to +150
Units
V V A
W
C C/W C/W
Thermal Characteristics Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case (Note 1a) (Note 1) 78 40
Package Marking and Ordering Information
Device Marking
FDS6990AS FDS6990AS
Device
FDS6990AS FDS6990AS_NL (Note 4)
Reel Size
13" 13"
Tape width
12mm 12mm
Quantity
2500 units 2500 units
(c)2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FDS6990AS Rev. A
FDS6990AS Dual 30V N-Channel PowerTrench(R) SyncFETTM
Electrical Characteristics TA = 25C unless otherwise noted
Symbol
Off Characteristics BVDSS BVDSS TJ IDSS IGSS VGS(th) VGS(th) TJ RDS(on) Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage VGS = 0 V, ID = 1 mA ID = 1 mA, Referenced to 25C VDS = 24 V, VGS = 0 V VGS = 20 V, VDS = 0 V VDS = VGS, ID = 1 mA ID = 1 mA, Referenced to 25C VGS = 10 V, ID = 7.5 A VGS = 10 V, ID = 7.5 A, TJ = 125C VGS = 4.5 V, ID = 6.5 A VGS = 10 V, VDS = 5 V VDS = 15 V, ID = 10 A VDS = 15 V, VGS = 0 V, f = 1.0 MHz 20 29 1 1.7 -3 17 26 21 22 35 28 30 31 500 100 3 V mV/C A nA
Parameter
Test Conditions
Min
Typ
Max
Units
On Characteristics (Note 2) Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance On-State Drain Current Forward Transconductance V mV/C m
ID(on) gFS Ciss Coss Crss RG td(on) tr td(off) tf td(on) tr td(off) tf Qg(TOT) Qg Qgs Qgd IS VSD trr Qrr
A S
Dynamic Characteristics Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance VGS = 15 mV, f = 1.0 MHz VDS = 15 V, ID = 1 A, VGS = 10 V, RGEN = 6 550 330 60 3.1 pF pF pF 16 10 38 88 18 16 24 10 14 8 ns ns ns ns ns ns ns ns nC nC nC nC
Switching Characteristics (Note 2) Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge at Vgs = 10V Total Gate Charge at Vgs = 5V Gate-Source Charge Gate-Drain Charge VDD = 15 V, ID = 10 A, VGS = 5 V VDS = 15 V, ID = 1 A, VGS = 4.5 V, RGEN = 6 8 5 24 4 9 8 14 5 10 6 1.5 2.0
Drain-Source Diode Characteristics and Maximum Ratings Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage Diode Reverse Recovery Time Diode Reverse Recovery Charge VGS = 0 V, IS = 2.3 A IF = 10A, diF/dt = 300 A/s (Note 3) (Note 2) 0.6 18 11 2.9 0.7 A V nS nC
2 FDS6990AS Rev. A
www.fairchildsemi.com
FDS6990AS Dual 30V N-Channel PowerTrench(R) SyncFETTM
Notes: 1. RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RCA is determined by the user's board design. a) 78C/W when mounted on a 0.5 in2 pad of 2 oz copper b) 125C/W when mounted on a 0.02 in2 pad of 2 oz copper c) 135C/W when mounted on a minimum pad.
Scale 1 : 1 on letter size paper 2. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0% 3. See "SyncFET Schottky body diode characteristics" below. 4. FDS6990AS_NL is a lead free product. The FDS6990AS_NL marking will appear on the reel label.
3 FDS6990AS Rev. A
www.fairchildsemi.com
FDS6990AS Dual 30V N-Channel PowerTrench(R) SyncFETTM
Typical Characteristics
20 VGS = 10V 4.5V 4.0V 3.0V 3.5V 2 VGS = 3.0V
RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
1.8
I D, DRAIN CURRENT (A)
15
1.6 3.5V 1.4 4.0V 1.2 4.5V 5.0V 6.0V 1 10V
10
5 2.5V
0 0 0.5 1 1.5 2 VDS, DRAIN-SOURCE VOLTAGE (V)
0.8 0 4 8 12 I D, DRAIN CURRENT (A) 16 20
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage.
0.07
1.6 I D = 7.5A VGS = 10V 1.4
I D = 3.75A
RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
RDS(ON), ON-RESISTANCE (OHM)
0.06
0.05
1.2
0.04 TA = 125 oC 0.03
1
0.8
0.02 T A = 25 oC
0.6 -50 -25 0 25 50 75 100 125 150 TJ , JUNCTION TEMPERATURE (oC)
0.01 2 4 6 8 10 VGS, GATE TO SOURCE VOLTAGE (V)
Figure 3. On-Resistance Variation with Temperature.
20 VDS = 5V 16
Figure 4. On-Resistance Variation with Gate-to-Source Voltage.
100
VGS = 0V
IS , REVERSE DRAIN CURRENT (A)
10
I D, DRAIN CURRENT (A)
12
1
T A = 125 o C
8 TA = 125 C 4 25o C 0 1.5 2 2.5 3 3.5 VGS, GATE TO SOURCE VOLTAGE (V)
o
0.1
25 oC -55 o C
-55 oC
0.01
0.001 0 0.2 0.4 0.6 0.8 VSD , BODY DIODE FORWARD VOLTAGE (V)
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature.
4 FDS6990AS Rev. A
www.fairchildsemi.com
FDS6990AS Dual 30V N-Channel PowerTrench(R) SyncFETTM
Typical Characteristics
10 I D =7.5A 1500 f = 1MHz VGS = 0V VDS = 10V 20V 6 15V 4 1200
VGS, GATE-SOURCE VOLTAGE (V)
8
CAPACITANCE (pF)
900 Ciss 600 Coss
2
300 Crss
0 0 2 4 6 8 10 12 Q g, GATE CHARGE (nC)
0 0 5 10 15 20 25 30 VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 7. Gate Charge Characteristics.
100 RDS(ON) LIMIT 100s 50
Figure 8. Capacitance Characteristics.
P(pk), PEAK TRANSIENT POWER (W)
40
SINGLE PULSE R JA = 135C/W TA = 25C
I D, DRAIN CURRENT (A)
10 100s 1 DC 0.1 VGS = 10V SINGLE PULSE R JA = 135 oC/W TA = 25 oC 0.01 0.1 1 10 1s 10s
1ms 10ms
30
20
10
0 100 0.001 0.01 0.1 VDS, DRAIN-SOURCE VOLTAGE (V) 1 t1 , TIME (sec) 10 100 1000
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum Power Dissipation.
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
1
D = 0.5
RJA(t) = r(t) * R JA
0.2
RJA = 135 C/W P(pk) t1 t2
SINGLE PULSE
0.1
0.1 0.05 0.02 0.01
0.01
T J - TA = P * RJA(t) Duty Cycle, D = t 1 / t 2
0.001 0.0001
0.001
0.01
0.1 t1, TIME (sec)
1
10
100
1000
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c. Transient thermal response will change depending on the circuit board design.
5 FDS6990AS Rev. A
www.fairchildsemi.com
FDS6990AS Dual 30V N-Channel PowerTrench(R) SyncFETTM
Typical Characteristics (continued)
SyncFET Schottky Body Diode Characteristics
Fairchild's SyncFET process embeds a Schottky diode in parallel with PowerTrench MOSFET. This diode exhibits similar characteristics to a discrete external Schottky diode in parallel with a MOSFET. Figure 12 shows the reverse recovery characteristic of the FDS6990AS. Schottky barrier diodes exhibit significant leakage at high temperature and high reverse voltage. This will increase the power in the device.
0.1
I DSS, REVERSE LEAKAGE CURRENT (A)
0.01
TA = 125 C
0.001 TA = 100 C 0.0001
0.4A/Div
0.00001 TA = 25C 0.000001 0 5 10 15 20 25 30 VDS , REVERSE VOLTAGE (V)
12.5nS/Div
Figure 14. SyncFET body diode reverse leakage versus drain-source voltage and temperature.
Figure 12. FDS6990AS SyncFET body diode reverse recovery characteristic.
For comparison purposes, Figure 13 shows the reverse recovery characteristics of the body diode of an equivalent size MOSFET produced without SyncFET (FDS6990A).
0.4A/Div
12.5nS/Div
Figure 13. Non-SyncFET (FDS6990A) body diode reverse recovery characteristic.
6 FDS6990AS Rev. A
www.fairchildsemi.com
FDS6990AS Dual 30V N-Channel PowerTrench(R) SyncFETTM
Typical Characteristics (continued)
VDS VGS RGE
0V
L
BVDSS tP
DUT
+
VDD
VDS IAS VDD
-
tp
VGS
IAS
0.01
vary tP to obtain required peak IAS
tAV
Figure 15. Unclamped Inductive Load Test Circuit
Drain Current Same type as DUT
Figure 16. Unclamped Inductive Waveforms
+
10V
50k 10 F 1F
-
+
VDD
-
VGS DUT VGS Ig(REF) QGS 10V
QG(TOT)
QGD
Charge, (nC)
Figure 17. Gate Charge Test Circuit
Figure 18. Gate Charge Waveform
tON tOFF td(OFF) tf
VDS VGS RGEN
RL VDS
td(ON)
90%
tr
90%
+
DUT VDD
0V 10% 90% 10%
-
VGS VGS
Pulse Width 1s Duty Cycle 0.1%
50% 0V 10%
50%
Pulse Width
Figure 19. Switching Time Test Circuit
Figure 20. Switching Time Waveforms
7 FDS6990AS Rev. A
www.fairchildsemi.com
FDS6990AS Dual 30V N-Channel PowerTrench(R) SyncFETTM
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FAST ActiveArrayTM FASTrTM BottomlessTM FPSTM CoolFETTM FRFETTM CROSSVOLTTM GlobalOptoisolatorTM DOMETM GTOTM EcoSPARKTM HiSeCTM E2CMOSTM I2CTM EnSignaTM i-LoTM FACTTM ImpliedDisconnectTM FACT Quiet SeriesTM
IntelliMAXTM ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM Across the board. Around the world.TM OPTOLOGIC OPTOPLANARTM The Power Franchise PACMANTM Programmable Active DroopTM
POPTM Power247TM PowerEdgeTM PowerSaverTM PowerTrench QFET QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER SMART STARTTM
SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic TINYOPTOTM TruTranslationTM UHCTM UltraFET UniFETTM VCXTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I15
8 FDS6990AS Rev. A
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDS6990AS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X