Part Number Hot Search : 
TB0656A CS9LTSK TLN110F 150TEA 141406 P4034 ZL50015 8L151G
Product Description
Full Text Search
 

To Download DS1812-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DS1812
5V EconoReset with Active High Push-Pull Output
www.dalsemi.com
FEATURES
Automatically restarts a microprocessor after power failure Maintains reset for 150 ms after VCC returns to an in-tolerance condition Reduces need for discrete components Precision temperature-compensated voltage reference and voltage sensor Low-cost TO-92, or space saving surface mount SOT-23 packages available Push-pull active high output Operating temperature -40C to +85C
PIN ASSIGNMENT
3
1 2 SOT-23 PACKAGE See Mech. Drawing 123
123 TO-92 PACKAGE See Mech. Drawings
PIN DESCRIPTION TO-92
1 2 3 RST VCC GND Active High Reset Output Power Supply Ground
SOT-23
1 2 3 RST VCC GND Active High Reset Output Power Supply Ground
DESCRIPTION
The DS1812 EconoReset uses a precision temperature reference and comparator circuit to monitor the status of the power supply (VCC). When an out-of-tolerance condition is detected, an internal power-fail signal is generated which forces reset to the active state. When VCC returns to an in-tolerance condition, the reset signal is kept in the active state for approximately 150 ms to allow the power supply and processor to stabilize.
1 of 5
111999
DS1812
OPERATION - POWER MONITOR
The DS1812 provides the function of detecting out-of-tolerance power supply conditions and warning a processor-based system of impending power failure. When VCC is detected as out-of-tolerance, the RST signal is asserted. On power-up, RST is kept active for approximately 150 ms after the power supply has reached the selected tolerance. This allows the power supply and microprocessor to stabilize before RST is released.
BLOCK DIAGRAM (CMOS OUTPUT) Figure 1
APPLICATION EXAMPLE Figure 2
2 of 5
DS1812
TIMING DIAGRAM: POWER-UP Figure 3
TIMING DIAGRAM: POWER-DOWN Figure 4
3 of 5
DS1812
ABSOLUTE MAXIMUM RATINGS*
Voltage on VCC Pin Relative to Ground Voltage on RST Relative to Ground Operating Temperature Storage Temperature Soldering Temperature * -0.5V to +7.0V -0.5V to VCC +0.5V -40C to +85C -55C to +125C 260C for 10 seconds
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER Supply Voltage SYMBOL VCC MIN 0.0 TYP MAX 5.5
(-40C to +85C)
UNITS V NOTES 1
DC ELECTRICAL CHARACTERISTICS
PARAMETER Output Voltage @ 0-500 A Output Current @ 2.4 volts Output Current @ 0.4 volts Operating Current VCC < 5.5 VCC Trip Point (DS1812-5) VCC Trip Point (DS1812-10) VCC Trip Point (DS1812-15) Output Capacitance SYMBOL VOH IOH IOL ICC VCCTP VCCTP VCCTP COUT
(-40C to +85C; VCC=1.2V to 5.5V)
MIN VCC -0.5V +10 30 4.50 4.25 4.00 4.62 4.35 4.13 40 4.75 4.49 4.24 10 TYP VCC -0.1V 350 MAX UNITS V A mA A V V V pF NOTES 1 2 2 3 1 1 1
AC ELECTRICAL CHARACTERISTICS
PARAMETER RESET Active Time VCC Detect to RST VCC Slew Rate (VCCTP (MAX) to VCCTP (MIN)) VCC Slew Rate (VCCTP (MIN) to VCCTP (MAX)) VCC Detect to RST SYMBOL tRST tRPD tF tR tRPU
(-40C to +85C; VCC=1.2V to 5.5V)
MIN 100 300 0 100 150 300 TYP 150 2 MAX 300 5 UNITS ms s s ns ms 4 NOTES
4 of 5
DS1812
NOTES:
1. All voltages are referenced to ground. 2. Measured with VCC 2.7 volts. 3. Measured with RST output open. 4. tR = 5 s.
PART MARKING CODES
SOT-23 PACKAGE
"A", "B", &"C" represent the device type. 810 DS1810 811 DS1811 812 DS1812 813 DS1813 815 DS1815 816 DS1816 817 DS1817 818 DS1818
"D" represents the device tolerance. A 5% B 10% C 15% D 20%
5 of 5


▲Up To Search▲   

 
Price & Availability of DS1812-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X