Part Number Hot Search : 
MAX354 M41T81S PE4512 A106R XN5601 TM128 G1402P1T NTE5496
Product Description
Full Text Search
 

To Download DE10SC3L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Schottky Rectifiers (SBD)
Dual
DE10SC3L
30V 10A
FEATURES
*oeSMT
OUTLINE DIMENSIONS
Case : E-pack Unit : mm
*oe Tj150*Z *oe Low VF=0.45V *oe PRRSM avalanche guaranteed *oe High current capacity with Small Package APPLICATION *oe Switching power supply *oe DC/DC converter *oe Home Appliances, Office Equipment *oe Telecommunication
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit Storage Temperature Tstg -55*150 *Z Operating Junction Temperature Tj 150 *Z Maximum Reverse Voltage VRM 30 V Repetitive Peak Surge Reverse Voltage width 0.5ms, duty 1/40 VRRSM Pulse 35 V IO Average Rectified Forward Current50Hz sine wave, R-load, Rating for each diode Io/2, Tc=124*Z 10 A Peak Surge Forward Current I FSM 50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25*Z 100 A P Power Repetitive Peak Surge ReverseRRSM Pulse width 10Es, Rating of per diode, Tj=25*Z330 W *oeElectrical Characteristics (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit Forward Voltage V F I =4A, F Pulse measurement, Rating of per diode Max.0.45 V Reverse Current IR V=V , Pulse measurement, Rating of per diodeMax.5.0 mA R RM Junction Capacitance Cj f=1MHz,=10V, Rating of per diode RV Typ.290 pF Thermal Resistance AEjc junction to case Max.4.0 *Z/W
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
DE10SC3L
Forward Voltage
10
Forward Current IF [A]
Tc=150C [MAX] Tc=150C [TYP] Tc=25C [MAX] Tc=25C [TYP] 1
Pulse measurement per diode
0.1
0
0.2
0.4
0.6
0.8
1
1.2
Forward Voltage VF [V]
DE10SC3L
Junction Capacitance
f=1MHz Tc=25C TYP per diode
1000
Junction Capacitance Cj [pF]
100
0.1
1
10
Reverse Voltage VR [V]
DE10SC3L
1000
Reverse Current
Tc=150C [MAX] Tc=150C [TYP] 100 Tc=125C [TYP]
Reverse Current IR [mA]
Tc=100C [TYP] 10
Tc=75C [TYP]
1
0.1
Pulse measurement per diode
0.01
0
5
10
15
20
25
30
35
40
Reverse Voltage VR [V]
DE10SC3L
20
Reverse Power Dissipation
Reverse Power Dissipation PR [W]
15
DC D=0.05 0.1 0.2 0.3
10 0.5
5 SIN 0.8
0
0
5
10
15
20
25
30
35
Reverse Voltage VR [V]
Tj = 150C
0 VR tp D=tp /T T
DE10SC3L
8 7
Forward Power Dissipation
DC D=0.8 0.5
Forward Power Dissipation PF [W]
6 0.3 5 0.05 4 3 2 1 0 0.2 0.1
SIN
0
2
4
6
8
10
12
14
16
Average Rectified Forward Current IO [A]
Tj = 150C IO 0 tp D=tp /T T
DE10SC3L
20
Derating Curve
Average Rectified Forward Current IO [A]
DC 15 D=0.8
0.5 10 SIN 0.3 0.2 5 0.1 0.05
0
0
20
40
60
80
100
120
140
160
Case Temperature Tc [C]
VR = 15V 0 0
IO
VR tp D=tp /T T
DE10SC3L
150
Peak Surge Forward Capability
IFSM
10ms 10ms
1 cycle
Peak Surge Forward Current IFSM [A]
non-repetitive, sine wave, Tj=25C before surge current is applied 100
50
0
1
2
5
10
20
50
100
Number of Cycles [cycles]
SBD
120
Repetitive Surge Reverse Power Derating Curve
100
PRRSM Derating [%]
80
60
40
20
0
0
50
100
150
Junction Temperature Tj [C]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP
SBD
10
Repetitive Surge Reverse Power Capability
PRRSM p) / PRRSM p=10s) Ratio (t (t
1
0.1
1
10
100
Pulse Width t p [s]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP


▲Up To Search▲   

 
Price & Availability of DE10SC3L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X