Part Number Hot Search : 
0U3BB 1502B AT88S MMBT222 AN1268 3907T A5941 16M44VLA
Product Description
Full Text Search
 

To Download CMXT2207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMXT2207 SURFACE MOUNT SUPERminiTM DUAL COMPLEMENTARY SILICON TRANSISTOR
Central
DESCRIPTION:
TM
Semiconductor Corp.
The CENTRAL SEMICONDUCTOR CMXT2207 type is a dual complementary silicon transistor manufactured by the epitaxial planar process, epoxy molded in a SUPERminiTM surface mount package, designed for small signal general purpose and switching applications.
MARKING CODE: X07 SOT-26 CASE
MAXIMUM RATINGS: (TA=25C) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance SYMBOL VCBO VCEO VEBO IC PD TJ,Tstg JA NPN 75 40 6.0 600 350 -65 to +150 357 PNP 60 60 5.0 UNITS V V V mA mW C C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25C unless otherwise noted) NPN PNP SYMBOL TEST CONDITIONS MIN MAX MIN MAX ICBO VCB=60V 10 ICBO VCB=50V 10 ICBO VCB=60V, TA=125C 10 ICBO VCB=50V, TA=125C 10 IEBO VEB=3.0V 10 ICEV VCE=60V, VEB=3.0V 10 ICEV VCE=30V, VBE=0.5V 50 BVCBO IC=10A 75 60 BVCEO IC=10mA 40 60 BVEBO IE=10A 6.0 5.0 VCE(SAT) IC=150mA, IB=15mA 0.3 0.4 VCE(SAT) IC=500mA, IB=50mA 1.0 1.6 VBE(SAT) IC=150mA, IB=15mA 0.6 1.2 1.3 VBE(SAT) IC=500mA, IB=50mA 2.0 2.6 hFE VCE=10V, IC=0.1mA 35 75 hFE VCE=10V, IC=1.0mA 50 100 hFE VCE=10V, IC=10mA 75 100 hFE VCE=10V, IC=150mA 100 300 100 300 hFE VCE=1.0V, IC=150mA 50 hFE VCE=10V, IC=500mA 40 50 fT VCE=20V, IC=20mA, f=100MHz 300 fT VCE=20V, IC=50mA, f=100MHz 200
UNITS nA nA A A nA nA nA V V V V V V V
MHz MHz
R2 (06-August 2003)
Central
TM
CMXT2207 SURFACE MOUNT SUPERminiTM DUAL COMPLEMENTARY SILICON TRANSISTOR
Semiconductor Corp.
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25C unless otherwise noted) PNP NPN SYMBOL TEST CONDITIONS MIN MAX MIN MAX Cob VCB=10V, IE=0, f=1.0MHz 8.0 8.0 Cib VEB=0.5V, IC=0, f=1.0MHz 25 Cib VEB=2.0V, IC=0, f=1.0MHz 30 hie VCE=10V, IC=1.0mA, f=1.0kHz 2.0 8.0 hie VCE=10V, IC=10mA, f=1.0kHz 0.25 1.25 hre VCE=10V, IC=1.0mA, f=1.0kHz 8.0 hre VCE=10V, IC=10mA, f=1.0kHz 4.0 hfe VCE=10V, IC=1.0mA, f=1.0kHz 50 300 hfe VCE=10V, IC=10mA, f=1.0kHz 75 375 hoe VCE=10V, IC=1.0mA, f=1.0kHz 5.0 35 hoe VCE=10V, IC=10mA, f=1.0kHz 25 200 rb'Cc VCB=10V, IE=20mA, f=31.8MHz 150 NF VCE=10V, IC=100mA, RS=1.0k, f=1.0kHz 4.0 ton VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA 45 td VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA 10 10 tr VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA 25 40 toff VCC=6.0V, IC=150mA, IB1=IB2=15mA 100 ts VCC=30V, IC=150mA, IB1=IB2=15mA 225 ts VCC=6.0V, IC=150mA, IB1=IB2=15mA 80 tf VCC=30V, IC=150mA, IB1=IB2=15mA 60 tf VCC=6.0V, IC=150mA, IB1=IB2=15mA 30
UNITS pF pF pF k k x10-4 x10-4 mhos mhos ps dB ns ns ns ns ns ns ns ns
SOT-26 CASE - MECHANICAL OUTLINE
6
5
4
Q2
Q1
1
2
3
LEAD CODE: 1) EMITTER Q1 2) BASE Q1 3) COLLECTOR Q2 4) EMITTER Q2 5) BASE Q2 6) COLLECTOR Q1 MARKING CODE: X07
R2 (06-August 2003)


▲Up To Search▲   

 
Price & Availability of CMXT2207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X