Part Number Hot Search : 
1N4935 CSLA1EL 4044B ADM1030 RF2494 TD1145C 20200CT 2SC5951
Product Description
Full Text Search
 

To Download BY396 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BY396 - BY399
PRV : 100 - 800 Volts Io : 3.0 Amperes
FEATURES :
* * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Fast switching for high efficiency
FAST RECOVERY RECTIFIER DIODES
DO-201AD
0.21 (5.33) 0.19 (4.82)
1.00 (25.4) MIN.
0.375 (9.52) 0.285 (7.24)
MECHANICAL DATA :
* Case : DO-201AD Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 1.21 grams
0.052 (1.32) 0.048 (1.22)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherw ise specified. Single phase, half w ave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current 0.375"(9.5mm) Lead Length Peak Forward Surge Current, 8.3ms Single half sine wave Superimposed on rated load (JEDEC Method) Maximum Peak Forward Voltage at IF = 3.0 Amps. Maximum DC Reverse Current at Rated DC Blocking Voltage Ta = 25 C Ta = 100 C Ta = 55 C
SYMBOL
VRRM VRMS VDC
BY396
100 70 100
BY397
200 140 200
BY398
400 280 400
BY399
800 560 800
UNIT
Volts Volts Volts
IF(AV)
3.0
Amps.
IFSM VF IR IR(H)
Trr
100 1.25 10 100 250 60 - 65 to + 150 - 65 to + 150
Amps. Volts A A ns pf C C
Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Junction Temperature Range Storage Temperature Range
CJ TJ TSTG
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A. ( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC
UPDATE : APRIL 23, 1998
RATING AND CHARACTERISTIC CURVES ( BY396 - BY399 )
FIG.1 - REVERSE RECOVERY TIM E CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 10 + 0.5 A D.U.T. 50 Vdc (approx.) 1 PULSE GENERATOR ( NOTE 2 ) OSCILLOSCOPE ( NOTE 1 ) 0 - 0.25 Trr
+
- 1.0 A SET TIME BASE FOR 50-100 ns/cm
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF. 2. Rise time = 10 ns max., Source Impedance = 50 ohms. 3. All Resistors = Non-inductive Types.
1 cm
FIG.2 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
3.0 100
FIG.3 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
8.3 ms SINGLE HALF SINE WAVE Ta = 50 C 80
2.4
1.8
60
1.2
40
0.6 60Hz RESISTIVE OR INDUCTIVE LOAD 0 0 25 50 75 100 125 150 175
20
0
1
2
4
6
10
20
40
60 100
AMBIENT TEMPERATURE, ( C) FIG.4 - TYPICAL FORWARD CHARACTERISTICS REVERSE CURRENT, MICROAMPERES
NUMBER OF CYCLES AT 60Hz
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
100
10 TJ = 100 C
FORWARD CURRENT, AMPERES
Pulse Width = 300 s 2% Duty Cycle TJ = 25 C 10
1.0
1.0
0.1 TJ = 25 C
0.1
0.01
0
20
40
60
80
100
120
140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
FORWARD VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of BY396

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X