Part Number Hot Search : 
25FS010 Q6025L5 6033425 3SMC16A C2450 N6099 LP2805 MBT3904
Product Description
Full Text Search
 

To Download BTS114A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TEMPFET(R)
BTS 114A
Features
q q q q
N channel Enhancement mode Temperature sensor with thyristor characteristic The drain pin is electrically shorted to the tab
1 2 3
Pin
1 G
2 D
3 S
Type BTS 114A
VDS
50 V
ID
17 A
RDS(on)
0.10
Package TO-220AB
Ordering Code C67078-S5000-A2
Maximum Ratings Parameter Drain-source voltage Drain-gate voltage, RGS = 20 k Gate-source voltage Continuous drain current, TC = 27 C ISO drain current TC = 85 C, VGS = 10 V, VDS = 0.5 V Pulsed drain current, Short circuit current, Symbol Values 50 50 20 17 3.8 68 37 550 50 - 55 ... + 150 E 55/150/56 K/W 2.5 75 C - W A Unit V
VDS VDGR VGS ID ID-ISO ID puls ISC PSCmax Ptot Tj, Tstg
- -
TC = 25 C Tj = - 55 ... + 150 C
Short circuit dissipation, Tj = - 55 ... + 150 C Power dissipation Operating and storage temperature range DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 Thermal resistance Chip-case Chip-ambient
Rth JC Rth JA
Semiconductor Group
1
04.97
BTS 114A
Electrical Characteristics at Tj = 25 C, unless otherwise specified. Parameter Symbol min. Static Characteristics Drain-source breakdown voltage VGS = 0, ID = 0.25 mA Gate threshold voltage VGS = VDS, ID = 1.0 mA Zero gate voltage drain current VGS = 0 V, VDS = 50 V Tj = 25 C Tj = 125 C Gate-source leakage current VGS = 20 V, VDS = 0 Tj = 25 C Tj = 150 C Drain-source on-state resistance VGS = 10 V, ID = 9.0 A Dynamic Characteristics Forward transconductance VDS 2 x ID x RDS(on)max, ID =9 A Input capacitance VGS = 0, VDS = 25 V, f = 1 MHz Output capacitance VGS = 0, VDS = 25 V, f = 1 MHz Reverse transfer capacitance VGS = 0, VDS = 25 V, f = 1 MHz Turn-on time ton, (ton = td(on) + tr) VCC = 30 V, VGS = 10 V, ID = 3.0 A, RGS = 50 Turn-off time toff, (toff = td(off) + tf) VCC = 30 V, VGS = 10 V, ID = 3.0 A, RGS = 50 Values typ. max. Unit
V(BR)DSS
50 - 3.0 - 3.5
V
VGS(th)
2.5
I DSS
- - 0.1 10 1.0 100
A
I GSS
- - 10 2 0.08 100 4 0.10 nA A -
RDS(on)
gfs
5.0 8.0 450 220 85 20 40 55 40 -
S pF - 600 350 150 30 60 70 60 ns
Ciss Coss
-
Crss
-
td(on) tr td(off) tf
- - - -
Semiconductor Group
2
BTS 114A
Electrical Characteristics (cont'd) at Tj = 25 C, unless otherwise specified. Parameter Symbol min. Reverse Diode Continuous source current Pulsed source current Diode forward on-voltage IF = 30 A, VGS = 0 Reverse recovery time IF = IS, diF/dt = 100 A/s, VR = 30 V Reverse recovery charge IF = IS, diF/dt = 100 A/s, VR = 30 V Temperature Sensor Forward voltage ITS(on) = 10 mA, Tj = - 55 ... + 150 C Sensor override, tp 100 s Tj = - 55 ... + 160 C Forward current Tj = - 55 ... + 150 C Sensor override, tp 100 s Tj = - 55 ... + 160 C Holding current, VTS(off) = 5.0 V, Tj = 25 C Tj = 150 C Switching temperature VTS = 5.0 V Turn-off time VTS = 5.0 V, ITS(on) = 2 mA Values typ. max. Unit
IS I SM VSD
- - -
- - 1.5 60 0.10
17 68
A V
1.8 ns - C -
t rr
-
Q rr
-
VTS(on)
- - 1.4 - - - 0.1 0.2 - - 1.5 10
V
ITS(on)
- - 10 600 0.5 0.3
mA
IH TTS(on)
0.05 0.05 -
C - s 0.5 2.5
toff
Semiconductor Group
3
BTS 114A
Examples for short-circuit protection at Tj = - 55 ... + 150 C, unless otherwise specified Parameter Symbol 1 Examples 2 - Unit
Drain-source voltage Gate-source voltage Short-circuit current Short-circuit dissipation Response time Tj = 25 C, before short circuit
VDS VGS ISC PSC tSC(off)
15 7.2 37 550 25
30 5.2 17 510 25
- - - - -
V A W ms
Short-circuit protection ISC = f (VDS) Parameter: VGS Diagram to determine ISC for Tj = - 55 ... + 150 C
Max. gate voltage VGS(SC) = f (VDS) Parameter: Tj = - 55 ... + 150 C
Semiconductor Group
4
BTS 114A
Max. power dissipation Ptot = f (TC)
Typ. drain-source on-state resistance RDS(on) = f (ID) Parameter: VGS
Typical output characteristics ID = f (VDS) Parameter: tp = 80 s
Safe operating area ID = f (VDS) Parameter: D = 0.01, TC = 25 C
Semiconductor Group
5
BTS 114A
Drain-source on-state resistance RDS(on) = f (Tj) Parameter: ID = 9 A, VGS = 10 V
Gate threshold voltage VGS(th) = f (Tj) Parameter: VDS = VGS, ID = - 1 mA (spread)
Typ. transfer characteristic ID = f (VGS) Parameter: tp = 80 s, VDS = - 25 V
Typ. transconductance gfs = f (ID) Parameter: tp = 80 s, VDS = - 25 V
Semiconductor Group
6
BTS 114A
Continuous drain current ID = f (TC) Parameter: VGS - 10 V
Forward characteristics of reverse diode IF = f (VSD) Parameter: Tj, tp = 80 s (spread)
Typ. gate-source leakage current IGSS = f (TC) Parameter: VGS = 20 V, VDS = 0
Typ. capacitances C = f (VDS) Parameter: VGS = 0, f = 1 MHz
Semiconductor Group
7
BTS 114A
Transient thermal impedance ZthJC = f (tp) Parameter: D = tp/T
Semiconductor Group
8
BTS 114A Package Outlines
TO 220 AB Standard
Ordering Code C67078-S5000-A2
TO 220 AB SMD Version E3044
Ordering Code C67078-S5000-A8
9.9 9.5
2.8
3.7
4.4 1.3
12.8
17.5
1
4.6
3)
9.2
1)
0.75 2.54 1.05 2.54
0.5 2.4
GPT05155
1) punch direction, burr max. 0.04 2) dip tinning 3) max. 14.5 by dip tinning press burr max. 0.05
TO 220 AB Ordering Code Tape & reel E3045 A C67078-S5000-A11
Semiconductor Group
13.5
2)
15.6
9


▲Up To Search▲   

 
Price & Availability of BTS114A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X