Part Number Hot Search : 
15020 HG62E15 BD670 AP4300 301100 42IF102 TAA2765A SHM40
Product Description
Full Text Search
 

To Download BTA1036S3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
General Purpose PNP Epitaxial Planar Transistor
Spec. No. : C305S3-R Issued Date : 2003.11.18 Revised Date : 2005.08.31 Page No. : 1/5
BTA1036S3
Description
* The BTA1036S3 is designed for general purpose amplifier applications. It is housed in the SOT-323/SC-70 package which is designed for low power surface mount applications. * Low VCE(sat) * High switching speed. * Complementary to BTC2411S3 * Pb-free package
Symbol
BTA1036S3
Outline
SOT-323
BBase CCollector EEmitter
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation @TA=25 Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC Pd Tj Tstg Limits -60 -60 -5 -600 150 (Note 1) 150 -55~+150 Unit V V V mA mW C C
Note 1:When mounted on a FR-5 board with area measuring 1.0x0.75x0.062 in.
BTA1036S3
CYStek Product Specification
CYStech Electronics Corp.
Characteristics (Ta=25C)
Symbol BVCBO *BVCEO BVEBO ICBO ICEX *VCE(sat) *VCE(sat) *VBE(sat) *VBE(sat) *hFE *hFE *hFE *hFE *hFE fT Cob Min. -60 -60 -5 75 100 100 100 50 200 Typ. -0.2 -0.5 Max. -10 -50 -0.4 -1.6 -1.3 -2.6 300 8 Unit V V V nA nA V V V V MHz pF
Spec. No. : C305S3-R Issued Date : 2003.11.18 Revised Date : 2005.08.31 Page No. : 2/5
Test Conditions IC=-10A IC=-10mA IE=-10A VCB=-50V VCE=-30V, VBE(OFF)=-0.5V IC=-150mA, IB=-15mA IC=-500mA, IB=-50mA IC=-150mA, IB=-15mA IC=-500mA, IB=-50mA VCE=-10V, IC=-100A VCE=-10V, IC=-1mA VCE=-10V, IC=-10mA VCE=-10V, IC=-150mA VCE=-10V, IC=-500mA VCE=-20V, IC=-50mA, f=100MHz VCB=-10V, IE=0A, f=1MHz
*Pulse Test: Pulse Width 380s, Duty Cycle2%
Ordering Information
Device BTA1036S3 Package SOT-323 (Pb-free) Shipping 3000 pcs / Tape & Reel Marking 20
BTA1036S3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Current Gain vs Collector Current
1000 VCE=10V
Saturation Voltage---(mV) 10
Spec. No. : C305S3-R Issued Date : 2003.11.18 Revised Date : 2005.08.31 Page No. : 3/5
Saturation Voltage vs Collector Current
VCE(sat)@IC=10IB 1
Current Gain---HFE
100
0.1
10 0.1 1 10 100 Collector Current---IC(mA) 1000
0.01 0.1 1 10 100 Collector Current---IC(mA) 1000
Saturation Voltage vs Collector Current
10 10
Saturation Voltage vs Collector Current
VCE(sat)@IC=20IB
Saturation Voltage---(mV) Saturation Voltage---(mV) VBE(sat)@IC=10IB
1
1
0.1
0.01 0.1 1 10 100 Collector Current---IC(mA) 1000
0.1 0.1 1 10 100 1000 Collector Current---IC(mA)
On Voltage vs Collector Current
1.2
Power Derating Curve 160 Power Dissipation---PD(mW)
VBE(on)@VCE=1V 1 On Voltage (V)
140 120 100 80 60 40 20
0.8
0.6
0.4 0.1 1 10 100 1000 Collector Current---IC(mA)
0 0 50 100 150 200 Ambient T emperature --- T a()
BTA1036S3
CYStek Product Specification
CYStech Electronics Corp.
Reel Dimension
Spec. No. : C305S3-R Issued Date : 2003.11.18 Revised Date : 2005.08.31 Page No. : 4/5
Carrier Tape Dimension
BTA1036S3
CYStek Product Specification
CYStech Electronics Corp.
SOT-323 Dimension
3
A
Spec. No. : C305S3-R Issued Date : 2003.11.18 Revised Date : 2005.08.31 Page No. : 5/5
A1 1 e1 e D E bp 2
W B
Q Lp
detail Z
C
A
Z
He
0 1 scale 2 mm
v
A
3-Lead SOT-323 Plastic Surface Mounted Package CYStek Package Code: S3 Style: Pin 1.Base 2.Emitter 3.Collector
*: Typical
DIM A A1 bp C D E e
Inches Min. Max. 0.0315 0.0433 0.0000 0.0039 0.0118 0.0157 0.0039 0.0098 0.0709 0.0866 0.0453 0.0531 0.0512 -
Millimeters Min. Max. 0.80 1.10 0.00 0.10 0.30 0.40 0.10 0.25 1.80 2.20 1.15 1.35 1.3 -
DIM e1 He Lp Q v w
Inches Min. Max. 0.0256 0.0787 0.0886 0.0059 0.0177 0.0051 0.0091 0.0079 0.0079 -
Millimeters Min. Max. 0.65 2.00 2.25 0.15 0.45 0.13 0.23 0.2 0.2 10 0
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BTA1036S3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BTA1036S3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X