Part Number Hot Search : 
VCH162 ICS66401 FZT493A BS62L 2SC6045G 0ZA6T 1SV103 20100C
Product Description
Full Text Search
 

To Download BG240128A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BO LYMIN
BG240128A
Feature 1. SMT PCB with metal frame 2. Built-in controller T6963C 3. 1/128 duty cycle 4. Option: negative voltage 5. Option: LED white B/L, EL B/L, CCFL
Mechanical Data Item Standard Value Module Dimension 170.0 x 103.5 Viewing Area 132.0 x 76.0 Dot Size 0.47 x 0.47 Dot Pitch 0.5 x 0.5 Pin Assignment Pin Symbol
1 2 3 4 5 6 7 8 9 10 11~18 19 20 FGND Vss Vdd Vo /WR /RD /CE C/D NC/Vee /RST DB0-7 FS RV
Unit mm mm mm mm Electronic Characteristics
Function
Frame GND Power supply(GND) Power supply for logic(+5V) Contrast adjustment Data write Data read Chip enable Code/Data No connection/Negative voltage output -16.0V
Symbol Condition Typical Unit Value Input Voltage Vdd Vdd = +5V 5.0 V Supply Current Idd Vdd = +5V 25.0 mA LCD Driving 17.1 V Vdd-Vo 25 oC Voltage CCFL Lamp VL 25 oC 328 Vrms Supply Voltage CCFL Lamp IL 5.0 mArms 25 oC Surrply Current Item
Controller reset
Data bus line Font selection (H: 6x8, L:8x8) Reverse (H: reverse L: normal)
Dimension


▲Up To Search▲   

 
Price & Availability of BG240128A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X