Part Number Hot Search : 
FTR24T D9P2FZE0 MAX328 MR754RL LT147A 50PI18 LT147A MAX680
Product Description
Full Text Search
 

To Download BCV61C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCV61
NPN Silicon Double Transistor
3
To be used as a current mirror Good thermal coupling and VBE matching High current gain Low collector-emitter saturation voltage
C1 (2) C2 (1)
1For calculation of R thJA please refer to Application Note Thermal Resistance
1

4 2 1
VPS05178
Tr.1
Tr.2
E1 (3)
E2 (4)
EHA00012
Type BCV61A BCV61B BCV61C
Maximum Ratings Parameter
Marking 1Js 1Ks 1Ls 1 = C2 1 = C2 1 = C2
Pin Configuration 2 = C1 2 = C1 2 = C1 3 = E1 3 = E1 3 = E1 4 = E2 4 = E2 4 = E2
Package SOT143 SOT143 SOT143
Symbol VCEO VCBO VEBS IC ICM IBM Ptot Tj Tstg
Value 30 30 6 100 200 200 300 150 -65 ... 150
Unit V
Collector-emitter voltage (transistor T1) Collector-base voltage (open emitter) (transistor T1) Emitter-base voltage DC collector current Peak collector current Base peak current (transistor T1) Total power dissipation, TS = 99 C Junction temperature Storage temperature
Thermal Resistance
mA
mW C
Junction - soldering point1)
RthJS
170
K/W
Jul-10-2001
BCV61
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter Symbol Values min. DC Characteristics of T1 Collector-emitter breakdown voltage IC = 10 mA, IB = 0 Collector-base breakdown voltage IC = 10 A, IB = 0 Emitter-base breakdown voltage IE = 10 A, IC = 0 Collector cutoff current VCB = 30 V, IE = 0 Collector cutoff current VCB = 30 V, IE = 0 , TA = 150 C DC current gain 1) IC = 0.1 mA, VCE = 5 V DC current gain 1) IC = 2 mA, VCE = 5 V BCV61A BCV61B BCV61C VCEsat VBEsat VBE(ON) 580 660 700 770 700 900 90 200 250 600 hFE 110 200 420 180 290 520 220 450 800 hFE 100 ICBO 5 ICBO 15 V(BR)EBO 6 V(BR)CBO 30 V(BR)CEO 30 typ. max.
Unit
V
nA A -
Collector-emitter saturation voltage1) IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA Base-emitter saturation voltage 1) IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA Base-emitter voltage 1) IC = 2 mA, VCE = 5 V IC = 10 mA, VCE = 5 V
mV
1) Pulse test: t 300s, D = 2%
2
Jul-10-2001
BCV61
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Characteristics Base-emitter forward voltage IE = 10 A IE = 250 mA Matching of transistor T1 and transistor T2 at IE2 = 0.5mA and VCE1 = 5V TA = 25 C TA = 150 C Thermal coupling of transistor T1 and transistor T2 1) T1: VCE = 5V Maximum current of thermal stability of IC1
AC characteristics for transistor T1 Transition frequency IC = 10 mA, VCE = 5 V, f = 100 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Emitter-base capacitance VEB = 0.5 V, f = 1 MHz Noise figure IC = 200 A, VCE = 5 V, RS = 2 k, Short-circuit input impedance IC = 1 mA, VCE = 10 V, f = 1 kHz Open-circuit reverse voltage transf.ratio IC = 1 mA, VCE = 10 V, f = 1 kHz Short-circuit forward current transf.ratio IC = 1 mA, VCE = 10 V, f = 1 kHz IC = 1 mA, VCE = 10 V, f = 1 kHz
1) Witout emitter resistor. Device mounted on alumina 15mm x 16.5mm x 0.7mm
Symbol min. VBES 0.4 IC1 / IC2 0.7 0.7 IE2 -
Values typ. max.
Unit
V 5 1.8 1.3 1.3 mA
fT Ccb Ceb F
-
250 3 8 2
-
MHz pF
dB
3
Jul-10-2001
Open-circuit output admittance
f = 1 kHz,
f = 200 Hz h11e h12e h21e h22e 100 4.5 2 30 900 k 10-4 S
BCV61
Test circuit for current matching
A C1
2
1
VCE1 ...
T1
T2
E2 = constant
3 VCO
4 VCO
EHN00001
Note: Voltage drop at contacts: VCO < 2/3 VT = 16mV
Characteristic for determination of V CE1 at specified R E range with I E2 as parameter under condition of I C1/I E2 = 1.3
A C1 2 1
VCE1 ...
T1
T2
E2 = constant
3 RE
4 RE
EHN00002
Note: BCV61 with emitter resistors
4
Jul-10-2001
BCV61
Total power dissipation Ptot = f(TS)
Permissible pulse load
Ptotmax / PtotDC = f (tp)
10 3 Ptot max 5 Ptot DC
BCV 61 EHP00942
350
mW
D=
tp T
tp T
250
P tot
10 2 5
200
150
10 1
100
D= 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
5
50
0 0
15
30
45
60
75
90 105 120
C 150 TS
10 0 10 -6
10 -5
10 -4
10 -3
10 -2
s tp
10 0
5
Jul-10-2001


▲Up To Search▲   

 
Price & Availability of BCV61C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X