Part Number Hot Search : 
L6911ETR BAR6404W KBPC2502 H3950 LM323 HT48R01M SD233R X2P1200
Product Description
Full Text Search
 

To Download BAV20WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAV19WS ... BAV21WS
Small Signal Si-Diodes
Surface mount Small Signal Diodes Kleinsignal-Dioden fur die Oberflachenmontage
Version 2004-04-09
Power dissipation - Verlustleistung
1.7 1
200 mW 120...250 V SOD-323 0.005 g
Repetitive peak reverse voltage Periodische Spitzensperrspannung
1.25
Type Code
Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
0.3 2.50.2
Dimensions / Mae in mm
Maximum ratings (TA = 25C) Power dissipation - Verlustleistung Max. average forward current (dc) Dauergrenzstrom Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current Stostrom-Grenzwert Repetitive peak reverse voltage Periodische Spitzensperrspannung tp 1 s tp 1 s BAV19WS BAV20WS BAV21WS Ptot IFAV IFRM IFSM IFSM VRRM VRRM VRRM Tj TS
Grenzwerte (TA = 25C) BAV19WS, BAV20WS, BAV21WS 200 mW 1) 200 mA 1) 625 mA 1) 1A 2.5 A 120 V 200 V 250 V 150C - 55...+ 150C
Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
Characteristics (Tj = 25C) Forward voltage ) Durchlaspannung Leakage current 2) Sperrstrom Tj = 25C BAV19WS BAV20WS BAV21WS
2
Kennwerte (Tj = 25C) IF = 100 mA IF = 200 mA VR = 100 V VR = 150 V VR = 200 V VR = 100 V VR = 150 V VR = 200 V VF VF IR <1V < 1.25 V < 100 nA
BAV19WS Tj = 150C BAV20WS BAV21WS
IR
< 15 A
) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 2 ) Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2%
1
1
Small Signal Si-Diodes
BAV19WS ... BAV21WS
Characteristics (Tj = 25C) Continuous reverse voltage Sperrspannung BAV19WS BAV20WS BAV21WS VR VR VR CT trr RthA
Kennwerte (Tj = 25C) 100 V 150 V 200 V 1.5 pF < 50 ns 625 K/W 1) A8 A9 or / oder T2 AA or / oder T3
Max. junction Capacitance - Max. Sperrschichtkapazitat VR = 0 V, f = 1 MHz Reverse recovery time - Sperrverzug IF = 30 mA uber / through IR = 30 mA bis / to IR = 3 mA Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Marking - Stempelung BAV19WS BAV20WS BAV21WS
1
) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu
2


▲Up To Search▲   

 
Price & Availability of BAV20WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X