Part Number Hot Search : 
102FXJ FD400R4E DTA115 FD400R4E F7103Q PM1JDXX KBL6011 D1776
Product Description
Full Text Search
 

To Download BAV20WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
BAV19WS THRU BAV21WS
SMALL SIGNAL DIODES
SOD-323
FEATURES
Silicon Epitaxial Planar Diodes For general purpose These diodes are also available in other case styles including: the DO-35 case with the type designations BAV19 to BAV21, the Mini-MELF case with the type designations BAV100 to BAV103, the SOT-23 case with the type designation BAS19 - BAS21 and the SOD-123 case with the type designation BAV19W-BAV21W.
.012 (0.3)
.112 (2.85) .100 (2.55) .076 (1.95) .065 (1.65)
Cathode Mark
Top View
max. .049 (1.25)
max. .004 (0.1)
min. .010 (0.25)
max. .006 (0.15)
.059 (1.5) .043 (1.1)
MECHANICAL DATA
Case: SOD-323 Plastic Case Weight: approx. 0.004 g Marking Code: BAV19WS=A8 BAV20WS=A81 BAV21WS=A82
Dimensions are in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
VALUE
UNITS
Continuous Reverse Voltage
BAV19WS BAV20WS BAV21WS BAV19WS BAV20WS BAV21WS
VR VR VR VRRM VRRM VRRM IF
100 150 200 120 200 250 2501) 2001)
Volts Volts Volts Volts Volts Volts mA
Repetitive Peak Reverse Voltage
Forward DC Current at Tamb = 25 C Rectified Current (Average) Half Wave Rectification with Resist. Load at Tamb = 25 C and f 50 Hz Repetitive Peak Forward Current at f 50 Hz, = 180 , Tamb = 25 C Surge Forward Current at t < 1 s, Tj = 25 C Power Dissipation at Tamb = 25 C Junction Temperature Storage Temperature Range
NOTES: (1) Valid provided that electrodes are kept at ambient temperature
Io
mA
IFRM IFSM Ptot Tj TS
6251) 1 2001) 1501) -65 to + 1501)
mA Amps mW C C
12/11/98
BAV19WS THRU BAV21WS
ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage at IF = 100 mA at IF = 200mA Leakage Current at VR = 100 V at VR = 100 V, Tj = 100 C at VR = 150 V at VR = 150 V, Tj = 100 C at VR = 200 V at VR = 200 V, Tj = 100 C Dynamic Forward Resistance at IF = 10 mA Capacitance at VR = 0, f = 1 MHz Reverse Recovery Time from IF = 30 mA through IR = 30 mA to IR = 3 mA; RL = 100 Thermal Resistance Junction to Ambient Air BAV19WS BAV19WS BAV20WS BAV20WS BAV21WS BAV21WS
VF VF IR IR IR IR IR IR rf Ctot
- - - - - - - - - -
- - - - - - - - 5 1.5
1.00 1.25 100 15.0 100 15.0 100 15.0 - -
Volts Volts nA A nA A nA A pF
trr
-
-
50
ns
RthJA
-
-
6501)
K/W
NOTES: (1) Valid provided that electrodes are kept at ambient temperature
RATINGS AND CHARACTERISTIC CURVES BAV19WS THRU BAV21WS
RATINGS AND CHARACTERISTIC CURVES BAV19WS THRU BAV21WS


▲Up To Search▲   

 
Price & Availability of BAV20WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X