Part Number Hot Search : 
EMICO 232CB 00M35 16245A TS4141 MAX66 2MBI1 74ACTQ74
Product Description
Full Text Search
 

To Download AD222-00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GMR Digital Sensor Evaluation Kit AG910
This kit was created to facilitate laboratory experimentation and developed using GMR digital switch output sensors. The kit consists of 16 distinct GMR sensors that span the magnetic field range and output types available in the AD series. All sensors in this kit are packaged in the TSSOP miniature surface mount package. The kit also includes a ceramic bar magnet, printed circuit board (PCB) and a TSSOP ZIF socket with Kelvin contacts. The kit consists of the following:
GMR Switch Digital Evaluation Kit Parts List Part Number Part Output Marking type Output Configuration (Specified by 3rd Character) of Part No. 0:= Single 20mA Sink Output 1:= Single 20mA Source Output 2:= 20mA Source Output & 20mA Sink Output 3:= Dual 20mA Single Source Sink/ Source Sink/ Sink Sink/ Source/ Vreg Sink/ Sink/ N/A N/A N/A N/A 2.5 x 5cm PCB GMR Switch Brochure TSSOP Socket Ceramic Magnet, 2.5 x 0.6 x 1cm Sink Outputs 6:= 20mA Source Output + 20mA Sink Output and External Regulated Voltage 7:= Dual Sink Outputs + External Regulated Voltage Level and Axis of Sensitivity (Specified by 4th & 5th Characters) of Part No. 04:= Std Axis, 20 Oe 05:= Std Axis, 40 Oe 06:= Std Axis, 80 Oe 20:= Std Axis, 28 Oe 21:= Cross Axis, 20 Oe 22:= Cross Axis, 40 Oe 23:= Cross Axis, 80 Oe 24:= Cross Axis, 28 Oe
AD004-00 BBH AD005-00 BBG AD006-00 BBJ AD020-00 BBK AD021-00 BBB AD022-00 BBC AD023-00 BBD AD024-00 BBF AD105-00 DBG AD122-00 DBC AD222-00 FBC AD224-00 FBF AD320-00 GBK AD324-00 GBF AD624-00 KBF Single Sink
AD724-00 LBF Vreg AG910-06 N/A SB-015 N/A SN 12100 N/A SN 12032 N/A
Tel: +44 (0) 870 608 1188 Fax: +44 (0) 870 241 2255 Germany: +49 (0) 692 199 8606 Fax: +49 (0) 692 199 8595 Email: sales@rhopointcomponents.com Website: www.rhopointcomponents.com
Rhopoint Components Ltd


▲Up To Search▲   

 
Price & Availability of AD222-00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X