Part Number Hot Search : 
SK310 6713A D1877 28F160 M54583 2SC425 81600 MB39A1
Product Description
Full Text Search
 

To Download A6277EA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6277
PRELIMINARY INFORMATION
(Subject to change without notice) July 20, 2000
Data Sheet 26185.202
8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
The A6277x is specifically designed for LED-display applications. Each BiCMOS device includes an 8-bit CMOS shift register, accompanying data latches, and eight npn constant-current sink drivers. Two package styles and two operating temperature ranges are available. The CMOS shift register and latches allow direct interfacing with microprocessor-based systems. With a 5 V logic supply, typical serial data-input rates are up to 20 MHz. The LED drive current is determined by the user's selection of a single resistor. A CMOS serial data output permits cascade connections in applications requiring additional drive lines. For inter-digit blanking, all output drivers can be disabled with an ENABLE input high. In addition, a HIGH/LOW function enables full selected current with the application of a logic low, or 50% selected current with the application of a logic high. The first character of the part number suffix determines the device operating temperature range. Suffix `E-' is for -40C to +85C, and suffix `S-' is -20C to +85C. Two package styles are provided for through-hole DIP (suffix `-A') or surface-mount SOIC (suffix `-LW') applications. The copper lead frame and low logic-power dissipation allow the dual in-line package to sink 122 mA through all outputs continuously over the operating temperature range (1.0 V drop, +85C).
A6277ELW
LOGIC GROUND SERIAL DATA IN CLOCK LATCH ENABLE HIGH/LOW (CURRENT) POWER GROUND OUT 0 OUT 1 OUT 2 OUT 3 1 2 3 4 5 6
SUB
VDD IO REGULATOR CK L FF OE
20 19 18 17 16 15
LOGIC SUPPLY REXT SERIAL DATA OUT 1 SERIAL DATA OUT 2 OUTPUT ENABLE POWER GROUND OUT 7 OUT 6 OUT 5 OUT 4
REGISTER LATCHES
SUB
7 8 9 10
14 13 12 11
Dwg. PP-029-17A
Note that the A6277EA (DIP) and the A6277ELW (SOIC) are electrically identical and share a common terminal number assignment.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VDD ...................... 7.0 V Output Voltage Range, VO ............................ -0.5 V to +24 V Output Current, IO ....................... 150 mA Input Voltage Range, VI .................... -0.4 V to VDD + 0.4 V Package Power Dissipation, PD ..................................... See Graph Operating Temperature Range, TA Suffix `S-' ................ -20C to +85C Suffix `E-' ................ -40C to +85C Storage Temperature Range, TS ........................... -55C to +150C
Caution: These CMOS devices have input static protection (Class 2) but are still susceptible to damage if exposed to extremely high static electrical charges.
FEATURES
I To 150 mA Constant-Current Outputs I 24 V Outputs I Under-Voltage Lockout I Low-Power CMOS Logic and Latches I High Data Input Rate I Similar to Toshiba TD62715FN I High/Low Output Current Function
Always order by complete part number, e.g., A6277EA .
6277 8-BIT SERIAL-INPUT, CONSTANT-CURRENT LATCHED LED DRIVER
ALLOWABLE PACKAGE POWER DISSIPATION IN WATTS
2.5
2.0
SUFFIX 'A', R JA = 55C/W
1.5
1.0
0.5
SUFFIX 'LW', R JA = 70C/W
0 25 50 75 100 125 AMBIENT TEMPERATURE IN C 150
Dwg. GP-018-1
FUNCTIONAL BLOCK DIAGRAM
UVLO
CLOCK SERIAL DATA IN LATCH ENABLE LOGIC GROUND SERIAL DATA OUT2 SERIAL DATA OUT 1 OUTPUT ENABLE (ACTIVE LOW) MOS BIPOLAR POWER GROUND POWER GROUND SUB OUT 0 OUT 1 OUT 2 OUT N HIGH/LOW (CURRENT) V DD LOGIC SUPPLY
SERIAL-PARALLEL SHIFT REGISTER
FF
LATCHES
IO REGULATOR
R EXT
Dwg. FP-013-7
2
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 2000, Allegro MicroSystems, Inc.
6277 8-BIT SERIAL-INPUT, CONSTANT-CURRENT LATCHED LED DRIVER
V
DD
V
DD
IN
IN
Dwg. EP-010-7
Dwg. EP-010-6
OUTPUT ENABLE (active low)
VDD
LATCH ENABLE and HIGH/LOW
VDD
IN
OUT
Dwg. EP-063-1
Dwg. EP-010-5
CLOCK and SERIAL DATA IN TRUTH TABLE
Serial Shift Register Contents Data Clock Input Input I1 I2 I3 ... IN-1 IN H L X H L R1 R2 ... R1 R2 ... RN-2 RN-1 RN-2 RN-1 RN-1 RN X X Serial Latch Data Enable Output Input RN-1 RN-1 RN X PN L H R1 R2 R3 ... P1 P2 P3 ... X L = Low Logic (Voltage) Level H = High Logic (Voltage) Level X X ... Latch Contents I1 I2 I3 ...
SERIAL DATA OUT
IN-1 IN
Output Enable Input
Output Contents I1 I2 I3 ... IN-1 IN
R1 R2 R3 ... X X X ...
RN-1 RN PN-1 PN X X L H P1 P2 P3 ... PN-1 PN H H H ... H R = Previous State H
P1 P2 P3 ...
PN-1 PN
X = Irrelevant
P = Present State
www.allegromicro.com
3
6277 8-BIT SERIAL-INPUT, CONSTANT-CURRENT LATCHED LED DRIVER
ELECTRICAL CHARACTERISTICS at TA = +25C, VH/L = VDD = 5 V (unless otherwise noted).
Limits Characteristic Supply Voltage Range Under-Voltage Lockout Output Current (any single output) Output Current Matching (difference between any two outputs at same VCE) Output Leakage Current Logic Input Voltage ICEX VIH VIL SERIAL DATA OUT Voltage (SDO1 & SDO2) Input Resistance VOL VOH RI IOL = 1.0 mA IOH = -1.0 mA ENABLE input, pull up LATCH & HIGH/LOW inputs, pull down Supply Current IDD(OFF) REXT = open, VOE = 5 V REXT = 470 , VOE = 5 V REXT = 160 , VOE = 5 V IDD(ON) REXT = 470 , VOE = 0 V REXT = 160 , VOE = 0 V Typical Data is at VDD = 5 V and is for design information only. Symbol VDD VDD(UV) IO Test Conditions Operating VDD = 0 to 5 V VCE = 1.0 V, REXT = 160 VCE = 0.4 V, REXT = 470 IO 0.4 V VCE(A) = VCE(B) 1.0 V: REXT = 160 REXT = 470 VOH = 20 V - - - 0.7VDD - - 4.6 150 100 - 3.5 14 5.0 20 1.5 1.5 1.0 - - - - 300 270 0.8 6.5 17 10 27 6.0 6.0 5.0 - 0.3VDD 0.4 - 600 400 1.6 9.5 22 15 40 % % A V V V V k k mA mA mA mA mA Min. 4.5 3.4 100 34 Typ. 5.0 - 120 42 Max. 5.5 4.0 140 48 Unit V V mA mA
4
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
6277 8-BIT SERIAL-INPUT, CONSTANT-CURRENT LATCHED LED DRIVER
SWITCHING CHARACTERISTICS at TA = 25C, VDD = VIH = 5 V, VCE = 0.4 V, VIL = 0 V, REXT = 470 , IO = 40 mA, VL = 3 V, RL = 65 , CL = 10.5 pF.
Limits Characteristic Propagation Delay Time Symbol tpHL Test Conditions CLOCK-OUTn LATCH-OUTn ENABLE-OUTn CLOCK-SERIAL DATA OUT1 Propagation Delay Time tpLH CLOCK-OUTn LATCH-OUTn ENABLE-OUTn CLOCK-SERIAL DATA OUT2 Output Fall Time Output Rise Time tf tr 90% to 10% voltage 10% to 90% voltage Min. - - - - - - - - 150 150 Typ. 350 350 350 80 300 400 380 80 250 250 Max. 1000 1000 1000 110 1000 1000 1000 110 1000 600 Unit ns ns ns ns ns ns ns ns ns ns
RECOMMENDED OPERATING CONDITIONS
Characteristic Supply Voltage Output Voltage Output Current Symbol VDD VO IO IOH IOL Logic Input Voltage VIH VIL Clock Frequency fCK Cascade operation Continuous, any one output SERIAL DATA OUT SERIAL DATA OUT Conditions Min. 4.5 - - - - 0.7VDD - - Typ. 5.0 1.0 - - - - - - Max. 5.5 4.0 150 -1.0 1.0 - 0.3VDD 10 Unit V V mA mA mA V V MHz
www.allegromicro.com
5
6277 8-BIT SERIAL-INPUT, CONSTANT-CURRENT LATCHED LED DRIVER
TIMING REQUIREMENTS and SPECIFICATIONS
(Logic Levels are VDD and Ground)
C CLOCK A SERIAL DATA IN DATA tp SERIAL DATA OUT. 1
50% 50%
B
50%
DATA tp
SERIAL DATA OUT.2 D LATCH ENABLE
50%
50%
DATA
E
OUTPUT ENABLE
LOW = ALL OUTPUTS ENABLED
tp OUT N
HIGH = OUTPUT OFF
50%
DATA
LOW = OUTPUT ON
Dwg. WP-029-3
HIGH = ALL OUTPUTS DISABLED (BLANKED) OUTPUT ENABLE
50%
F t en(BQ)
90%
t dis(BQ) tf DATA
10%
tr
OUT N
Dwg. WP-030-1
A. Data Active Time Before Clock Pulse (Data Set-Up Time), tsu(D) .......................................... 60 ns B. Data Active Time After Clock Pulse (Data Hold Time), th(D) .............................................. 20 ns C. Clock Pulse Width, tw(CK) ............................................... 50 ns D. Time Between Clock Activation and Latch Enable, tsu(L) ............................................ 100 ns E. Latch Enable Pulse Width, tw(L) ................................... 100 ns F. Output Enable Pulse Width, tw(OE) ................................ 4.5 s NOTE - Timing is representative of a 10 MHz clock. Significantly higher speeds are attainable. -- Max. Clock Transition Time, tr or tf .............................. 10 s
Information present at any register is transferred to the respective latch when the LATCH ENABLE is high (serial-toparallel conversion). The latches will continue to accept new data as long as the LATCH ENABLE is held high. Applications where the latches are bypassed (LATCH ENABLE tied high) will require that the OUTPUT ENABLE input be high during serial data entry. When the OUTPUT ENABLE input is high, the output source drivers are disabled (OFF). The information stored in the latches is not affected by the OUTPUT ENABLE input. With the OUTPUT ENABLE input low, the outputs are controlled by the state of their respective latches.
6
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
6277 8-BIT SERIAL-INPUT, CONSTANT-CURRENT LATCHED LED DRIVER
ALLOWABLE OUTPUT CURRENT AS A FUNCTION OF DUTY CYCLE A6277xA A6277xLW
VCE = 1 V 140
140 VCE = 1 V
ALLOWABLE OUTPUT CURRENT IN mA/BIT
VCE = 2 V 120 VCE = 3 V 100 VCE = 4 V 80
ALLOWABLE OUTPUT CURRENT IN mA/BIT
120
VCE = 2 V
100
VCE = 3 V
80
VCE = 4 V
60
60
40
TA = +25C VDD = 5 V RJA = 55C/W
40
TA = +25C VDD = 5 V RJA = 70C/W
20
20
0 0 20 40 60 80 100
Dwg. GP-062-17
0 0 20 40 60 80 100
Dwg. GP-062-16
DUTY CYCLE IN PER CENT
DUTY CYCLE IN PER CENT
140
VCE = 1 V
140 VCE = 1 V
ALLOWABLE OUTPUT CURRENT IN mA/BIT
120
VCE = 2 V
ALLOWABLE OUTPUT CURRENT IN mA/BIT
120 VCE = 2 V 100 VCE = 3 V 80 VCE = 4 V 60
100
VCE = 3 V
80
VCE = 4 V
60
40
TA = +50C VDD = 5 V RJA = 55C/W
40
TA = +50C VDD = 5 V RJA = 70C/W
20
20
0 0 20 40 60 80 100
Dwg. GP-062-15
0 0 20 40 60 80 100
Dwg. GP-062-14
DUTY CYCLE IN PER CENT
DUTY CYCLE IN PER CENT
www.allegromicro.com
7
6277 8-BIT SERIAL-INPUT, CONSTANT-CURRENT LATCHED LED DRIVER
ALLOWABLE OUTPUT CURRENT AS A FUNCTION OF DUTY CYCLE (cont.) A6277xA A6277xLW
VCE = 0.7 V 140
140
VCE = 0.7 V
ALLOWABLE OUTPUT CURRENT IN mA/BIT
ALLOWABLE OUTPUT CURRENT IN mA/BIT
120
VCE = 1 V
120
VCE = 1 V
100
VCE = 2 V VCE = 3 V
100 VCE = 2 V 80 VCE = 3 V 60 VCE = 4 V 40 TA = +85C VDD = 5 V RJA = 70C/W
80
60
VCE = 4 V
40
TA = +85C VDD = 5 V RJA = 55C/W
20
20
0 0 20 40 60 80 100
Dwg. GP-062-13
0 0 20 40 60 80 100
Dwg. GP-062-12
DUTY CYCLE IN PER CENT
DUTY CYCLE IN PER CENT
TYPICAL CHARACTERISTICS
60
OUTPUT CURRENT IN mA/BIT
40
20
TA = +25C REXT = 470
0 0 0.5 1.0 VCE IN VOLTS
Dwg. GP-063-1
1.5
2.0
8
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
6277 8-BIT SERIAL-INPUT, CONSTANT-CURRENT LATCHED LED DRIVER
TERMINAL DESCRIPTION
Terminal No. 1 2 3 4 5 6 7-14 15 16 17 18 19 20 Terminal Name LOGIC GROUND SERIAL DATA IN CLOCK LATCH ENABLE HIGH/LOW (CURRENT) POWER GROUND OUT0-7 POWER GROUND OUTPUT ENABLE SERIAL OUT2 SERIAL OUT1 REXT LOGIC SUPPLY Function Reference terminal for control logic. Serial-data input to the shift-register. Clock input terminal for data shift on rising edge. Data strobe input terminal; serial data is latched with high-level input. Logic low for 100% of programmed current level; logic high for 50% of programmed current level. Ground. The eight current-sinking output terminals. Ground. When (active) low, the output drivers are enabled; when high, all output drivers are turned OFF (blanked). CMOS serial-data output (on clock falling edge). CMOS serial-data output (on clock rising edge) to the following shift-registers. An external resistor at this terminal establishes the output current for all sink drivers. (VDD) The logic supply voltage. Typically 5 V.
The products described here are manufactured under one or more U.S. patents or U.S. patents pending. Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the information being relied upon is current. Allegro products are not authorized for use as critical components in life-support devices or systems without express written approval. The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor for any infringement of patents or other rights of third parties which may result from its use.
www.allegromicro.com
9
6277 8-BIT SERIAL-INPUT, CONSTANT-CURRENT LATCHED LED DRIVER
Applications Information
The load current per bit (IO) is set by the external resistor (REXT) as shown in the figure below.
140 VCE = 0.7 V 120
0.7 V per diode) for a group of drivers. If the available voltage source will cause unacceptable dissipation and series resistors or diode(s) are undesirable, a regulator such as the Sanken Series SAI or Series SI can be used to provide supply voltages as low as 3.3 V. For reference, typical LED forward voltages are: Blue 3.0 - 4.0 V Green 1.8 - 2.2 V Yellow 2.0 - 2.1 V Amber 1.9 - 2.65 V Red 1.6 - 2.25 V Infrared 1.2 - 1.5 V Pattern Layout. This device has separate logic-ground and power-ground terminals. If ground pattern layout contains large common-mode resistance, and the voltage between the system ground and the LATCH ENABLE or CLOCK terminals exceeds 2.5 V (because of switching noise), these devices may not operate correctly.
OUTPUT CURRENT IN mA/BIT
100
80
60
40
20
0 100
200
300
500
700
1k
2k
3k
5k
CURRENT-CONTROL RESISTANCE, REXT IN OHMS
Dwg. GP-061-1
Package Power Dissipation (PD). The maximum allowable package power dissipation is determined as PD(max) = (150 - TA)/RJA. The actual package power dissipation is PD(act) = dc(VCE * IO * 8) + (VDD * IDD). When the load supply voltage is greater than 3 V to 5 V, considering the package power dissipating limits of these devices, or if PD(act) > PD(max), an external voltage reducer (VDROP) should be used. Load Supply Voltage (VLED). These devices are designed to operate with driver voltage drops (VCE) of 0.4 V to 0.7 V with LED forward voltages (VF) of 1.2 V to 4.0 V. If higher voltages are dropped across the driver, package power dissipation will be increased significantly. To minimize package power dissipation, it is recommended to use the lowest possible load supply voltage or to set any series dropping voltage (VDROP) as VDROP = VLED - VF - VCE with VDROP = Io * RDROP for a single driver, or a Zener diode (VZ), or a series string of diodes (approximately
VLED
V DROP
VF
V CE
Dwg. EP-064
10
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
6277 8-BIT SERIAL-INPUT, CONSTANT-CURRENT LATCHED LED DRIVER
A6277EA
Dimensions in Inches (controlling dimensions)
0.014 0.008
20
11
0.430 0.280 0.240
MAX
0.300
BSC
1
0.070 0.045
0.100 1.060 0.980
BSC
10
0.005
MIN
0.210
MAX
0.015
MIN
0.150 0.115 0.022 0.014
Dwg. MA-001-20 in
Dimensions in Millimeters (for reference only)
0.355 0.204
20
11
10.92 7.11 6.10
MAX
7.62
BSC
1
1.77 1.15
2.54 26.92 24.89
BSC
10
0.13
MIN
5.33
MAX
0.39
MIN
3.81 2.93 0.558 0.356
Dwg. MA-001-20 mm
NOTES: 1. Exact body and lead configuration at vendor's option within limits shown. 2. Lead spacing tolerance is non-cumulative 3. Lead thickness is measured at seating plane or below.
www.allegromicro.com
11
6277 8-BIT SERIAL-INPUT, CONSTANT-CURRENT LATCHED LED DRIVER
A6277ELW
Dimensions in Inches (for reference only)
20 11 0.0125 0.0091
0.2992 0.2914
0.419 0.394
0.050 0.016 0.020 0.013
1
2
3 0.5118 0.4961
0.050
BSC
0 TO 8
0.0926 0.1043 0.0040 MIN.
Dwg. MA-008-20 in
Dimensions in Millimeters (controlling dimensions)
20 11 0.32 0.23
7.60 7.40
10.65 10.00
1.27 0.40 0.51 0.33
1
2
3 13.00 12.60
1.27
BSC
0 TO 8
2.65 2.35 0.10 MIN.
Dwg. MA-008-20 mm
NOTES: 1. Exact body and lead configuration at vendor's option within limits shown. 2. Lead spacing tolerance is non-cumulative.
12
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000


▲Up To Search▲   

 
Price & Availability of A6277EA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X