Part Number Hot Search : 
FDP5690 2SK260 0603C TLP62 D7808 128Y1 FNA41560 MB90423G
Product Description
Full Text Search
 

To Download 74V1G03S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
74V1G03
SINGLE 2-INPUT OPEN DRAIN NAND GATE
PRELIMINARY DATA
s s
s
s s
s
HIGH SPEED: tPD = 3.7 ns (TYP.) at VCC = 5V LOW POWER DISSIPATION: ICC = 1 A (MAX.) at TA = 25 oC HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.) POWER DOWN PROTECTION ON INPUTS OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 5.5V IMPROVED LATCH-UP IMMUNITY
S (SOT23-5L)
C (SC-70)
ORDER CODE: 74V1G03S 74V1G03C This device can, with an external pull-up resistor, be used in wired AND configuration. This device can also be used as a led driver in any other application requiring a current sink. Power down protection is provided on all inputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V.
DESCRIPTION The 74V1G03 is an advanced high-speed CMOS SINGLE 2-INPUT OPEN DRAIN NAND GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. The internal circuit is composed of 3 stages including buffer output, which provide high noise immunity and stable output.
PIN CONNECTION AND IEC LOGIC SYMBOLS
September 1999
1/7
74V1G03
INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 1 2 4 3 5 SYMBOL 1A 1B 1Y GND VCC NAME AND FUNCT ION Data Input Data Input Data Output Ground (0V) Positive Supply Voltage
TRUTH TABLE
A L L H H
Z: High Impedance
B L H L H
Y Z Z Z L
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 - 20 20 25 50 -65 to +150 260 Unit V V V mA mA mA mA
o o
ICC or IGND DC VCC or Ground Current
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top dt/dv Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time (see note 1) (VCC = 3.3 0.3V) (V CC = 5.0 0.5V) Parameter Valu e 2.0 to 5.5 0 to 5.5 0 to VCC -40 to +85 0 to 100 0 to 20 Unit V V V
o
C
ns/V ns/V
1) VIN from 30% to70%of VCC
2/7
74V1G03
DC SPECIFICATIONS
Symb ol Parameter T est Cond ition s V CC (V) VIH VIL VOL High Level Input Voltage Low Level Input Voltage Low Level Output Voltage 2.0 3.0 to 5.5 2.0 3.0 to 5.5 2.0 3.0 4.5 3.0 4.5 IOZ High Impedance Output Leakage Current Input Leakage Current Quiescent Supply Current 5.5 0 to 5.5 5.5 I O=50 A IO=50 A IO=50 A IO=4 mA IO=8 mA VI = VIH or VIL VO = VCC or GND VI = 5.5V or GND VI = VCC or GND 0.0 0.0 0.0 Min. 1.5 0.7VCC 0.5 0.3VCC 0.1 0.1 0.1 0.36 0.36 0.25 Typ . Value T A = 25 o C Max. -40 to 85 o C Min . 1.5 0.7VCC 0.5 0.3VCC 0.1 0.1 0.1 0.44 0.44 2.5 A V Max. V V Un it
II ICC
0.1 2
1.0 20
A A
AC ELECTRICAL CHARACTERISTICS (Input tr = tf =3 ns)
Symbol Parameter V CC (V) tPZL Propagation Delay Time T est Conditio n CL (p F) 15 50 15 50 50 50 RL RL RL RL RL = 1 K = 1 K = 1 K = 1 K = 1 K Valu e T A = 25 o C Min. T yp. 5.5 8.0 3.7 5.2 9.0 6.0 Max. 7.9 11.4 5.5 7.5 11.4 7.5 Unit -40 to 85 o C Min. 1.0 1.0 1.0 1.0 1.0 1.0 Max. 9.5 13.0 6.5 8.5 13.0 8.5
tPLZ
Propagation Delay Time
3.3 (*) 3.3 (*) 5.0(**) 5.0(**) 3.3 (*) 5.0
(**)
ns
R L = 1 K
ns
(*) Voltage range is 3.3V 0.3V (**) Voltage range is 5V 0.5V
CAPACITIVE CHARACTERISTICS
Symb ol Parameter T est Cond ition s Min. C IN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1) Typ . 4 5 6 Value T A = 25 o C Max. 10 -40 to 85 o C Min . Max. 10 pF pF pF Un it
1) CPD isdefined as the value of the IC'sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto Test Circuit).Average operating current can be obtained by the following equation. ICC(opr) = CPD * VCC * fIN + ICC
3/7
74V1G03
TEST CIRCUIT
CL = 15/50 pF or equivalent (includes jig and probe capacitance) RL = R1 = 1K or equivalent RT = ZOUT of pulse generator (typically 50)
WAVEFORM: PROPAGATION DELAYS (f=1MHz; 50% duty cycle)
4/7
74V1G03
SOT23-5L MECHANICAL DATA
mm MIN. A A1 A2 b C D E E1 L e e1 0.90 0.00 0.90 0.35 0.09 2.80 2.60 1.50 0.35 0.95 1.9 TYP. MAX. 1.45 0.15 1.30 0.50 0.20 3.00 3.00 1.75 0.55 MIN. 35.4 0.0 35.4 13.7 3.5 110.2 102.3 59.0 13.7 37.4 74.8 mils TYP. MAX. 57.1 5.9 51.2 19.7 7.8 118.1 118.1 68.8 21.6
DIM.
5/7
74V1G03
SC-70 MECHANICAL DATA
mm MIN. A A1 A2 b C D E E1 L e e1 0.80 0.00 0.80 0.15 0.10 1.80 1.80 1.15 0.10 0.65 1.3 TYP. MAX. 1.10 0.10 1.00 0.30 0.18 2.20 2.40 1.35 0.30 MIN. 31.5 0.0 31.5 5.9 3.9 70.9 70.9 45.3 3.9 25.6 51.2 mils TYP. MAX. 43.3 3.9 39.4 11.8 7.1 86.6 94.5 53.1 11.8
DIM.
6/7
74V1G03
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com .
7/7


▲Up To Search▲   

 
Price & Availability of 74V1G03S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X