Part Number Hot Search : 
TA4014FE AD7225TQ 500RL 2SA2062 MC3401 SMA2820 22AULC 2SC510
Product Description
Full Text Search
 

To Download 1N938B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N935B-1, 1N937B-1 AND 1N938B-1 AVAILABLE IN JAN, JANTX, JANTXV
AND JANS PER MIL-PRF-19500/156
* 9.0 VOLT NOMINAL ZENER VOLTAGE * TEMPERATURE COMPENSATED ZENER REFERENCE DIODES * METALLURGICALLY BONDED
1N935 thru 1N938B and 1N935B-1 thru 1N938B-1
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C DC Power Dissipation: 500mW @ +50C Power Derating: 4 mW / C above +50C
REVERSE LEAKAGE CURRENT
lR = 10 A @ 25C & VR = 6 Vdc
ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified.
JEDEC TYPE NUMBER
ZENER VOLTAGE vz @ I ZT
ZENER TEST CURRENT I ZT
MAXIMUM ZENER IMPEDANCE (Note 1) Z ZT
VOLTAGE TEMPERATURE TEMPERATURE RANGE STABILITY V ZT MAXIMUM (Note 2)
EFFECTIVE TEMPERATURE COEFFICIENT
FIGURE 1
% / C 0.01 0.01 0.01 0.005 0.005 0.005 0.002 0.002 0.002 0.001 0.001 0.001
VOLTS 1N935 1N935A 1N935B 1N936 1N936A 1N936B 1N937 1N937A 1N937B 1N938 1N938A 1N938B 8.55--9.45 8.55--9.45 8.55--9.45 8.55--9.45 8.55--9.45 8.55--9.45 8.55--9.45 8.55--9.45 8.55--9.45 8.55--9.45 8.55--9.45 8.55--9.45
mA 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5
OHMS 20 20 20 20 20 20 20 20 20 20 20 20
mV 67 139 184 34 70 92 13 28 37 6.7 13.9 19
C 0 to + 75 -55 to +100 -55 to +150 0 to + 75 -55 to +100 -55 to +150 0 to + 75 -55 to +100 -55 to +150 0 to + 75 -55 to +100 -55 to +150
DESIGN DATA
CASE: Hermetically sealed glass case. DO - 35 outline. LEAD MATERIAL: Copper clad steel. LEAD FINISH: Tin / Lead POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING POSITION: Any.
NOTE 1 Zener impedance is derived by superimposing on lZT A 60Hz rms a.c. current equal to 10% of lZT. NOTE 2 The maximum allowable change observed over the entire temperature range i.e., the diode voltage will not exceed the specified mV at any discrete temperature between the established limits, per JEDEC standard No. 5.
22 COREY STREET, MELROSE, MASSACHUSETTS 02176 PHONE (781) 665-1071 FAX (781) 665-7379 WEBSITE: http://www.cdi-diodes.com E-mail: mail@cdi-diodes.com
Pd, Rated Power Dissipation (mW)
1N935
thru INCLUDING -1 VERSIONS
1N938B
600 500 400 300 200 100 0 0 25 50 75 100 125 150 175
TL, Lead temperature (C) 3/8" from body FIGURE 2
POWER DERATING CURVE
100 50 40 30 20
ZENER IMPEDANCE ZZT (OHMS)
10 5 4 3 2
1 5 6 7 8 9 OPERATING CURRENT lZT (mA) 10
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
+.0015 CHANGE IN TEMPERATURE COEFFICIENT ( %/C)
+.0010
+.0005
0
-.0005
-.0010
-.0015
5
6
7 8 OPERATING CURRENT lZT (mA)
9
10
FIGURE 4
TYPICAL CHANGE OF TEMPERATURE COEFFICIENT WITH CHANGE IN OPERATING CURRENT
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 1N938B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X