Part Number Hot Search : 
Q30RV11 221M35 VIS102B 11238 ALVCH MK325 P2N50 2SA101
Product Description
Full Text Search
 

To Download 1N6762 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N6762, 1N6763, 1N6764, 1N6765,
1N6762R, 1N6763R, 1N6764R, 1N6765R,
JANTX1N6762, JANTX1N6763, JANTX1N6764, JANTX1N6765,
JANTX1N6762R, JANTX1N6763R, JANTX1N6764R, JANTX1N6765R,
JANTXV1N6762, JANTXV1N6763, JANTXV1N6764, JANTXV1N6765,
JANTXV1N6762R JANTXV1N6763R JANTXV1N6764R JANTXV1N6765R
JANTX, JANTXV POWER DUAL RECTIFIERS IN A TO-254AA PACKAGE QUALIFIED TO MIL-PRF-19500/642
50V Thru 200V, 12A, Dual, Common Cathode or Common Anode Center-Tap Ultra-Fast Rectifiers
FEATURES
* * * * * Center-Tap Configuration Isolated and Hermetically Sealed Ultra-Fast Low VF Qualified to MIL-PRF-19500/642
DESCRIPTION
This hermetically packaged QPL product features the latest silicon and packaging technology. It is ideally suited for Military low voltage rectifier requirements where small size, high performance and high reliability are required, and in applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers and high energy pulse circuits.
S C H E M ATIC
1 2 3
COMMON CATHODE
MECHANICAL OUTLINE
.144 DIA. .545 .535 .050 .040
.685 .665
.800 .790
1N6762, 1N6763, 1N6764, 1N6765
1 2 3
.550 .510
.550 .530
1 2 3
COMMON ANODE
.045 .035
.005
.150 TYP. .150 TYP. .260 .249
TO-254AA
1N6762R, 1N6763R, 1N6764R, 1N6765R
Note: "R" at end of Part Number Designates Common Anode
9 03 R0
205 Crawford Street, Leominster, MA 01453 USA (978) 534-5776 FAX (978) 537-4246 Visit Our Web Site at www.omnirel.com
1N6762, 1N6763, 1N6764, 1N6765,
1N6762R, 1N6763R, 1N6764R, 1N6765R,
JANTX1N6762, JANTX1N6763, JANTX1N6764, JANTX1N6765,
JANTX1N6762R, JANTX1N6763R, JANTX1N6764R, JANTX1N6765R,
JANTXV1N6762, JANTXV1N6763, JANTXV1N6764, JANTXV1N6765,
JANTXV1N6762R JANTXV1N6763R JANTXV1N6764R JANTXV1N6765R
PRIMARY ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS @ 25C Per Diode
MIL-PRF 19500 642 642 642 642
PART NUMBER 1N6762, 1N6763, 1N6764, 1N6765, 1N6762R 1N6763R 1N6764R 1N6765R
VR W M TC = 100 C 50 V 100 V 150 V 200 V
I Amps F 8.3 mSec 12 A 12 A 12 A 12 A
I Surge F 165 165 165 165 A A A A
R OJC Temp Range 2 0 C/W . 2 0 C/W . 2 0 C/W . 2 0 C/W .
Operating -65 -65 -65 -65 C C C C to to to to + + + + 150 150 150 150 C C C C
ELECTRICAL CHARACTERISTICS @ 25C Per Diode
MIL-PRF 19500 642 642 642 642 PART NUMBER VF @6A 0.95 0.95 0.95 0.95 V V V V VF @ 12 A 1.05 1.05 1.05 1.05 V V V V I R @ 25 10 10 10 10 I R @ 100 C 500 500 500 500 a a a a tR R I = 1.0A, F di/dt = 50A/ua 35 nsec 35 nsec 35 nsec 35 nsec CJ f = 1.0 MHZ 300 300 300 300 pF pF pF pF
C
1N6762, 1N6763, 1N6764, 1N6765,
1N6762R 1N6763R 1N6764R 1N6765R
a a a a
PRIMARY ELECTRICAL CHARACTERISTICS @ TC = 25 C
MIL-PRF 19500 642 642 642 642 PART NUMBER 1N6762, 1N6763, 1N6764, 1N6765, JANTX, JANTX, JANTX, JANTX, JANTXV JANTXV JANTXV JANTXV V R W M,Volts 5 0 100 150 200 V F @ 12A 1.05 1.05 1.05 1.05 I Amps F @ TC = 100 12 12 12 12
205 Crawford Street, Leominster, MA 01453 USA (978) 534-5776 FAX (978) 537-4246 Visit Our Web Site at www.omnirel.com


▲Up To Search▲   

 
Price & Availability of 1N6762

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X