Part Number Hot Search : 
1N6291A B1426 BD718 V122K KSA614O 102MB NTE7027 IRFD321R
Product Description
Full Text Search
 

To Download VFT150-28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VFT150-28
VHF POWER MOSFET
N-Channel Enhancement Mode
DESCRIPTION:
The VFT150-28 is Designed for General Purpose Class B Power Amplifier Applications up to 175 MHz.
PACKAGE STYLE .500 4L FLG
.112x45 A L
FEATURES:
* PG = 10 dB Typical at 175 MHz * 10:1 Load VSWR Capability * OmnigoldTM Metalization System
FULL R
S
D S
D G F K
O.125 NOM.
C B
G
E H
IJ
MAXIMUM RATINGS
DIM
MINIMUM
inches / mm
MAXIMUM
inches / mm
ID VDSS VGS PDISS TJ T STG JC
16 A 65 V 40 V 300 W @ TC = 25 C -65 OC to +200 OC -65 OC to +150 OC 0.6 OC/W
O
A B C D E F G H I J K L
.220 / 5.59 .125 / 3.18 .245 / 6.22 .720 / 18.28 .125 / 3.18 .970 / 24.64 .495 / 12.57 .003 / 0.08 .090 / 2.29 .150 / 3.81 .980 / 24.89
.230 / 5.84
.255 / 6.48 .7.30 / 18.54
.980 / 24.89 .505 / 12.83 .007 / 0.18 .110 / 2.79 .175 / 4.45 .280 / 7.11 1.050 / 26.67
ORDER CODE: ASI 10700
NONE
CHARACTERISTICS
SYMBOL
BV DSS IDSS IGSS VGS(th) gfs Ciss Coss Crss PG D
TC = 25 OC
TEST CONDITIONS
ID = 100 mA VDS = 28 V VDS = 0 V ID = 100 mA ID = 5 A VGS = 0 V VGS = 20 V VDS = 10 V VDS = 10 V
MINIMUM
60
TYPICAL MAXIMUM
5.0 1.0
UNITS
V mA A V mS
1.0 3500 375 190 25 8.5 50 10 60
5.0
VDS = 28 V VDD = 28 V
VGS = 0 V IDQ = 250 mA
f = 1.0 MHz Pout = 150 W f = 175 MHz
pF dB %
VSWR = 10:1 AT ALL PHASE ANGLES
NO DEGRADATION IN OUTPUT POWER
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of VFT150-28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X