Part Number Hot Search : 
04365 FU9120N 02201 T0805BH SRA2206 1227A LTC26 AT5660H
Product Description
Full Text Search
 

To Download UCQ5821LW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5821
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
A merged combination of bipolar and MOS technology gives these devices an interface flexibility beyond the reach of standard logic buffers and power driver arrays. The UCN5821A and UCN5821LW each have an eight-bit CMOS shift register and CMOS control circuitry, eight CMOS data latches, and eight bipolar current-sinking Darlington output drivers. BiMOS II devices have much higher data-input rates than the original BiMOS circuits. With a 5 V logic supply, they will typically operate at better than 5 MHz. With a 12 V supply, significantly higher speeds are obtained. The CMOS inputs are compatible with standard CMOS and NMOS logic levels. TTL circuits may require the use of appropriate pull-up resistors. By using the serial data output, the drivers can be cascaded for interface applications requiring additional drive lines. The UCN5821A are furnished in a standard 16-pin plastic DIP; the UCN5821LW are in a 16-lead wide-body SOIC for surface-mount applications. The UCN5821A is also available for operation from -40C to +85C. To order, change the prefix from `UCN' to `UCQ'.
Data Sheet 26185.12F
CLOCK SERIAL DATA IN LOGIC GROUND LOGIC SUPPLY SERIAL DATA OUT STROBE OUTPUT ENABLE POWER GROUND
1 2 3 4 5 6 7 8
CLK
16 15
OUT 1 OUT 2 OUT 3 OUT 4 OUT 5 OUT 6 OUT 7 OUT 8
SHIFT REGISTER
14
LATCHES
VDD
13 12 11 10 9
ST OE
SUB
Dwg. PP-026A
Note the DIP package and the SOIC package are electrically identical and share common terminal number assignments.
ABSOLUTE MAXIMUM RATINGS at 25C Free-Air Temperature
Output Voltage, VOUT ..................... 50 V Logic Supply Voltage, VDD ............. 15 V Input Voltage Range, VIN .................. -0.3 V to VDD + 0.3 V Continuous Output Current, IOUT ..................................... 500 mA Package Power Dissipation, PD Package Code `A' .................. 2.1 W Package Code `LW' ............... 1.5 W Operating Temperature Range, TA ............................ -20C to +85C Storage Temperature Range, TS .......................... -55C to +150C
Caution: CMOS devices have input static protection but are susceptible to damage when exposed to extremely high static electrical charges.
FEATURES s To 3.3 MHz Data Input Rate s CMOS, NMOS, TTL Compatible s Internal Pull-Down Resistors s Low-Power CMOS Logic & Latches s High-Voltage Current-Sink Outputs s Automotive Capable
Always order by complete part number, e.g., UCN5821A .
www.allegromicro.com
5821 8-BIT SERIAL-INPUT, LATCHED DRIVERS
TYPICAL INPUT CIRCUITS
V DD
CLOCK SERIAL DATA IN LOGIC GROUND
1
FUNCTIONAL BLOCK DIAGRAM
VDD
4
LOGIC SUPPLY SERIAL DATA OUT STROBE OUTPUT ENABLE (ACTIVE LOW)
2
SERIAL-PARALLEL SHIFT REGISTER
5
3
LATCHES
6
IN
7
STROBE & OUTPUT ENABLE
16 15 14 13 12 11 10 9
MOS BIPOLAR
8
POWER GROUND
Dwg. FP-013A
SUB
OUT 1 OUT 2 OUT 3 OUT 4 OUT 5 OUT 6 OUT 7 OUT 8
Dwg. EP-010-3
NOTE -- There is an indeterminate resistance between logic ground and power ground. For proper operation, these terminals must be externally connected together.
VDD
CLOCK & SERIAL DATA IN
IN
Number of Outputs ON (IOUT = 200 mA VDD = 12 V) 8 7 6 5 4 3 2 1
UCN5821A Max. Allowable Duty Cycle at Ambient Temperature of 25C 40C 50C 60C 70C 90% 100% 100% 100% 100% 100% 100% 100% 79% 90% 100% 100% 100% 100% 100% 100% 72% 82% 96% 100% 100% 100% 100% 100% 65% 74% 86% 100% 100% 100% 100% 100% 57% 65% 76% 91% 100% 100% 100% 100%
Dwg. EP-010-4A
TYPICAL OUTPUT DRIVER
OUT
Number of Outputs ON (IOUT = 200 mA VDD = 12 V) 8 7 6 5 4 3 2 1
UCN5821LW Max. Allowable Duty Cycle at Ambient Temperature of 25C 40C 50C 60C 70C 67% 77% 90% 100% 100% 100% 100% 100% 59% 68% 79% 95% 100% 100% 100% 100% 54% 62% 72% 86% 100% 100% 100% 100% 49% 56% 65% 78% 98% 100% 100% 100% 43% 49% 57% 68% 86% 100% 100% 100%
7.2K
3K SUB
Dwg. No. A-14,314
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1985, 2004 Allegro MicroSystems, Inc.
5821 8-BIT SERIAL-INPUT, LATCHED DRIVERS
ELECTRICAL CHARACTERISTICS at TA = +25C, VDD = 5 V (unless otherwise specified).
Limits Characteristic Output Leakage Current Collector-Emitter Saturation Voltage VCE(SAT) Symbol ICEX VOUT = 50 V VOUT = 50 V, TA = +70C IOUT = 100 mA IOUT = 200 mA IOUT = 350 mA, VDD = 7.0 V Input Voltage VIN(0) VIN(1) VDD = 12 V VDD = 5.0 V Input Resistance rIN VDD = 12 V VDD = 5.0 V Supply Current IDD(ON) One Driver ON, VDD = 12 V One Driver ON, VDD = 10 V One Driver ON, VDD = 5.0 V IDD(OFF) VDD = 5.0 V, All Drivers OFF, All Inputs = 0 V VDD = 12 V, All Drivers OFF, All Inputs = 0 V Test Conditions Min. -- -- -- -- -- -- 10.5 3.5 50 50 -- -- -- -- -- Max. 50 100 1.1 1.3 1.6 0.8 -- -- -- -- 4.5 3.9 2.4 1.6 2.9 Units A A V V V V V V k k mA mA mA mA mA
www.allegromicro.com
5821 8-BIT SERIAL-INPUT, LATCHED DRIVERS
Serial Data present at the input is transferred to the shift register on the logic "0" to logic "1" transition of the CLOCK input pulse. On succeeding CLOCK pulses, the registers shift data information towards the SERIAL DATA OUTPUT. The SERIAL DATA must appear at the input prior to the rising edge of the CLOCK input waveform.
G
CLOCK A B DATA IN E C STROBE F D
OUTPUT ENABLE OUT N
Dwg. No. A-12,627
TIMING CONDITIONS
(VDD = 5.0 V, TA = +25C, Logic Levels are VDD and Ground)
A. Minimum Data Active Time Before Clock Pulse (Data Set-Up Time) ....................................................................... 75 ns B. Minimum Data Active Time After Clock Pulse (Data Hold Time) ........................................................................... 75 ns C. Minimum Data Pulse Width .............................................................. 150 ns D. Minimum Clock Pulse Width ............................................................ 150 ns E. F. Minimum Time Between Clock Activation and Strobe ....................... 30 ns Minimum Strobe Pulse Width ........................................................... 100 ns
Information present at any register is transferred to its respective latch when the STROBE is high (serial-to-parallel conversion). The latches will continue to accept new data as long as the STROBE is held high. Applications where the latches are bypassed (STROBE tied high) will require that the ENABLE input be high during serial data entry. When the ENABLE input is high, all of the output buffers are disabled (OFF) without affecting the information stored in the latches or shift register. With the ENABLE input low, the outputs are controlled by the state of the latches.
G. Typical Time Between Strobe Activation and Output Transition .......................................................................... 1.0 s
TRUTH TABLE
Serial Shift Register Contents Data Clock Input Input I1 I2 I3 .............. I8 H L X H L R1 R2 .............. R7 R1 R2 .............. R7 X X .............. X Serial Data Strobe Output Input R7 R7 R8 X P8 L H R1 R2 R3 .............. R8 P1 P2 P3 .............. P8 X L = Low Logic Level H = High Logic Level X = Irrelevant X X .............. X L H P1 P2 P3 .............. H H H .............. P8 H Latch Contents I1 I2 I3 .............. I8 Output Enable Output Contents I1 I2 I3 .............. I8
R1 R2 R3 .............. R8 X P1 P2 P3 .............. P8
P = Present State
R = Previous State
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
5821 8-BIT SERIAL-INPUT, LATCHED DRIVERS
UCN5821A
Dimensions in Inches (controlling dimensions)
16 9 0.014 0.008
0.430 0.280 0.240
MAX
0.300
BSC
1 0.070 0.045
0.100 0.775 0.735
BSC
8 0.005
MIN
0.210
MAX
0.015
MIN
0.150 0.115 0.022 0.014
Dwg. MA-001-16A in
Dimensions in Millimeters (for reference only)
16 9 0.355 0.204
10.92 7.11 6.10
MAX
7.62
BSC
1 1.77 1.15
2.54 19.68 18.67
BSC
8 0.13
MIN
5.33
MAX
0.39
MIN
3.81 2.93 0.558 0.356
Dwg. MA-001-16A mm
NOTES: 1. Lead thickness is measured at seating plane or below. 2. Lead spacing tolerance is non-cumulative. 3. Exact body and lead configuration at vendor's option within limits shown.
www.allegromicro.com
5821 8-BIT SERIAL-INPUT, LATCHED DRIVERS
UCN5821LW
Dimensions in Inches (for reference only)
16 9 0.0125 0.0091
0.2992 0.2914
0.419 0.394
0.050 0.016 0.020 0.013 1 2 3 0.4133 0.3977 0.050
BSC
0 TO 8
0.0926 0.1043 0.0040 MIN.
Dwg. MA-008-16A in
Dimensions in Millimeters (controlling dimensions)
16 9 0.32 0.23
7.60 7.40
10.65 10.00
1.27 0.40 0.51 0.33 1 2 3 10.50 10.10 1.27
BSC
0 TO 8
2.65 2.35 0.10 MIN.
Dwg. MA-008-16A mm
NOTES: 1. Lead spacing tolerance is non-cumulative. 2. Exact body and lead configuration at vendor's option within limits shown.
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
5821 8-BIT SERIAL-INPUT, LATCHED DRIVERS
The products described here are manufactured under one or more U.S. patents or U.S. patents pending. Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the information being relied upon is current. Allegro products are not authorized for use as critical components in life-support devices or systems without express written approval. The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor for any infringement of patents or other rights of third parties which may result from its use.
www.allegromicro.com


▲Up To Search▲   

 
Price & Availability of UCQ5821LW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X