Part Number Hot Search : 
BC858C BC858C MAX10 PDA382 A4828 MAX10 MIC5207 BC858C
Product Description
Full Text Search
 

To Download TR250-120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tyco / Electronics Raychem Circuit Protection 308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 Fax: 800-227-4866
PolySwitch(R) PTC Devices
Overcurrent Protection Device
PRODUCT: TR250-120
DOCUMENT: SCD 22547 PCN: 018960, 395235 REV LETTER: J REV DATE: JANUARY 14, 2002 PAGE NO.: 1 OF 1
Specification Status: RELEASED
Max Electrical Rating at 20C
Operating Voltage: 60VDC Fault Voltage: 250VRMS Interrupt Current: 3ARMS Lead Material : 22 AWG Sn/Pb plated copper
Marking:
Raychem Logo
20
Part Identification Lot Identification
TABLE I. DIMENSIONS:
A mm: in: Min --Max 6.5 (0.256) Min --B Max 11.0 (0.433) Min --C Max Min 4.6 4.7 (0.180) (0.185) D Max --E Nom 5.0 (0.197) F Max 7.0 (0.276)
TABLE II. PERFORMANCE RATINGS @ 20C (unless otherwise noted):
IHOLD (A) RESISTANCE () @ 20 C TIME TO TRIP @ 1A OPERATING TEMPERATURE (C) MAX 85
20C 0.120
70C 0.060
R MIN R MAX R1 MAX* Seconds, Typical MIN 4.0 8.0 16.0 1.5 -40 *Maximum device resistance at 20C measured 1 hour post trip.
Additional Rating @ 20C Lightning Withstand: ITU @ 1.5KV Storage Temperature: -40 to 85 C
Reference Documents: Precedence: Effectivity: CAUTION:
PS300 This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.


▲Up To Search▲   

 
Price & Availability of TR250-120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X