Part Number Hot Search : 
AN7116 1N5349 SBT3906 CY7C15 20100 ON0527 V24B12C KE47A
Product Description
Full Text Search
 

To Download TEN12-4812 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converter
TEN 12 Series
Features
Ultrawide 4 : 1 Input Range 9 - 36 VDC and 18 - 75 VDC Full SMD-Design Input Filter meets EN 55022, Class A and FCC, Level A without external Components Indefinite Short-Circuit Protection Overvoltage Protection I/O-Isolation 1500 VDC 2" x 1" Metal Package Insulated Baseplate Industry Standard Pinout 2 Year Product Warranty
12 Watt
The TEN 12 series of DC/DC converters has been designed for a wide range of applications including communications, industrial systems and battery powered mobile equipments. Key features are high power density (12 W in a 2"x1"x 0.4" package) and ultrawide input ranges of 9 - 36 VDC and 18 - 75 VDC. Other features of this converter are internal filtering according to EN 55022, level A, safety approval to EN 60950 and UL 1950, wide operating temperature range and remote on/off (opt.).
Models
Ordercode TEN 12-2410 TEN 12-2411 TEN 12-2412 TEN 12-2413 TEN 12-2421 TEN 12-2422 TEN 12-2423 TEN 12-4810 TEN 12-4811 TEN 12-4812 TEN 12-4813 TEN 12-4821 TEN 12-4822 TEN 12-4823 Input voltage range Output voltage 3,3 5 12 15 5 12 15 3,3 5 12 15 5 12 15 VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC Output current max. 2`400 2`000 1`000 800 1`000 500 400 2`400 2`000 1`000 800 1`000 500 400 mA mA mA mA mA mA mA mA mA mA mA mA mA mA Efficiency typ. 78 % 82 % 84 % 84 % 82 % 84 % 84 % 78 % 82 % 84 % 84 % 82 % 84 % 84 %
9 - 36 VDC
18 - 75 VDC
www.tracopower.com
Page 1
DC/DC Converter
TEN 12 Series 12 Watt
Input Specifications
Input current (no load) Input current (full load) 24 Vin models 48 Vin models 24 Vin; 24 Vin; 24 Vin; 48 Vin; 48 Vin; 48 Vin; 3.3 Vout models: 5 & 5 Vout models: other output models: 3.3 Vout models: 5 & 5 Vout models: other output models: 40 mA typ. 20 mA typ. 425 mA typ. 510 mA typ. 600 mA typ. 215 mA typ. 255 mA typ. 300 mA typ. 42 V max.. 84 V max. 1.0 A max. EN 55022 level A, FCC part 15, level A 1% 0.5 % max. 0.5 % max. 50 mVpk-pk typ. 0.02 % / C >110% of Iout max. foldback Hiccup mode, indefinite (automatic recovery) 470 F max. 100 F max. - 40 C ... + 60 C + 95 C max. - 40 C ... + 125 C above 60C: 3% /C 95 % rel H max. > 700'000 h @ +25 C 1`500 VDC 200 pF typ > 1`000 M Ohm 400 kHz typ. (Pulse width modulation PWM) ON: OFF: OFF idle current: 2.5 ... 5.5 VDC or open circuit. 0 ... 0.8 VDC or short circuit pin 2 and pin 6 10 mA max. UL 1950, EN 60950, IEC 60950 Compliance up to 60 VDC input voltage (SELV limit) cUL/UL File E188913
Surge voltage (1 sec. max.) Reverse voltage protection Conducted noise (input)
24 Vin models 48 Vin models
Output Specifications
Voltage set accuracy Regulation - Input variation Vin min. to Vin max. - Load variation 10 - 90 %
Ripple and noise (20 MHz Bandwidth) Temperature coefficient Output current limitation Short circuit protection Capacitive load - single output models - dual output models - Operating - Case temperature - Storage
General Specifications
Temperature ranges
Derating Humidity (non condensing) Reliability, calculated MTBF (MIL-HDBK-217 E) Isolation voltage Isolation capacity Input/Output Input/Output
Isolation resistance Input/Output (500 VDC) Switching frequency (fixed) Remote ON/OFF (optional):
Safety standards: Safety approvals:
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. www.tracopower.com Page 2
DC/DC Converter
TEN 12 Series 12 Watt
Physical Specifications
Case material Baseplate Potting material Weight Soldering temperature Steel chrome-nickel plated Epoxy Silicon rubber (flammability to UL 94 V-0) 30 g (1.2 oz) max. 250 C / 10 sec.
Outline Dimensions mm (inches)
50.8 0.5
(2.0
0.02)
Pin-Out
Pin 1 2 3
(0.4)
Single +Vin (Vcc) -Vin (GND) +Vout No pin -Vout
Dual +Vin (Vcc) -Vin (GND) +Vout Common -Vout
15.2
(0.598
0.5
0.02)
20.32
(0.8)
10.16 10.16
25.4 0.5
7 .62 5.08
(0.3) (0.2)
(0.4)
(1.0
3 Bottom View 1 4 2 6 (optional) 5
20.32
(0.8)
0.02)
4 5 6
Remote on/off Remote on/off (option) (option)
0.02)
0.5
(0.098
0.5
(0.098
2.5
2.5
0.02)
6.0 10.2 0.5
Insulated Baseplate Pin diameter o 1.0 0.05 (0.039) 0.002
Specifications can be changed without notice
Rev. 07/01
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41-1284 2911 * Fax +41-1201 1168 * e-mail: sales@traco.ch
(0.236) (0.402
0.02)
*
internet: http://www.tracopower.com
Page 3


▲Up To Search▲   

 
Price & Availability of TEN12-4812

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X