Part Number Hot Search : 
SMCJ13 SF200 SMCJ13 MX7535AD SMCJ13 24A09 S72NXXSF SDR999N
Product Description
Full Text Search
 

To Download SUF4003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultrafast Switching Surface Mount Si-Rectifiers
Version 2004-10-01
w
5.0
w
Type Typ
0.5
ta a D . w
2.5
Sh
et e
4U
.c
m SUF4001 ... SUF4007 o
Ultraschnelle Si-Gleichrichter fur die Oberflachenmontage Nominal current - Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case MELF Kunststoffgehause MELF Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle 1A 50...1000 V DO-213AB 0.12 g
Dimensions / Mae in mm
Maximum ratings Type Typ SUF4001 SUF4002 SUF4003 SUF4004 SUF4005 SUF4006 SUF4007 Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 50 100 200 400 600 800 1000
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Peak forward surge current, 60 Hz half sine-wave Stostrom fur eine 60 Hz Sinus-Halbwelle Rating for fusing - Grenzlastintegral, t < 10 ms
w
w
w
t a .D
S a
e h
U t4 e
.c
m o
Grenzwerte
0.5
Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 50 100 200 400 600 800 1000
TA = 50C f > 15 Hz
IFAV IFRM IFSM IFSM i2t
1 A 1) 10 A 1)
TA = 25C TA = 25C TA = 25C
27 A
1
) Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschlu
160
w
w
w
.D
a
aS t
ee h
4U t
30 A
om .c
3,6 A2s
SUF4001 ... SUF4007 Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Tj TS - 50...+175C - 50...+175C
Characteristics Type Typ SUF4001 ... SUF4003 SUF4004 SUF4005 ... SUF4007 Reverse recovery time Sperrverzugszeit trr [ns] 1) < 50 < 50 < 75
Kennwerte Forward voltage Durchlaspannung VF [V] at / bei IF [A] < 1.0 < 1.25 < 1.7 1 1 1
Leakage current Sperrstrom
Tj = 25C Tj = 100C
VR = VRRM VR = VRRM
IR IR RthA RthT
< 10 A < 50 A < 45 K/W 2)
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to terminal Warmewiderstand Sperrschicht - Kontaktflache
< 10 K/W
120
10
[%]
100
[A]
SUF4001...3
1 80 60 40 10 20
-2
SUF4004
SUF4005...7
0.1
IFAV
0
Rated forward current versus ambient temperature1) 1 Zul. Richtstrom in Abh. von der Umgebungstemp. )
IF TA [C]
10-3
Tj = 25C
VF
[V]
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
1 2
) IF = 0.5 A through/uber IR = 1 A to/auf IR = 0.25 A ) Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschlu
161


▲Up To Search▲   

 
Price & Availability of SUF4003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X