Part Number Hot Search : 
65110 2DL32 R48H05 BUV50 0603C IRFZ2 SP490EC SLA608L
Product Description
Full Text Search
 

To Download STTH30R06C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STTH30R06CW
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
MAIN PRODUCT CHARACTERISTICS IF(AV) VRRM IRM (typ.) Tj (max) VF (max) trr (max) FEATURES AND BENEFITS
s s
2 x 15 A 600 V 8A 175 C 1.8 V 50 ns
A1 K A2
s
s
Ultrafast switching Low reverse recovery current Reduces switching losses Low thermal resistance
TO-247 STTH30R06CW
DESCRIPTION The STTH30R06CW, which is using ST Turbo 2 600V technology, is specially suited as boost diode in continuous mode power factor corrections and hard switching conditions. The device is also intended for use as a free wheeling diode in power supplies and other power switching applications.
ABSOLUTE RATINGS (limiting values) Symbol VRRM IF(RMS) IF(AV) IFSM Tstg Tj Parameter Repetitive peak reverse voltage RMS forward current Average forward current Surge non repetitive forward current Storage temperature range Maximum operating junction temperature Per diode Per device tp = 10 ms Sinusoidal Value 600 30 15 30 120 - 65 + 175 175 Unit V A A A C C
July 2001 - Ed: 1A
1/5
STTH30R06CW
THERMAL RESISTANCES Symbol Rth (j-c) Junction to case Parameter Per diode Total Rth (c) Coupling Value 1.5 1.0 0.5 Unit C/W
STATIC ELECTRICAL CHARACTERISTICS (per diode) Symbol IR Parameter Reverse leakage current Forward voltage drop Tests conditions VR = 600V Tj = 25C Tj = 125C IF = 15 A Tj = 25C Tj = 125C To evaluate the maximum conduction losses use the following equation : P = 1.16 x IF(AV) + 0.043 IF2(RMS) 1.4 70 Min. Typ. Max. 60 800 2.9 1.8 V Unit A
VF
DYNAMIC ELECTRICAL CHARACTERISTICS Symbol trr Tests conditions IF = 0.5 A Irr = 0.25 A IR = 1A IF = 1 A dIF/dt = - 50 A/s VR = 30V IRM S factor Qrr tfr VFP IF = 15 A dIF/dt = 120 A/s VFR = 1.1 x VFmax Tj = 25C VR = 400 V IF = 15A dIF/dt = - 200A/s Tj = 125C 7.5 0.15 220 200 6 nC ns V Tj = 25C Min. Typ. Max. 30 50 9.0 A Unit ns
2/5
STTH30R06CW
Fig. 1: Conduction losses versus average current (per leg).
P(W)
40
= 0.05 = 0.1 = 0.2 = 0.5
Fig. 2: Forward voltage drop versus forward current (per leg).
IFM(A)
120 110 100
35 30 25 20 15 10 5 0 0 2 4 6 8 10 12 14
T
=1
Tj=125C (Maximum values)
90 80 70 60 50 40 30 20
Tj=25C (Maxumim values) Tj=125C (Typical values)
IF(av)(A)
=tp/T
16 18
tp
10 0
VFM(V)
0 1 2 3 4 5 6
20
Fig. 3: Relative variation of thermal impedance junction to case versus pulse duration.
Zth(j-c)/Rth(j-c)
1.0 0.9
Fig. 4: Peak reverse recovery current versus dIF/dt (90% confidence, per leg).
IRM(A)
30
VR=400V Tj=125C IF=2 x IF(av)
25
0.8
IF=IF(av)
0.7 0.6 0.5 0.4 0.3 0.2
Single pulse = 0.2 = 0.1 = 0.5
20
IF=0.5 x IF(av)
15
IF=0.25 x IF(av)
10
T
5
0.1 0.0 1.E-03
tp(s)
1.E-02 1.E-01
=tp/T
dIF/dt(A/s)
tp
0 0 200 400 600 800 1000
1.E+00
Fig. 5: Reverse recovery time versus dIF/dt (90% confidence, per leg).
trr(ns)
100 90 80
VR=400V Tj=125C
Fig. 6: Reverse recovery charges versus dIF/dt (90% confidence, per leg).
Qrr(nC)
800 700 600
VR=400V Tj=125C IF=2 x IF(av)
70
IF=0.5 x IF(av)
60 50 40 30
500
IF=IF(av) IF=2 x IF(av)
IF=IF(av)
400 300
IF=0.5 x IF(av)
200
20 10 0 0 200 400 600 800 1000
dIF/dt(A/s)
100 0 0 200
dIF/dt(A/s)
400 600 800 1000
3/5
STTH30R06CW
Fig. 7: Softness factor versus dIF/dt (typical values, per leg).
S factor
0.35
IF=IF(av) VR=400V Tj=125C
Fig. 8: Relative variation of dynamic parameters versus junction temperature.
2.50 2.25 2.00 1.75
S factor IF=IF(av) VR=400V Tj=125C
0.30
0.25
1.50 1.25
0.20
1.00 0.75
IRM
0.15
0.50 0.25
Qrr
dIF/dt(A/s)
0.10 0 200 400 600 800 1000
Tj(C)
Reference: Tj=125C
0.00 25 50 75
100
125
Fig. 9: Transient peak forward voltage versus dIF/dt (90% confidence, per leg).
VFP(V)
12 11 10 9 8 7 6 5 4 3 2 1 0 0 100 200 300 400 500
IF=IF(av) Tj=125C
Fig. 10: Forward recovery time versus dIF/dt (90% confidence, per leg).
tfr(ns)
260 240 220 200 180 160 140 120 100 80 60 40
IF=IF(av) VFR=1.1 x VF max. Tj=125C
dIF/dt(A/s)
20 0 0 100
dIF/dt(A/s)
200 300 400 500
Fig. 11: Junction capacitance versus reverse voltage applied (typical values, per leg).
C(pF)
1000
F=1MHz Vosc=30mV Tj=25C
100
VR(V)
10 1 10 100 1000
4/5
STTH30R06CW
PACKAGE MECHANICAL DATA TO-247 DIMENSIONS REF.
V
Millimeters
Inches
Min. Typ. Max. Min. Typ. Max.
Dia.
V
H
A
L5
L L2 L4 F2 F3 V2 F(x3) G = = M E F4 L3
F1
L1 D
A 4.85 5.15 0.191 0.203 D 2.20 2.60 0.086 0.102 E 0.40 0.80 0.015 0.031 F 1.00 1.40 0.039 0.055 F1 3.00 0.118 F2 2.00 0.078 F3 2.00 2.40 0.078 0.094 F4 3.00 3.40 0.118 0.133 G 10.90 0.429 H 15.45 15.75 0.608 0.620 L 19.85 20.15 0.781 0.793 L1 3.70 4.30 0.145 0.169 L2 18.50 0.728 L3 14.20 14.80 0.559 0.582 L4 34.60 1.362 L5 5.50 0.216 M 2.00 3.00 0.078 0.118 V 5 5 V2 60 60 Dia. 3.55 3.65 0.139 0.143
Ordering code STTH30R06CW
s
Marking STTH30R06CW
Package TO-247
Weight 4.36 g
Base qty 30
Delivery mode Tube
Epoxy meets UL 94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
5/5


▲Up To Search▲   

 
Price & Availability of STTH30R06C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X