Part Number Hot Search : 
MM3Z27VC LA7668 8C839 AOB7S65 0RPEL V1N4565 NJU7054D LA7668
Product Description
Full Text Search
 

To Download STG2017 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S T G 2017
S amHop Microelectronics C orp. May,18 2005
Dual N-C hannel E nhancement Mode Field E ffect Transistor
P R ODUC T S UMMAR Y
V DS S
20V
F E AT UR E S
( mW ) Max
ID
7A
R DS (ON)
S uper high dense cell design for low R DS (ON).
20 @ V G S = 4.5V 28 @ V G S = 2.5V
R ugged and reliable. S urface Mount P ackage. E S D P rotected.
T S S OP
D1/D2 S1 S1 G1 1 2 3 4 8 7 6 5 D1/D2 S2 S2 G2
D1
D2
G1
G2
(T OP V IE W)
S1
S2
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
P arameter Drain-S ource Voltage Gate-S ource Voltage Drain C urrent-C ontinuous a @ TJ=25 C b -P ulsed Drain-S ource Diode Forward C urrent a Maximum P ower Dissipation a Operating Junction and S torage Temperature R ange S ymbol VDS VGS ID IDM IS PD TJ, TS TG Limit 20 10 7 28 1.7 1.5 -55 to 150 Unit V V A A A W C
THE R MAL C HAR AC TE R IS TIC S
Thermal R esistance, Junction-to-Ambient a R JA 85 C /W
1
S T G 2017
E LE CTR ICAL CHAR ACTE R IS TICS (TA = 25 C unless otherwise noted)
Parameter OFF CHAR ACTE R IS TICS
Drain-S ource Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage BVDSS IDSS IGSS VGS(th) R DS (ON) gFS CISS COSS CRSS
c
S ymbol
Condition
VGS = 0V, ID = 250uA VDS = 16V, VGS = 0V VGS = 10V,VDS = 0V VDS = VGS, ID = 250uA VGS = 4.5V, ID = 5A VGS =2.5V, ID = 3A VDS = 5V, ID =5A
Min Typ C Max Unit
20 1 10 0.5 0.7 16.5 23 12 999 234 144 1.5 20 28 V uA uA V
m ohm m ohm
ON CHAR ACTE R IS TICS b
Gate Threshold Voltage Drain-S ource On-S tate R esistance Forward Transconductance
S
PF PF PF
DYNAMIC CHAR ACTE R IS TICS c
Input Capacitance Output Capacitance R everse Transfer Capacitance VDS =8V, VGS = 0V f =1.0MHZ
S WITCHING CHAR ACTE R IS TICS
Turn-On Delay Time R ise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-S ource Charge Gate-Drain Charge
tD(ON) tr tD(OFF) tf Qg Qgs Qgd
VDD = 10V, ID = 1A, VGEN = 4.5V, R L = 10 ohm R GE N = 10 ohm VDS =10V, ID = 5A, VGS =4.5V
7.6 11.2 40.2 19.1 11.5 2.4 4
ns ns ns ns nC nC nC
2
S T G 2017
E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unless otherwise noted)
Parameter
5
Diode Forward Voltage
S ymbol
VSD
Condition
VGS = 0V, Is =1.7A
Min Typ Max Unit
0.8 1.2 V
C
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS b
Notes a.S urface Mounted on FR 4 Board, t 10sec. b.Pulse Test:Pulse Width 300us, Duty Cycle 2%. c.Guaranteed by design, not subject to production testing.
20 V G S =2.5V 16 12 15
ID, Drain C urrent(A)
ID, Drain C urrent (A)
12
V G S =4.5,4,3V
9
8 4 0
V G S =2V
6 125 C 3 0 0.0 25 C 0.5 1.0 1.5 2.0 2.5 3.0 T j=-55 C
0
1
2
3
4
5
6
V DS , Drain-to-S ource Voltage (V )
V G S , G ate-to-S ource Voltage (V )
F igure 1. Output C haracteris tics
2.2 1500 1200 900 600 300 C rs s 0 0 4 8 12 16 20 24 0 C is s 1.8
F igure 2. Trans fer C haracteris tics
V G S =4.5V ID=5A
RDS(ON), On-Resistance (Normalized)
C , C apacitance (pF )
1.4 1.0 0.6 0.2
C os s
-50
-25
0
25
50
75
100 125 T j( C )
V DS , Drain-to S ource Voltage (V )
F igure 3. C apacitance
F igure 4. On-R es is tance Variation with Temperature
3
S T G 2017
B V DS S , Normalized Drain-S ource B reakdown V oltage V th, Normalized G ate-S ource T hres hold V oltage
1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 0 25 50 75 100 125 V DS =V G S ID=250uA 1.15 ID=250uA 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
with T emperature
30
F igure 6. B reakdown V oltage V ariation with T emperature
20 10
gFS , T rans conductance (S )
20 15 10 5 0 0 3 6 9 V DS =5V 12 15
Is , S ource-drain current (A)
25
1 0 0.4 0.6 0.8 1.0 T J =25 C 1.2 1.4
IDS , Drain-S ource C urrent (A)
V S D, B ody Diode F orward V oltage (V )
F igure 7. T rans conductance V ariation with Drain C urrent
5
ID, Drain C urrent (A)
F igure 8. B ody Diode F orward V oltage V ariation with S ource C urrent
50
V G S , G ate to S ource V oltage (V )
4 3 2 1 0 0
VDS =10V ID=5A
10
R
DS
(O
N)
L im
it
10
10
0m s
ms
11
1s
DC
0.1 0.03
VGS =4.5V S ingle P ulse T c=25 C 0.1 1 10 20 50
2
4
6
8
10
12
14 16
Qg, T otal G ate C harge (nC )
V DS , Drain-S ource V oltage (V )
F igure 9. G ate C harge
F igure 10. Maximum S afe O perating Area
4
S T G 2017
V DD ton toff tr
90%
5
VG S R GE N
V IN D G
RL V OUT
td(on) V OUT
td(off)
90% 10%
tf
10%
INVE R TE D
90%
S
V IN
50% 10%
50%
P ULS E WIDTH
F igure 11. S witching T es t C ircuit
F igure 12. S witching Waveforms
2
r(t),Normalized E ffective T ransient T hermal Impedance
1 Duty C ycle=0.5
0.2 0.1 0.1 0.05 0.02 S ingle P uls e 0.01 10
-4
P DM t1 1. 2. 3. 4. 10
-2
t2
R thJ A (t)=r (t) * R thJ A R thJ A=S ee Datas heet T J M-T A = P DM* R thJ A (t) Duty C ycle, D=t1/t2 10 100
10
-3
10
-1
1
S quare Wave P uls e Duration (s ec)
F igure 13. Normalized T hermal T rans ient Impedance C urve
5
S T G 2017
6
S T G 2017
TSSOP-8 Tape and Reel Data
TSSOP-8 Carrier Tape
UNIT : P PACKAGE TSSOP 8 A0 6.08 B0 4.40 K0 1.60 D0
r1.50 + 0.1 - 0.0
D1
r1.50 + 0.1 - 0.0
E 12.00 O 0.3
E1 1.75
E2 5.50 O 0.05
P0 8.00
P1 4.00
P2 2.00 O0.05
T 0.30 O0.05
TSSOP-8 Reel
UNIT : P TAPE SIZE 12 P REEL SIZE r330 M 330 N 100 W 12.5 W1 16.0 H
r13.0 + 0.5 - 0.2
K 10.6
S 2.0 O0.5
G
R
V
7


▲Up To Search▲   

 
Price & Availability of STG2017

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X