Part Number Hot Search : 
SM16JZ51 0232004 IC18F 9PAMF10 SMB30C 1N5245B SMB30C 9PAMF10
Product Description
Full Text Search
 

To Download SM706 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 polyfet rf devices
SM706
General Description Silicon VDMOS and LDMOS transistors designed specifically for broadband RF applications. Suitable for Militry Radios, Cellular and Paging Amplifier Base Stations, Broadcast FM/AM, MRI, Laser Driver and others. "Polyfet" process features low feedback and output capacitances resulting in high F t transistors with high input impedance and high efficiency.
TM
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR 135.0 Watts Single Ended Package Style AM HIGH EFFICIENCY, LINEAR HIGH GAIN, LOW NOISE
o
ABSOLUTE MAXIMUM RATINGS ( T = 25 C )
Total Device Dissipation 270 Watts Junction to Case Thermal Resistance o 0.65 C/W Maximum Junction Temperature o 200 C Storage Temperature o o -65 C to 150 C DC Drain Current Drain to Gate Voltage 70 V Drain to Source Voltage 70 V Gate to Source Voltage 20 V
16.0 A
RF CHARACTERISTICS ( 135.0 WATTS OUTPUT )
SYMBOL Gps PARAMETER Common Source Power Gain Drain Efficiency Load Mismatch Tolerance MIN 11 75 20:1 TYP MAX UNITS dB % Relative TEST CONDITIONS Idq = 0.80 A, Vds = 28.0 V, F = Idq = 0.80 A, Vds = 28.0 V, F =
175 MHz 175 MHz
VSWR
Idq = 0.80 A, Vds = 28.0 V, F = 175 MHz
ELECTRICAL CHARACTERISTICS ( EACH SIDE )
SYMBOL Bvdss Idss Igss Vgs gM Rdson Idsat Ciss Crss Coss PARAMETER Drain Breakdown Voltage Zero Bias Drain Current Gate Leakage Current Gate Bias for Drain Current Forward Transconductance Saturation Resistance Saturation Current Common Source Input Capacitance Common Source Feedback Capacitance Common Source Output Capacitance 1 7.2 0.16 42.00 300.0 18.0 192.0 MIN 65 6.0 1 7 TYP MAX UNITS V mA uA V Mho Ohm Amp pF pF pF TEST CONDITIONS Ids = 120.00 mA, Vgs = 0V Vds = 28.0 V, Vgs = 0V Vds = 0V Vgs = 30V Ids = 0.60 A, Vgs = Vds Vds = 10V, Vgs = 5V Vgs = 20V, Ids = 15.00 A Vgs = 20V, Vds = 10V Vds = 28.0 Vgs = 0V, F = 1 MHz Vds = 28.0 Vgs = 0V, F = 1 MHz Vds = 28.0 Vgs = 0V, F = 1 MHz
POLYFET RF DEVICES
REVISION 01/28/2002
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
SM706
POUT VS PIN GRAPH
SM706 Pin vs Pout Freq=175MHz, Vds=28Vdc, Idq=.8A
175 14 1000
CAPACITANCE VS VOLTAGE
S1A 6 DICE CAPACITANCE
150 13 125
Ciss
Pout
12 100
100
Coss
75
11
50
Efficiency@120W = 72%
25
Gain
10
Crss
0 0 2 4 6 8 10 12 14 16 18 20 9 10 0 5 10
Pin in Watts
VDS IN VOLTS
15
20
25
30
IV CURVE
S1A 6 DIE IV
45 40 35 30 ID IN AMPS 25 20 15 10 5
ID & GM VS VGS
100.00
S1A 6 DIE ID & GM Vs VG
Id
Id in amps; Gm in mhos
10.00
gM
1.00
0 0 2 vg=2v 4 6 Vg=4v 8 10 12 VDSIN Vg=6v VOLTS vg=8v 14 0 16 18 vg=12v 20
0
2
4
6 8 Vgs in Volts
10
12
14
Zin Zout
PACKAGE DIMENSIONS IN INCHES
Tolerance .XX +/-0.01
.XXX +/-.005 inches
01/28/2002
POLYFET RF DEVICES
REVISION
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com


▲Up To Search▲   

 
Price & Availability of SM706

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X